Electronic Components Datasheet Search |
|
HI-1579PST Datasheet(PDF) 1 Page - Holt Integrated Circuits |
|
HI-1579PST Datasheet(HTML) 1 Page - Holt Integrated Circuits |
1 / 10 page VDDA 1 BUSA 2 3 RXENA 4 GNDA 5 VDDB 6 BUSB 7 8 RXENB 9 GNDB 10 BUSA BUSB 20 19 TXA 18 TXINHA 17 RXA 16 15 14 TXB 13 TXINHB 12 RXB 11 TXA RXA TXB RXB 1579CDI 1579CDT 1579CDM 1581CDI 1581CDT 1581CDM HI-1579, HI-1581 MIL-STD-1553 / 1760 3.3V Monolithic Dual Transceivers DESCRIPTION FEATURES The HI-1579 and HI-1581 are low power CMOS dual transceivers designed to meet the requirements of the MIL-STD-1553 specification. The transmitter section of each bus takes complementary CMOS / TTL Manchester II bi-phase data and converts it to differential voltages suitable for driving the bus isolation transformer. Separate transmitter inhibit control signals are provided for each transmitter. The receiver section of the each bus converts the 1553 bus bi-phase differential data to complementary CMOS / TTL data suitable for inputting to a Manchester decoder. Each receiver has a separate enable input which can be used to force the output of the receiver to a logic "0" (HI-1579) or logic 1 (HI-1581). To minimize the package size for this function, the transmitter outputs are internally connected to the receiver inputs, so that only two pins are required for connection to each coupling transformer. · · · · · · Compliant to MIL-STD-1553A and B, MIL-STD-1760 and ARINC 708A 3.3V single supply operation Smallest footprint available in 7mm x 7mm 44 pin plastic chip-scale package (QFN) Less than 0.5W maximum power dissipation Industrial and extended temperature ranges Industry standard pin configurations October 2009 (DS1579 Rev. G) 10/09 20 Pin Ceramic DIP package 20 Pin Plastic ESOIC - WB package PIN CONFIGURATIONS PIN CONFIGURATIONS -1 RXENA 2 GNDA 3 GNDA 4 GNDA 5 VDDB 6 VDDB 7 BUSB 8 BUSB 9 10 11 BUSB BUSB 33 - 32 - 31 TXINHA 30 RXA 29 28 - 27 - 26 25 TXB 24 TXINHB 23 - RXA TXB 1579PCI 1579PCT 1579PCM 1581PCI 1581PCT 1581PCM 44 Pin Plastic 7mm x 7mm Chip-scale package 1579PSI 1579PST 1579PSM 1581PSI 1581PST 1581PSM 1 BUSA 2 3 RXENA 4 GNDA 5 VDDB 6 BUSB 7 8 RXENB 9 GNDB 10 VDDA BUSA BUSB 20 19 TXA 18 TXINHA 17 RXA 16 15 14 TXB 13 TXINHB 12 RXB 11 TXA RXA TXB RXB HOLT INTEGRATED CIRCUITS www.holtic.com |
Similar Part No. - HI-1579PST |
|
Similar Description - HI-1579PST |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |