Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-1579PSIF Datasheet(PDF) 9 Page - Holt Integrated Circuits

Part # HI-1579PSIF
Description  3.3V Monolithic Dual Transceivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1579PSIF Datasheet(HTML) 9 Page - Holt Integrated Circuits

Back Button HI-1579PSIF Datasheet HTML 2Page - Holt Integrated Circuits HI-1579PSIF Datasheet HTML 3Page - Holt Integrated Circuits HI-1579PSIF Datasheet HTML 4Page - Holt Integrated Circuits HI-1579PSIF Datasheet HTML 5Page - Holt Integrated Circuits HI-1579PSIF Datasheet HTML 6Page - Holt Integrated Circuits HI-1579PSIF Datasheet HTML 7Page - Holt Integrated Circuits HI-1579PSIF Datasheet HTML 8Page - Holt Integrated Circuits HI-1579PSIF Datasheet HTML 9Page - Holt Integrated Circuits HI-1579PSIF Datasheet HTML 10Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PACKAGE DIMENSIONS
20-PIN PLASTIC SMALL OUTLINE (ESOIC) - WB
(Wide Body, Thermally Enhanced)
inches (millimeters)
Package Type: 20HWE
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
Electrically isolated heat sink
pad on bottom of package.
Connect to any ground or
power plane for optimum
thermal dissipation.
Detail A
.504 ± .008
(12.79 ± .19)
.295 ± .002
(7.493 ± .05)
0° to 8°
.090 ± .01
(2.29 ± .25)
.205
(5.21)
.290
(7.37)
Bottom
View
Top View
.407 ± .013
(10.325 ± .32)
.033 ± .017
(.838 ± .432)
.0075 ± .004
(.191 ± .089)
.0165 ± .0035
(.419 ± .089)
.050
(1.27)
BSC
See Detail A
typ
typ
.0105 ± .0015
(.267 ± .038)
20-PIN CERAMIC SIDE-BRAZED DIP
inches (millimeters)
Package Type: 20C
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
.017
±.002
(.432
±.051)
.100
(2.54)
.310
±.010
(7.874
±.254)
.125
(3.175)
.050 TYP.
(1.270 TYP.)
.200
(5.080)
1.000
±.010
(25.400
±.254)
.010
+ .002/-.001
(.254
±.051/-.025)
.300
± .010
(7.620
± .254)
.085
±.009
(2.159
± .229)
BSC
max
min
HOLT INTEGRATED CIRCUITS
9


Similar Part No. - HI-1579PSIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1579A HOLTIC-HI-1579A Datasheet
69Kb / 9P
   3.3V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 3.3V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_15 Datasheet
83Kb / 10P
   The transmitter section of each bus takes complementary
HI-1579 HOLTIC-HI-1579_16 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
More results

Similar Description - HI-1579PSIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1579 HOLTIC-HI-1579_16 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579A HOLTIC-HI-1579A Datasheet
69Kb / 9P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573 Datasheet
164Kb / 9P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573_15 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573_13 Datasheet
85Kb / 11P
   MIL-STD-1553 3.3V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 3.3V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567 Datasheet
216Kb / 7P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1567 HOLTIC-HI-1567_16 Datasheet
83Kb / 11P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_09 Datasheet
97Kb / 10P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565 Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com