Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-6121PQI Datasheet(PDF) 11 Page - Holt Integrated Circuits

Part # HI-6121PQI
Description  MIL-STD-1553 Remote Terminal ICs
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-6121PQI Datasheet(HTML) 11 Page - Holt Integrated Circuits

Back Button HI-6121PQI Datasheet HTML 7Page - Holt Integrated Circuits HI-6121PQI Datasheet HTML 8Page - Holt Integrated Circuits HI-6121PQI Datasheet HTML 9Page - Holt Integrated Circuits HI-6121PQI Datasheet HTML 10Page - Holt Integrated Circuits HI-6121PQI Datasheet HTML 11Page - Holt Integrated Circuits HI-6121PQI Datasheet HTML 12Page - Holt Integrated Circuits HI-6121PQI Datasheet HTML 13Page - Holt Integrated Circuits HI-6121PQI Datasheet HTML 14Page - Holt Integrated Circuits HI-6121PQI Datasheet HTML 15Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 116 page
background image
mode command is legal, the RT “responds in form” and updates status. If a mode command is illegal,
the RT asserts Message Error status and (if non-broadcast) transmits only its Status Word without
associated data word. Later in this data sheet, the section “RT Message Responses, Options &
Exceptions” fully describes terminal response for each mode code value, command word
bit
state, and option settings.
If this bit is high, undefined mode code commands are treated as invalid: There is no RT recognition of
an invalid command, no RT command response, and no status updating for the benefit of following
“transmit status” or “transmit last command” mode commands.
2
NOTICE2
If this bit is high, the terminal stores data associated with broadcast commands separately from data
associated with non-broadcast commands to meet the requirements of MIL-STD-1553B Notice 2. If
this bit is low, broadcast command data is stored in the same buffer as non-broadcast command data.
1
SMCP
Simplified Mode Command Processing.
When asserted the device applies simplified processing for all valid mode code commands. The later
section entitled “Mode Command Processing” describes this option.
(0x0001)
This 16-bit register is Read-Write and is fully maintained by the host. All bits are active high. This register is cleared after
pin Master Reset, but is unaffected by SRST software reset.
15
TOSEL1
Time-Out Select for RT-RT Receive Commands.
14
TOSEL0
These bits select the “no response” time-out for RT-RT receive commands. Message error occurs
when the transmitting Remote Terminal fails to begin transmission before time-out occurs. Time
interval boundaries are defined in RT validation test plan Figure 8 “RT-RT Timeout Measurement.”
MIL-STD-1553B stipulates that 54 to 60us is the acceptable range for time-out. However, longer
time-out options are provided for systems using long buses and/or utilizing bus repeaters that add
delay to bus traffic. RT-RT time-out can be selected from the following options:
1
1
150 us
1
0
125 us
0
1
100 us
0
0
57 us
(default after
pin master reset)
13
TRXDB
Temporary Receive Data Buffer.
Setting this bit enables a temporary data buffer for all receive commands. When enabled, the RT
stores received data words in a 32-word data buffer during message processing. Upon error-free
message completion, all saved words are written to data buffer memory in a burst. When the
temporary receive data buffer is disabled, the RT writes each received data word to the subaddress
data buffer memory as it is received. Should message error occur during data word reception, this
mode results in loss of data integrity, as vaild data from the prior command is partially overwritten by
data from a message with error. MIL-STD-1553 states that data should be disregarded for messages
CONFIGURATION REGISTER 2
Bit No.
Mnemonic Function
TOSEL1
TOSEL0 RT-RT Time-Out
T/R
0
SSRD8
Single-Strobe Read for 8-Bit Parallel Bus Mode.
This bit only applies to HI-6120 (not HI-6121) and only applies when the parallel host bus is
configured for 8-bit bus width. When performing 2-byte read accesses of external memory, some
microprocessors with 8-bit bus assert individual Read Enable (or
) pulses for high and low
bytes. Other microprocessors assert a single, wider Read Enable (or
) pulse, while simply
changing the low address bit (A0 /
) to access the two bytes. For this last case, the SSRD8 bit
should be set when writing device configuration, before register or RAM readback is performed.
STROBE
STROBE
LB
MR
MR
REGISTERS, Cont.
MSB
LSB
15 14 13 12 11 10
9876543210
X
X
X
XX
HOLT INTEGRATED CIRCUITS
11
HI-6120, HI-6121


Similar Part No. - HI-6121PQI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6121PQI HOLTIC-HI-6121PQI Datasheet
3Mb / 157P
   MIL-STD-1553 Remote Terminal ICs
HI-6121PQIF HOLTIC-HI-6121PQIF Datasheet
3Mb / 157P
   MIL-STD-1553 Remote Terminal ICs
More results

Similar Description - HI-6121PQI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6120 HOLTIC-HI-6120_15 Datasheet
3Mb / 162P
   MIL-STD-1553 Remote Terminal ICs
HI-6120 HOLTIC-HI-6120_12 Datasheet
3Mb / 158P
   MIL-STD-1553 Remote Terminal ICs
HI-6120 HOLTIC-HI-6120_10 Datasheet
3Mb / 157P
   MIL-STD-1553 Remote Terminal ICs
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
Aeroflex Circuit Techno...
CT2578 AEROFLEX-CT2578 Datasheet
297Kb / 7P
   CT2578 / CT2581 SIMPLE REMOTE TERMINAL FOR MIL-STD-1553 / 1760 & McAir
logo
Keysight Technologies
N5469A KEYSIGHT-N5469A Datasheet
937Kb / 14P
   MIL-STD 1553 Triggering
logo
Pulse A Technitrol Comp...
H1553-1 PULSE-H1553-1 Datasheet
483Kb / 2P
   MIL-STD-1553 Transformers
Q1553-70 PULSE-Q1553-70 Datasheet
534Kb / 3P
   MIL-STD-1553 Transformers
QC1553-1 PULSE-QC1553-1 Datasheet
452Kb / 3P
   MIL-STD-1553 Transformers
QC1553-20 PULSE-QC1553-20 Datasheet
457Kb / 3P
   MIL-STD-1553 Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com