Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-6121PQIF Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-6121PQIF
Description  MIL-STD-1553 Remote Terminal ICs
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-6121PQIF Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-6121PQIF Datasheet HTML 1Page - Holt Integrated Circuits HI-6121PQIF Datasheet HTML 2Page - Holt Integrated Circuits HI-6121PQIF Datasheet HTML 3Page - Holt Integrated Circuits HI-6121PQIF Datasheet HTML 4Page - Holt Integrated Circuits HI-6121PQIF Datasheet HTML 5Page - Holt Integrated Circuits HI-6121PQIF Datasheet HTML 6Page - Holt Integrated Circuits HI-6121PQIF Datasheet HTML 7Page - Holt Integrated Circuits HI-6121PQIF Datasheet HTML 8Page - Holt Integrated Circuits HI-6121PQIF Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 116 page
background image
HI-6120 Parallel Bus Interface and
HI-6121 Serial Peripheral Interface (SPI)
MIL-STD-1553 Remote Terminal ICs
HOLT INTEGRATED CIRCUITS
www.holtic.com
HI-6120 Rev New
11/09
November 2009
GENERAL DESCRIPTION
REMOTE TERMINAL FEATURES
The HI-6120 and HI-6121 provide a complete, integrated,
3.3V MIL-STD-1553 Remote Terminal in a monolithic
silicon gate CMOS device. Two host interface options are
offered: The HI-6120 uses a 16-bit parallel host bus
interface for access to registers and RAM and is offered in
a 100-pin plastic quad flat pack (PQFP). The HI-6121 has a
4-wire SPI (Serial Peripheral Interface) host connection
and comes in a reduced pin count 52-pin PQFP or 64-pin
QFN. Both devices handle all aspects of the MIL-STD-
1553 protocol, including message encoding, decoding,
error detection, illegal command detection and data
buffering. Host data management is simplified by storing
message information and data within the on-chip 32K x 16
static RAM.
A descriptor table in shared RAM provides fully
programmable memory management. Multiple descriptor
tables can be implemented for fast context switching.
Transmit and receive commands can use any of four
different data buffer modes: indexed (single) buffering,
ping-pong (double) buffering or two circular buffer
schemes. Transmit and receive commands for each
subaddress may use different buffer modes. Mode code
commands employ a simple scheme for storing mode data
and message information with programmable interrupts.
The device provides internal illegalization capability,
allowing any subset of subaddress, command T/
bit,
broadcast vs non-broadcast and word count (or mode
code) to be illegalized, resulting in a total of 4,096 possible
combinations. The illegalization table resides in internal
RAM. The RT can also operate without illegal command
detection, providing “in form” responses to all valid
commands. Broadcast command recognition is optional.
The HI-6120 and HI-6121 provide programmable
interrupts for automatic message handling, message
status and general status. A host interrupt history log
maintains information about the last 16 interrupts.
The HI-6120
can be configured for automatic
self-initialization. A dedicated SPI port reads data from
external serial EEPROM memory to fully configure the
descriptor table, illegalization table and host interrupts.
The device
offered with industrial temperature range. Extended
temperature range is also offered, with optional burn-in. A
“RoHS compliant” lead-free option is offered.
Fully integrated 3.3V Remote Terminal meets all
requirements for MIL-STD-1553B Notice 2
Four data buffer methods for subaddress transmit and
receive commands: indexed (single) buffering, ping-
pong (double) buffering and two circular buffer modes
Independently selectable data buffer modes for
transmit and receive commands on each subaddress
Simplified mode code command handling
Integral 16-bit Time-Tag counter has programmable
options for clock, interrupts and auto-synchronization
Message information and time-tag words are stored
with message data words for all transacted messages
In compliance with MIL-STD-1553B Notice 2, received
data from broadcast messages may be optionally
separated from non-broadcast received data
Optional interrupt log buffer stores the most recent 16
interrupts to minimize host service duties
Optional illegal command detection uses internal table
Optional automatic self-initialization at reset
+/- 8kV ESD Protection (HBM, all pins)
MIL-STD-1760 compliant
R
and HI-6121
Internal dual-redundant transceivers provide direct
connection to bus isolation transformers.
is
·
·
·
·
·
·
·
·
·
·
·
·
HI-6121 in 52-PQFP Package
PIN CONFIGURATION (Top View)
39 - TEST
38-LOCK
37 - MTSTOFF
36 - BUSA
35 - VCCP
34 -
33 -
32 - VCCP
31 -
30 -
29 -
28 -
27 - TEST3
BUSA
BUSB
BUSB
TEST0
TEST1
TEST2
COMP - 1
-2
MODE - 3
SI - 4
SCK - 5
SO - 6
MCLK - 7
RTA0 - 8
RTA1 - 9
RTA2 - 10
-11
RTA3 - 12
RTA4 - 13
CE
MR
HI-6121PQx


Similar Part No. - HI-6121PQIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6121PQIF HOLTIC-HI-6121PQIF Datasheet
3Mb / 157P
   MIL-STD-1553 Remote Terminal ICs
More results

Similar Description - HI-6121PQIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6120 HOLTIC-HI-6120_15 Datasheet
3Mb / 162P
   MIL-STD-1553 Remote Terminal ICs
HI-6120 HOLTIC-HI-6120_12 Datasheet
3Mb / 158P
   MIL-STD-1553 Remote Terminal ICs
HI-6120 HOLTIC-HI-6120_10 Datasheet
3Mb / 157P
   MIL-STD-1553 Remote Terminal ICs
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
Aeroflex Circuit Techno...
CT2578 AEROFLEX-CT2578 Datasheet
297Kb / 7P
   CT2578 / CT2581 SIMPLE REMOTE TERMINAL FOR MIL-STD-1553 / 1760 & McAir
logo
Keysight Technologies
N5469A KEYSIGHT-N5469A Datasheet
937Kb / 14P
   MIL-STD 1553 Triggering
logo
Pulse A Technitrol Comp...
H1553-1 PULSE-H1553-1 Datasheet
483Kb / 2P
   MIL-STD-1553 Transformers
Q1553-70 PULSE-Q1553-70 Datasheet
534Kb / 3P
   MIL-STD-1553 Transformers
QC1553-1 PULSE-QC1553-1 Datasheet
452Kb / 3P
   MIL-STD-1553 Transformers
QC1553-20 PULSE-QC1553-20 Datasheet
457Kb / 3P
   MIL-STD-1553 Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com