Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-1581PCM Datasheet(PDF) 7 Page - Holt Integrated Circuits

Part # HI-1581PCM
Description  3.3V Monolithic Dual Transceivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1581PCM Datasheet(HTML) 7 Page - Holt Integrated Circuits

Back Button HI-1581PCM Datasheet HTML 2Page - Holt Integrated Circuits HI-1581PCM Datasheet HTML 3Page - Holt Integrated Circuits HI-1581PCM Datasheet HTML 4Page - Holt Integrated Circuits HI-1581PCM Datasheet HTML 5Page - Holt Integrated Circuits HI-1581PCM Datasheet HTML 6Page - Holt Integrated Circuits HI-1581PCM Datasheet HTML 7Page - Holt Integrated Circuits HI-1581PCM Datasheet HTML 8Page - Holt Integrated Circuits HI-1581PCM Datasheet HTML 9Page - Holt Integrated Circuits HI-1581PCM Datasheet HTML 10Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MANUFACTURER
PART NUMBER
APPLICATION
TURNS RATIO(S)
DIMENSIONS
Premier Magnetics
PM-DB2725EX
Isolation
Dual tapped 1:1.79, 1:2.5
.500 x .500 x .375 inches
Technotrol
TL1553-45
Isolation
Dual tapped 1:1.79, 1:2.5
.630 x 630 x .155 inches
Premier Magnetics
PM-DB2702
Stub coupling
1:1.4
.625 x .500 x .250 inches
Technotrol
TQ-1553-2
Stub coupling
1:1.4
.625 x .625 x .250 inches
transformers. Holt recommends the Premier Magnetics
parts as offering the best combination of electrical
performance, low cost and small footprint.
RECOMMENDED TRANSFORMERS
The HI-1579 and HI-1581 transceivers have been
characterized for compliance with the electrical require-
ments of MIL-STD-1553 when used with the following
HI -
(Ceramic)
15xxCD x
HI -
(Plastic)
15xx xx x x
1579
0
0
0
0
20 PIN CERAMIC SIDE BRAZED DIP (20C)
1581
1
1
1
1
20 PIN CERAMIC SIDE BRAZED DIP (20C)
PART
RXENA = 0
RXENB = 0
PACKAGE
NUMBER
RXA
RXB
DESCRIPTION
RXA
RXB
PART
TEMPERATURE
BURN
LEAD
NUMBER
RANGE
FLOW
IN
FINISH
I
-40°C TO +85°C
I
No
Gold (Pb-free, RoHS compliant)
T
-55°C TO +125°C
T
No
Gold (Pb-free, RoHS compliant)
M
-55°C TO +125°C
M
Yes
Tin / Lead (Sn / Pb) Solder
1579
0
0
0
0
1581
1
1
1
1
PART
RXENA = 0
RXENB = 0
NUMBER
RXA
RXB
RXA
RXB
PART
PACKAGE
NUMBER
DESCRIPTION
PC
44 PIN PLASTIC CHIP-SCALE PACKAGE QFN (44PCS)
PS
20 PIN PLASTIC ESOIC, Thermally Enhanced Wide SOIC w/Heat Sink (20HWE)
PART
TEMPERATURE
BURN
NUMBER
RANGE
FLOW
IN
I
-40°C TO +85°C
I
No
T
-55°C TO +125°C
T
No
M
-55°C TO +125°C
M
Yes
PART
LEAD
NUMBER
FINISH
Blank
Tin / Lead (Sn / Pb) Solder
F
100% Matte Tin (Pb-free RoHS compliant)
ORDERING INFORMATION
HI-1579, HI-1581
HOLT INTEGRATED CIRCUITS
7


Similar Part No. - HI-1581PCM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1581 HOLTIC-HI-1581 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 3.3V Monolithic Dual Transceivers
More results

Similar Description - HI-1581PCM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1579 HOLTIC-HI-1579_16 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579A HOLTIC-HI-1579A Datasheet
69Kb / 9P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573 Datasheet
164Kb / 9P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573_15 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573_13 Datasheet
85Kb / 11P
   MIL-STD-1553 3.3V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 3.3V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567 Datasheet
216Kb / 7P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1567 HOLTIC-HI-1567_16 Datasheet
83Kb / 11P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_09 Datasheet
97Kb / 10P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565 Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com