Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XMC2560E-03 Datasheet(PDF) 8 Page - Anaren Microwave

Part # XMC2560E-03
Description  Wideband Hybrid Coupler, 3 dB
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XMC2560E-03 Datasheet(HTML) 8 Page - Anaren Microwave

Back Button XMC2560E-03 Datasheet HTML 4Page - Anaren Microwave XMC2560E-03 Datasheet HTML 5Page - Anaren Microwave XMC2560E-03 Datasheet HTML 6Page - Anaren Microwave XMC2560E-03 Datasheet HTML 7Page - Anaren Microwave XMC2560E-03 Datasheet HTML 8Page - Anaren Microwave XMC2560E-03 Datasheet HTML 9Page - Anaren Microwave XMC2560E-03 Datasheet HTML 10Page - Anaren Microwave XMC2560E-03 Datasheet HTML 11Page - Anaren Microwave XMC2560E-03 Datasheet HTML 12Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Model XMC2560E-03
Rev B
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
the interface pad will have less capacitive reactance than the Anaren test board. In this case, a wider section of line
before the interface pad (or a larger interface pad) will introduce a shunt capacitance and when properly tuned will
match the performance of the Anaren test board.
The
entry
angle
of
the
traces
has
a
significant impact on the RF performance
and these parts have been optimized for the
layout used on the test boards shown
below.
Testing Sample Parts Supplied on Anaren Test Boards
If you have received a coupler installed on an Anaren produced microstrip test board, please remember to remove the
loss of the test board from the measured data. The loss is small enough that it is not of concern for Return Loss and
Isolation/Directivity, but it should certainly be considered when measuring coupling and calculating the insertion loss
of the coupler. An S-parameter file for a “Thru” board (see description of “Thru” board above) will be supplied upon
request. As a first order approximation, one should consider the following loss estimates:
Frequency Band
Avg. Ins. Loss of Test Board @ 25
°C
2500 MHz
~ 0.29dB
4000 MHz
~ 0.41dB
6000 MHz
~ 0.57dB
For example, a 4300MHz, 10dB coupler on a test board may measure –10.60dB from input to the coupled port at
frequency F1=4000 MHz. When the loss of the test board is removed, the coupling at F1 becomes -10.19dB (-
10.60dB + 0.41dB). This compensation must be made to both the coupled and direct path measurements when
calculating insertion loss.
The loss estimates in the table above come from room temperature measurements. It is important to note that the
loss of the test board will change with temperature. This fact must be considered if the coupler is to be evaluated at
other temperatures.
Orientation Marker
A printed circular feature appears on the top surface of the coupler to designate Pin 1. This orientation marker is not
intended to limit the use of the symmetry that these couplers exhibit but rather to facilitate consistent placement of
these parts into the tape and reel package. This ensures that the components are always delivered with the same
orientation. Refer to the table on page 2 of the data sheet for allowable pin configurations.


Similar Part No. - XMC2560E-03

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XMC2560A-20 ANAREN-XMC2560A-20 Datasheet
1Mb / 14P
   Wideband 20 dB Directional Coupler
More results

Similar Description - XMC2560E-03

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XMC0204E2-03G ANAREN-XMC0204E2-03G Datasheet
200Kb / 2P
   Hybrid Coupler 3 dB, 90
logo
Yantel Corporation
HC07F03 YANTEL-HC07F03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC19F03 YANTEL-HC19F03 Datasheet
2Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0150B03 YANTEL-HC0150B03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0450L03 YANTEL-HC0450L03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0650B03 YANTEL-HC0650B03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0900A03 YANTEL-HC0900A03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0900E03 YANTEL-HC0900E03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0900L03 YANTEL-HC0900L03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC1400A03 YANTEL-HC1400A03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com