Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH3761-PG-B Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH3761-PG-B
Description  AH3761 High sensitivity Hall effect latch sensor for BLDC fan and motor commutations
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3761-PG-B Datasheet(HTML) 1 Page - Diodes Incorporated

  AH3761-PG-B Datasheet HTML 1Page - Diodes Incorporated AH3761-PG-B Datasheet HTML 2Page - Diodes Incorporated AH3761-PG-B Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Announcement
New Product
AH3761
NPA Number 001
AH3761
AH3761 High sensitivity Hall effect latch sensor for
BLDC fan and motor commutations
Description
The AH3761 is a high sensitivity 
CMOS Halls effect latch sensor 
for single‐phase brushless DC 
(BLDC) fans and motor 
commutation applications.  
The AH3761 has an integrated 
band‐gap voltage regulator, 
Hall‐voltage transducer, 
amplifier, chopper stabilization, 
Schmitt trigger and open‐drain 
output.
With wide operating voltage 
The Diodes advantage
The AH3761 is a chopper stabilized, small and versatile Hall-effect latch
sensor for cooling fans and motor commutation applications
Wide operating voltage 3V to 28V
Supports wide range of system voltages 3.3V/5V/12V/24V
Chopper stabilized
and temperature range, 
AH3761 is a small versatile 
Hall‐effect latch devices that 
turns on with south magnetic 
field of sufficient strength and 
turns off with north magnetic 
field of sufficient strength. It 
retains the output state when 
magnetic field is removed
Extremely low switch-point drift
Superior temperature stability
Insensitive to physical stress
High drive capability with built in short-circuit limit
Output can sink up to 50mA
Easy interface to wide variety of electronic circuits
Safe operation against output short-circuit
magnetic field is removed.
The AH3761 is available in
SC59 and SIP3 packages. 
Applications
BLDC cooling fan and motor commutations
Reverse supply protection
Safe operation against reverse power/battery connection
Wide operating temperature range -40
°C to 125°C
Suitable also for industrial and other thermally demanding applications
www.diodes.com
BLDC cooling fan and motor commutations
RPM monitor
Position sensors


Similar Part No. - AH3761-PG-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3761-PG-B DIODES-AH3761-PG-B Datasheet
158Kb / 9P
   HIGH SENSITIVITY HALL EFFECT LATCH
AH3761 Rev. 1
More results

Similar Description - AH3761-PG-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3761 DIODES-AH3761_09 Datasheet
158Kb / 9P
   HIGH SENSITIVITY HALL EFFECT LATCH
AH3761 Rev. 1
logo
BCD Semiconductor Manuf...
AH920Z3-G1 BCDSEMI-AH920Z3-G1 Datasheet
444Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921 BCDSEMI-AH921_11 Datasheet
427Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Taiwan Semiconductor Co...
TSH188 TSC-TSH188 Datasheet
420Kb / 8P
   Ultra High Sensitivity Hall Effect Latch
logo
Diodes Incorporated
AH920 DIODES-AH920 Datasheet
325Kb / 13P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH920 BCDSEMI-AH920 Datasheet
97Kb / 2P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921 BCDSEMI-AH921 Datasheet
629Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Nanjing Ouzhuo Technolo...
OH921 OHHALLSENSOR-OH921 Datasheet
206Kb / 5P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
OH920 OHHALLSENSOR-OH920 Datasheet
192Kb / 4P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Diodes Incorporated
AH921 DIODES-AH921 Datasheet
427Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com