Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPH9132 Datasheet(PDF) 2 Page - American Accurate Components, Inc.

Part # QPH9132
Description  RF Couplers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

QPH9132 Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  QPH9132 Datasheet HTML 1Page - American Accurate Components, Inc. QPH9132 Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Typical Performance
Q PH 9 1 3 1
Q PH 9 13 2
Q PH 9 1 5 1
[dB]
2.0
2.5
Insertion Loss
[dB]
2.0
2.5
Insertion Loss
[dB]
2.0
2.5
Insertion Loss
3.0
3.5
4.0
0. 5
0. 6
0. 7
0. 8
0. 9
3.0
3.5
4.0
0. 7
0. 8
0. 9
1. 0
1. 1
3.0
3.5
4.0
1. 3
1. 5
1.7
1. 9
2. 1 2. 3
[dB]
15
20
25
30
35
40
Isolation
0. 5
0. 6
0. 7
0. 8
0. 9
[dB]
15
20
25
30
35
40
Isolation
0. 7
0. 8
0. 9
1. 0
1. 1
[dB]
15
20
25
30
35
40
Isolation
1. 3
1. 5
1.7
1. 9
2. 1 2. 3
VS W R
VS W R
VSW R
1.4
1.3
1.2
1.1
1.0
0. 5
0. 6
0. 7
0. 8
0/ 9
Frequency [GHz]
1.4
1.3
1.2
1.1
1.0
0. 7
0. 8
0. 9
1. 0
1. 1
Frequency [GHz]
1.4
1.3
1.2
1.1
1.0
1. 3
1. 5
1.7
1. 9
2. 1 2. 3
Frequency [GHz]
Specifications of products are subject to change without notice.
American Accurate Components, Inc.
Card Couplers
The content of this specification may change without notification 09/18/08
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888 FAX: 949-453-8889


Similar Part No. - QPH9132

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
QPH9132 AAC-QPH9132 Datasheet
199Kb / 2P
   RF Coupler Card Series
QPH9132 AAC-QPH9132 Datasheet
209Kb / 2P
   RF Power Splitter
More results

Similar Description - QPH9132

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
TXK81131-18D AAC-TXK81131-18D Datasheet
169Kb / 2P
   RF Directional Couplers
DCP1833-10 AAC-DCP1833-10 Datasheet
193Kb / 2P
   RF Directional Couplers (SMA / TAB Type)
logo
Schurter Inc.
60000214 SCHURTER-60000214 Datasheet
82Kb / 1P
   APPLIANCE COUPLERS
logo
Communications & Power ...
VWP1137 CPI-VWP1137 Datasheet
90Kb / 1P
   Power Couplers
VWP3032 CPI-VWP3032 Datasheet
84Kb / 1P
   Power Couplers
logo
Schurter Inc.
60040215 SCHURTER-60040215 Datasheet
70Kb / 1P
   APPLIANCE COUPLERS
logo
Merrimac Industries, In...
CSM-6M-.75G MERRIMAC-CSM-6M-.75G Datasheet
47Kb / 2P
   DIRECTIONAL COUPLERS
CWM-10M-2.3G MERRIMAC-CWM-10M-2.3G Datasheet
111Kb / 2P
   DIRECTIONAL COUPLERS
CRM-10-50 MERRIMAC-CRM-10-50 Datasheet
163Kb / 2P
   DIRECTIONAL COUPLERS
CRS-10-165 MERRIMAC-CRS-10-165 Datasheet
88Kb / 1P
   DIRECTIONAL COUPLERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com