Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPH9232 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # QPH9232
Description  RF Coupler Card Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

QPH9232 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  QPH9232 Datasheet HTML 1Page - American Accurate Components, Inc. QPH9232 Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Card Coupler Series
Dimensions
QPH 91 Type
8±0.1
4−φ2.5
Unit:mm
4−1.2
17
25.5
0.1
2.8
(3.45)
QPH 92 Type
2-φ2.5
4−1.2
Unit:mm
32±0.1
42
50
0.1
2.6
(3.1)
DCP 9931-10
Unit:mm
(66)
(3)
60
(3)
3.1
2.6
26
26
0.1
4-φ2.5
1.2
52±0.1
Specifications
Style No.
QPH9232
QPH9131
QPH9132
QPH9151
DCP9931-10
Frequency
Range
[ MHz ]
360~550
500~900
800~1000
1300~2300
800~1000
Insertion
Loss
[ dB ]
3.6
3.8
3.6
3.9
0.9
Coupling
[ dB ]
+0.3
−0
+0.3
−0
+0.3
−0
+0.3
−0
+1.5
−0.5
Coupling
Frequency
Variance [ dB ]
±0.3
±0.5
±0.3
±0.6
±0.5
Isolation
[ dB ]
25
20
20
20
20
VSWR
(max.)
1.2
1.2
1.2
1.2
1.2
Max. Input
Power
[ W ]
100
100
100
50
25
Working Temp.
Range
[ C ]
−10 ~+65
−10 ~+65
−10 ~+65
−10 ~+65
−10 ~+65
American Accurate Components, Inc.
RF Coupler Card Series
The content of this specification may change without notification 09/18/08
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889


Similar Part No. - QPH9232

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
QPH9232 AAC-QPH9232 Datasheet
265Kb / 2P
   RF Couplers
More results

Similar Description - QPH9232

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACP-010121-B8180X MA-COM-MACP-010121-B8180X Datasheet
145Kb / 4P
   E-Series RF 20dB Coupler
MACP-010121-B8180X MA-COM-MACP-010121-B8180X Datasheet
145Kb / 4P
   E-Series RF 20dB Coupler
MACP-010121-B8180X MA-COM-MACP-010121-B8180X_15 Datasheet
145Kb / 4P
   E-Series RF 20dB Coupler
logo
PHOENIX CONTACT
1607278 PHOENIX-1607278 Datasheet
351Kb / 8P
   RF-12S1N8A90DU - Coupler connector
1607231 PHOENIX-1607231 Datasheet
395Kb / 10P
   RF-12P1N8A90DU - Coupler connector
1607255 PHOENIX-1607255 Datasheet
471Kb / 13P
   RF-12P2N8A90DU - Coupler connector
1607265 PHOENIX-1607265 Datasheet
302Kb / 7P
   RF-12P2S8A9002 - Coupler connector
1607302 PHOENIX-1607302 Datasheet
351Kb / 8P
   RF-12S2N8A90DU - Coupler connector
logo
M/A-COM Technology Solu...
MACP-009467-105T12 MA-COM-MACP-009467-105T12 Datasheet
96Kb / 2P
   E-Series RF 10dB Coupler 5-1200 MHz
logo
EPCOS
B78408A1899A003 EPCOS-B78408A1899A003 Datasheet
87Kb / 4P
   RF transformers 6 dB directional coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com