Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPH9131 Datasheet(PDF) 2 Page - American Accurate Components, Inc.

Part # QPH9131
Description  RF Coupler Card Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

QPH9131 Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  QPH9131 Datasheet HTML 1Page - American Accurate Components, Inc. QPH9131 Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Insertion Loss
Coupling
Directivity
Typical Performance
Q P H 9131
QP H913 2
QP H91 5 1
[dB]
2.0
2.5
3.0
3.5
4.0
[dB]
15
20
25
30
35
40
1.4
1.3
1.2
1.1
1.0
Insertion Loss
0.5
0.6
0.7
0.8
0.9
Isolation
0.5
0.6
0.7
0.8
0.9
VSWR
0.5
0.6
0.7
0.8
0.9
Frequency [GHz]
[dB]
2.0
2.5
3.0
3.5
4.0
[dB]
15
20
25
30
35
40
1.4
1.3
1.2
1.1
1.0
Insertion Loss
0.7
0.8
0.9
1.0
1.1
Isolation
0.7
0.8
0.9
1.0
1.1
VSWR
0.7
0.8
0.9
1.0
1.1
Frequency [GHz]
[dB]
2.0
2.5
3.0
3.5
4.0
[dB]
15
20
25
30
35
40
1.4
1.3
1.2
1.1
1.0
Insertion Loss
1.3
1.5
1.7
1.9
2.1
2.3
Isolation
1.3
1.5
1.7
1.9
2.1
2.3
VSWR
1.3
1.5
1.7
1.9
2.1
2.3
Frequency [GHz]
DCP9 931-10
800 ~ 10 00 MH z
[dB]
0
0.2
0.4
0.6
0.8
1.0
Insertion loss includes coupling loss.
Insertion Loss
[dB]
20
30
40
50
Directivity
[dB]
9
10
11
12
Coupling
1.4
1.3
1.2
1.1
1.0
Main Transmit Line
VSWR
Sub Transmit Line
0.8 0
0.8 5
0.9 0
0.9 5
1 .00
Frequency [GHz]
0 .80
0.8 5
0.9 0
0.9 5
1.0 0
Frequency [GHz]
Specifications of products are subject to change without notice.
American Accurate Components, Inc.
RF Coupler Card Series
The content of this specification may change without notification 09/18/08
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888 FAX: 949-453-8889


Similar Part No. - QPH9131

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
QPH9131 AAC-QPH9131 Datasheet
265Kb / 2P
   RF Couplers
QPH9131 AAC-QPH9131 Datasheet
209Kb / 2P
   RF Power Splitter
More results

Similar Description - QPH9131

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACP-010121-B8180X MA-COM-MACP-010121-B8180X Datasheet
145Kb / 4P
   E-Series RF 20dB Coupler
MACP-010121-B8180X MA-COM-MACP-010121-B8180X Datasheet
145Kb / 4P
   E-Series RF 20dB Coupler
MACP-010121-B8180X MA-COM-MACP-010121-B8180X_15 Datasheet
145Kb / 4P
   E-Series RF 20dB Coupler
logo
PHOENIX CONTACT
1607278 PHOENIX-1607278 Datasheet
351Kb / 8P
   RF-12S1N8A90DU - Coupler connector
1607231 PHOENIX-1607231 Datasheet
395Kb / 10P
   RF-12P1N8A90DU - Coupler connector
1607255 PHOENIX-1607255 Datasheet
471Kb / 13P
   RF-12P2N8A90DU - Coupler connector
1607265 PHOENIX-1607265 Datasheet
302Kb / 7P
   RF-12P2S8A9002 - Coupler connector
1607302 PHOENIX-1607302 Datasheet
351Kb / 8P
   RF-12S2N8A90DU - Coupler connector
logo
M/A-COM Technology Solu...
MACP-009467-105T12 MA-COM-MACP-009467-105T12 Datasheet
96Kb / 2P
   E-Series RF 10dB Coupler 5-1200 MHz
logo
EPCOS
B78408A1899A003 EPCOS-B78408A1899A003 Datasheet
87Kb / 4P
   RF transformers 6 dB directional coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com