Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCM10A-102FYB Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # RCM10A-102FYB
Description  HIGH POWER RESISTOR - Non Inductive Chassis Mounting
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

RCM10A-102FYB Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  RCM10A-102FYB Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
American Accurate Components, Inc.
HIGH POWER RESISTOR – Non Inductive Chassis Mounting
The content of this specification may change without notification 12/12/07
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
1
Custom solutions are available.
HOW TO ORDER
RCM 100 - 102 K N B
Packaging
B = bulk
TCR
(ppm/°C)
Y = +50
N= +250
Tolerance
F = +1% J = +5%
K= +10%
Resistance
(
Ω)
1R0 = 1.0
100 = 10
101 = 100
102 = 1.0K
Rated Power
10A = 10 W
100 = 100 W
10B = 10 W
250 = 250 W
50 = 50 W
Series
High Power Resistor, Non-Inductive, Chassis Mounting
SCHEMATIC & DIMENSIONS (mm)
Note: Lead material is solder plated Copper
RCM10A
RCM10B
RCM50
RCM100
DERATING CURVE
RCM10, RCM50
RCM100, RCM250
RCM250
Custom solutions are available
For more information; send your specification to sales@aacix.com.
% Rated Power
Flange Temperature °C
% Rated Power
Flange Temperature °C
SPECIFICATIONS & PERFORMANCE
Model
RCM10
RCM-50
RCM100
RCM250
Test Condition
Rated Power
10 W
50 W
100 W
250 W
With heat sink , 2.8°C/W
Resistance Range (
Ω) E24
10.0 ~ 20K
10.0 ~ 1.0K
10.0 ~ 1.0K
1.0 ~ 1.0K
2.0
Ω and 5.0 Ω are also available
TCR (ppm/°C)
±50
±50
±250
±250
-55°C ~ +155°C
Resistance Tolerance
±1%, ±5%
±1%, ±5%
±10%
±10%
Operating Temperature Range
-55°C ~ +155°C
-55°C ~ +120°C
-55°C, 30 min., +155°C (or+120°C for RCM100 & RCM250), 30 min.; 20 cycles
Temperature Cycle
± (0.25% + 0.05 Ω)
± (1.0% + 0.05 Ω)
Withstanding Voltage
1,000V DC
2,000V DC
5,000V DC
5,000V DC
60 seconds
Maximum Applied Voltage
E = √P*R
Load Life
± (1.0% + 0.05 Ω)
25°C, 90 min. on, 30 min. off, 1000 hrs
Humidity
± (1.0% + 0.05 Ω)
70°C, 90 ~ 95% RH, DC 0.1W, 1000 hrs
Short Time Overload
± (0.25% + 0.05 Ω)
Rated power x 2.5, 2.5 sec. with heat sink
Soldering Heat
± (0.25% + 0.05 Ω)
350°C
± 5°C, 3 sec.
Solderability
> 75% of round
230°C
± 5°C, 3 sec.
Insulation Resistance
> 1000 Meg ohm
Between terminals and tab
Vibration
± (0.25% + 0.05 Ω)
FEATURES
Chassis mounting high power resistor 10W to 250W rated power
Small in regard to thickness and with vertical terminal wires
Suitable for high density electronic design.
Decrease in the inductive effect in power electronics circuits
Complete thermal conduction and heat dissipation design
APPLICATIONS
Gate resistors and snubber resistors in power supply
Load resistors and dumping resistors in high end audio
Precision terminal resistor in RF amplifiers


Similar Part No. - RCM10A-102FYB

ManufacturerPart #DatasheetDescription
logo
ZIEHL industrie-elektro...
RCM1000V ZIEHL-RCM1000V Datasheet
300Kb / 2P
   Residual Current Monitor RCM1000V Monitoring of AC-currents in grounded power supply systems
logo
Guangzhou Reicu Electro...
RCM1040 REICU-RCM1040 Datasheet
407Kb / 1P
   Rec-Send
REV:15.3
RCM1040T REICU-RCM1040T Datasheet
407Kb / 1P
   Rec-Send
REV:15.3
RCM1050 REICU-RCM1050 Datasheet
436Kb / 1P
   Rec-Send
REV:15.3
RCM1050T REICU-RCM1050T Datasheet
436Kb / 1P
   Rec-Send
REV:15.3
More results

Similar Description - RCM10A-102FYB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TPL1200 ETC-TPL1200 Datasheet
2Mb / 1P
   Chassis mounting non-inductive high power resistors
TPL250 ETC-TPL250 Datasheet
2Mb / 1P
   Chassis mounting non-inductive high power resistors
logo
American Accurate Compo...
RST15-A2X-R10-R10JZB AAC-RST15-A2X-R10-R10JZB Datasheet
155Kb / 3P
   HIGH POWER RESISTOR - Non Inductive Chassis Mount, Screw Terminal
logo
List of Unclassifed Man...
TPM150 ETC2-TPM150 Datasheet
1Mb / 2P
   Chassis Mounting Non-inductive Flat Type High Power resistors
TPL320 ETC-TPL320 Datasheet
612Kb / 1P
   Chassis Mounting Non-inductive Flat Type High Power resistors
logo
American Accurate Compo...
RWC50A-1R0KB AAC-RWC50A-1R0KB Datasheet
277Kb / 2P
   HIGH POWER RESISTOR - Water Cooling, Non-Inductive
logo
C&B ELECTRONICS (SHENZH...
HVLR RESI-HVLR Datasheet
438Kb / 1P
   High Voltage Non-Inductive Resistor
2019/12/13
logo
Vishay Siliconix
PR02-FS VISHAY-PR02-FS Datasheet
164Kb / 8P
   High Pulse, Fusible, Non-Inductive, Flameproof, Metal Film Resistor
Revision: 15-Feb-17
logo
IRC - a TT electronics ...
AL-1010RDJLF IRCTT-AL-1010RDJLF Datasheet
252Kb / 2P
   Chassis Mounted Power Wirewound Resistor
logo
List of Unclassifed Man...
MCF-B1805F ETC2-MCF-B1805F Datasheet
206Kb / 4P
   Chassis Mounting Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com