Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4488 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 4488
Description  Compression Style Connector & Assembly Instructions
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

4488 Datasheet(HTML) 1 Page - Pomona Electronics

  4488 Datasheet HTML 1Page - Pomona Electronics 4488 Datasheet HTML 2Page - Pomona Electronics 4488 Datasheet HTML 3Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 4488, BNC (M)
Compression Style Connector
& Assembly Instructions
Sales: 800-490-2361 Fax: 888-403-3360 Technical Support: 800-241-2060 (technicalsupport@pomonatest.com)
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Rev: 100
D1094174
Page 1 of 3
FEATURES:
Do-it-yourself, field serviceable male BNC connector.
Connector accepts cable types RG/U: 55, 55A, 55B, 58, 58C, 141, 141A, 142B, 223
Meets interface requirements of MIL-STD-348
MATERIALS:
Body and Fittings – Tarnish Resistant Nickel Plated Brass
Outer Contact – Tarnish Resistant Nickel Plated Brass
Center Contact – Gold Plated Brass
Dielectric – PTFE
Gasket – Silicone Rubber
RATINGS:
Voltage:
Hands free usage in controlled voltage environments: 500 Vrms Max. For CE compliance: not intended for
hand-held use at voltages above 33 Vrms/70Vdc.
Nominal Impedance: 50 Ohms
ORDERING INFORMATION: Model 4488


Similar Part No. - 4488

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4488 3M-4488 Datasheet
80Kb / 3P
   Compression Style Connector and Assembly Instructions
logo
Heyco.
4488 HEYCO-4488 Datasheet
124Kb / 1P
   HEYbrid™ Brass/Nylon Liquid Tight Cordgrips
More results

Similar Description - 4488

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4488 3M-4488 Datasheet
80Kb / 3P
   Compression Style Connector and Assembly Instructions
5344 3M-5344 Datasheet
34Kb / 2P
   Model 5344 & Assembly Instructions BNC (Female) Crimp Style Coaxial Connector
logo
Pomona Electronics
4661 POMONA-4661 Datasheet
34Kb / 2P
   Assembly Instructions
4957 POMONA-4957 Datasheet
47Kb / 2P
   Assembly Instructions
4997 POMONA-4997 Datasheet
26Kb / 2P
   Assembly Instructions
5344 POMONA-5344 Datasheet
28Kb / 2P
   Assembly Instructions
4859 POMONA-4859 Datasheet
26Kb / 2P
   Assembly Instructions
5218 POMONA-5218 Datasheet
46Kb / 2P
   Assembly Instructions
5285 POMONA-5285 Datasheet
42Kb / 2P
   Assembly Instructions
5375 POMONA-5375 Datasheet
29Kb / 2P
   Assembly Instructions
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com