Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RIRC-C1-50B Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # RIRC-C1-50B
Description  Auto Focus/Auto Iris Infrared LED Camera
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

RIRC-C1-50B Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  RIRC-C1-50B Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RIRC Series
Auto Focus/Auto Iris Infrared LED Camera
IR Distance of 164 Feet (50M)
www.aacix.com
188 Technology Drive, Unit H Irvine, CA 92618
The contents of this specification may change without notice 8/31/06
Tel: 949-453-9888 Fax: 949-453-8889
Email: sales@aacix.com
Features
Day: near-far capture clear image 16.4~328 Feet (5~100m)
Night: near-far capture clear image 16.4~164 Feet (5~50m)
Unique 25mm Auto Focus, Auto Iris lens (patented)
“Condenser” can increase the view angle and by adjusting the
distance between condenser and LED, the view angle also
can be adjusted.
Built-in color SONY CCD camera
Auto focal without any mechanic adjusts all optics only
General Specifications
Scanning System
NTSC: 525 lines, 2:1 interlace
PAL: 625 lines, 2:1 interlace
Scanning Frequency (H x V)
NTSC: 15,734 Hz x 60 Hz
PAL: 15,625 Hz x 50 Hz
Electronic Shutter
NTSC: 1/60 ~ 100,000 sec.
PAL: 1/50 ~ 100,000 sec.
Power Supply
12V DC / 24V AC / 85 ~ 260V AC (50/60Hz)
Signal to Noise
More than 50dB (AGC on)
Gain Control
Automatic (AGC)
White Balance
Auto ATW 2500 ~ 9500°K
BLC
Auto
Gamma Correction
0.45
SYNC System
Internal
Lens
25mm Auto Focus, Auto Iris Lens
Video Output
Composite 1.0 Vp-p at 75 ohm
IR Illuminator
12 LEDs and an adaptable condenser lens
LED Type
AlGaInP, High-Light LED, High Performance
IR View Angle / Beam Spread
50° ~ 80° / 30° per LED
IR Wavelength
850nm
IR Distance
Daytime: 5M ~ 100M; Nighttime: 5M ~ 50M
IR Status
< 10 lux by CDS auto control
LED Life
> 20,000 hours
Specifications
RIRC-C1-50A
RIRC-C1-50C
RIRC-C1-50B
RIRC-C1-50D
Model
RIRC-C2-50A
RIRC-C2-50C
RIRC-C2-50B
RIRC-C1-50D
Horizontal Resolution
380 TV Lines
380 TV Lines
520 TV Lines
480 TV Lines
Image Sensor
1/3” Sony CCD
1/3” Extra View CCD
1/3” Sony CCD
1/3” Extra View CCD
NTSC
537 x 505
537 x 505
811 x 508
811 x 508
Effective Pixels (H x V)
PAL
537 x 597
537 x 597
795 x 596
795 x 596
Sensitivity (IR off / IR on)
0.05 lux / 0 lux
0.01 lux / 0 lux
0.06 lux / 0 lux
0.05 lux / 0 lux
Physical/Environmental Characteristics
Model Series
RIRC-C1-50 series
RIRC-C2-50 series
Dimensions (mm)
95 (Φ) x 250 (L)
95 (Φ) x 150 (L)
Weight
2.91 lbs / 1.32 kg
1.54 lbs / 0.7 kg
IR on
460mA
Power Consumption
IR off
100mA
Power Supply
12V DC / 24V AC/ 85~260V AC
Construction
Aluminum with sunshield weatherproof
Heat Dissipation
Special metal board device
Protection Class
IP 66 classification
Operating Temperature
-4°F ~ 122°F / -20°C ~ 50°C
Storage Temperature
-4°F ~ 158°F / -30°C ~ 70°C, Humidity 0 ~ 95% RH
RIRC-C1-50
RIRC-C2-50
How it Works
Standard IR Cameras can only capture a clear image of
objects either close or far in proximity; not both. With
the AAC Auto Focus/Auto-Iris, IR Camera, you can
capture a clear image of objects both near and far
without any manual manipulation.


Similar Part No. - RIRC-C1-50B

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RIR-01 DBLECTRO-RIR-01 Datasheet
373Kb / 2P
   Machine Inertable Type Dip Switch
RIR-01-H DBLECTRO-RIR-01-H Datasheet
644Kb / 2P
   MACHINE INSERTABLE TYPE DIP SWITCH
RIR-01-H-T DBLECTRO-RIR-01-H-T Datasheet
644Kb / 2P
   MACHINE INSERTABLE TYPE DIP SWITCH
RIR-01-S DBLECTRO-RIR-01-S Datasheet
644Kb / 2P
   MACHINE INSERTABLE TYPE DIP SWITCH
RIR-01-S-T DBLECTRO-RIR-01-S-T Datasheet
644Kb / 2P
   MACHINE INSERTABLE TYPE DIP SWITCH
More results

Similar Description - RIRC-C1-50B

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2225 NJRC-NJM2225 Datasheet
309Kb / 11P
   VIDEO CAMERA AUTO-IRIS FUNCTION
logo
Hamamatsu Corporation
L5871 HAMAMATSU-L5871 Datasheet
123Kb / 2P
   Plastic package LED for camera auto-focus
L4492 HAMAMATSU-L4492 Datasheet
105Kb / 2P
   Low forward voltage LED for camera auto-focus
logo
STMicroelectronics
VB6851 STMICROELECTRONICS-VB6851 Datasheet
141Kb / 4P
   QXGA camera module with auto focus
VB6871 STMICROELECTRONICS-VB6871 Datasheet
102Kb / 4P
   QXGA camera module with auto-focus
logo
Toshiba Semiconductor
TLN217 TOSHIBA-TLN217 Datasheet
119Kb / 4P
   Infrared Light-Emitting Diode for Still Camera Light Source for Auto Focus
TLN212 TOSHIBA-TLN212 Datasheet
162Kb / 4P
   INFRARED LIGHT-EMISSION DIODE FOR STILL CAMERA LIGHT SOURCE FOR AUTO FOCUS
logo
OmniVision Technologies...
OV05623-G00A OMNIVISION-OV05623-G00A Datasheet
151Kb / 2P
   high performance auto-focus module for camera phones
logo
STMicroelectronics
VB6850 STMICROELECTRONICS-VB6850 Datasheet
134Kb / 5P
   3.2 Megapixel QXGA camera module with auto focus
logo
Toshiba Semiconductor
TLN210 TOSHIBA-TLN210 Datasheet
137Kb / 4P
   INFRARED LIGHT-EMISSION DIODE FOR STILL CAMERA LIGHT SOURCE FOR AUTO FOCUS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com