Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JXWBKG-7-E14-111 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # JXWBKG-7-E14-111
Description  Reflective Switches 0.02 to 18GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

JXWBKG-7-E14-111 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  JXWBKG-7-E14-111 Datasheet HTML 1Page - American Accurate Components, Inc. JXWBKG-7-E14-111 Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Reflective Switches 0.02 to 18GHz
The content of this specification may change without notification 7/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
R
1
1
1
1
1
T
1
1
1
R
1
1
1
1
1
T
1
1
1
1
T
1
1
1
PIN Switches
Reflective Switches
0. 02 to 18GHz
Coaxial
P/N
Freq. Range
(GHz)
Type
Insertion Loss
(dB)
Max
VSW
Max
Isolation
(dB)
Min
Switching Speed
(ns)
Max
Power Handling
(W)
Max
Case
JXWBKG-1-213-111
2-18
SPST
2.2
2.2
55
50
0.2 - 1
W101, W102, W103
JXWBKG-2-213-11
2-18
SP2T
2.4
2.2
60
50
0.2
W201, W202, W203
JXWBKG-3-213-111
2-18
SP3T
2.5
2.2
60
50
0.2
W301, W302
JXWBKG-4-213-11
2-18
SP4T
2.7
2.2
60
50
0.2
W401, W402, W403
JXWBKG-5-213-111
2-18
SP5T
2.8
2.2
60
50
0.2
W501, W502
JXWBKG-6-213-11
2-18
SP6T
3.0
2.2
60
50
0.2
W602, W603
JXWBKG-7-213-111
2-18
SP7T
3.2
2.2
60
50
0.2
W702, W703
JXWBKG-8-213-11
2-18
SP8T
3.5
2.2
60
50
0.2
W802
JXWBKG-1-214-11
2-18
SPS
2.4
2.2
80
50
0.2 - 1
W101, W102, W103
JXWBKG-2-214-111
2-18
SP2T
2.6
2.2
80
50
0.2
W201, W202, W203
JXWBKG-3-214-11
2-18
SP3T
2.7
2.2
80
50
0.2
W301, W302
JXWBKG-4-214-111
2-18
SP4T
2.9
2.2
80
50
0.2
W401, W402, W403
JXWBKG-5-214-11
2-18
SP5T
3.0
2.2
80
50
0.2
W501, W502
JXWBKG-6-214-111
2-18
SP6T
3.2
2.2
80
50
0.2
W602, W603
JXWBKG-7-214-11
2-18
SP7T
3.4
2.2
80
50
0.2
W702, W703
JXWBKG-8-214-111
2-18
SP8T
3.7
2.2
80
50
0.2
W802
Notes: For SPST being used as modulator, package options are X101, X103, X104, and X105.
P/N
Freq. Range
(GHz)
Type
Insertion Loss
(dB)
Max
VSW
Max
Isolation
(dB)
Min
Switching Speed
(ns)
Max
Power Handling
(W)
Max
Case
JXWBKG-1-A14-111
0.02-0.5
SPST
1.2
1.5
80
100-500
0.2-1
W101, W102, W103
JXWBKG-2-A14-11
0.02-0.5
SP2T
1.3
1.5
80
100-500
0.2-1
W201, W202, W203
JXWBKG-3-A14-111
0.02-0.5
SP3T
1.4
1.5
80
100-500
0.2-1
W301, W302
JXWBKG-4-A14-11
0.02-0.5
SP4T
1.5
1.5
80
100-500
0.2-1
W401, W402, W403
JXWBKG-5-A14-111
0.02-0.5
SP5T
1.5
1.5
80
100-500
0.2-1
W501, W502
JXWBKG-6-A14-11
0.02-0.5
SP6T
1.6
1.5
80
100-500
0.2-1
W602, W603
JXWBKG-7-A14-111
0.02-0.5
SP7T
1.7
1.5
80
100-500
0.2-1
W702, W703
JXWBKG-8-A14-11
0.02-0.5
SP8T
1.7
1.5
80
100-500
0.2-1
W802
JXWBKG-1-B14-11
0.5-1
SPS
1.3
1.5
80
100
0.2
W101, W102, W103
JXWBKG-2-B14-111
0.5-1
SP2T
1.4
1.5
80
100
0.2
W201, W202, W203
JXWBKG-3-B14-11
0.5-1
SP3T
1.5
1.5
80
100
0.2
W301, W302
JXWBKG-4-B14-111
0.5-1
SP4T
1.6
1.5
80
100
0.2
W401, W402, W403
JXWBKG-5-B14-11
0.5-1
SP5T
1.6
1.5
80
100
0.2
W501, W502
JXWBKG-6-B14-111
0.5-1
SP6T
1.7
1.5
80
100
0.2
W602, W603
JXWBKG-7-B14-11
0.5-1
SP7T
1.8
1.5
80
100
0.2
W702, W703
JXWBKG-8-B14-111
0.5-1
SP8T
1.8
1.5
80
100
0.2
W802
JXWBKG-1-C14-11
1-2
SPS
0.8
1.5
80
50
0.2
W101, W102, W103
JXWBKG-2-C14-111
1-2
SP2T
1.0
1.5
80
50
0.2
W201, W202, W203
JXWBKG-3-C14-11
1-2
SP3T
1.2
1.5
80
50
0.2
W301, W302
JXWBKG-4-C14-111
1-2
SP4T
1.2
1.5
80
50
0.2
W401, W402, W403
JXWBKG-5-C14-11
1-2
SP5T
1.3
1.5
80
50
0.2
W501, W502
JXWBKG-6-C14-111
1-2
SP6T
1.4
1.5
80
50
0.2
W602, W603
JXWBKG-7-C14-11
1-2
SP7T
1.4
1.5
80
50
0.2
W702, W703
JXWBKG-8-C14-111
1-2
SP8T
1.4
1.5
80
50
0.2
W802


Similar Part No. - JXWBKG-7-E14-111

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBKG-7-E23-111 AAC-JXWBKG-7-E23-111 Datasheet
103Kb / 2P
   Absorptive Switches 0.02 to 18GHz
More results

Similar Description - JXWBKG-7-E14-111

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBKG-1-223-111 AAC-JXWBKG-1-223-111 Datasheet
103Kb / 2P
   Absorptive Switches 0.02 to 18GHz
logo
List of Unclassifed Man...
ISTS149 ETC1-ISTS149 Datasheet
62Kb / 3P
   REFLECTIVE OPTICAL SWITCHES
SP3T ETC2-SP3T Datasheet
33Kb / 1P
   PIN Diode Switches 0.5 to 18.0GHz Non-Reflective
logo
TriQuint Semiconductor
TGA2620 TRIQUINT-TGA2620_15 Datasheet
522Kb / 13P
   16 to 18GHz Driver Amplifier
TGA2620-SM TRIQUINT-TGA2620-SM_15 Datasheet
618Kb / 14P
   16 to 18GHz Driver Amplifier
logo
Dielectric Laboratories...
FPC06075 DILABS-FPC06075 Datasheet
345Kb / 2P
   12 to 18GHz 10dB Directional Coupler
FPC06078 DILABS-FPC06078 Datasheet
337Kb / 2P
   12 to 18GHz 20dB Directional Coupler
logo
American Accurate Compo...
MA0520N2510A AAC-MA0520N2510A Datasheet
157Kb / 3P
   Broadband Limiting Amplifiers 0.5 to 18GHz
IA0520N1120 AAC-IA0520N1120 Datasheet
90Kb / 1P
   Broadband Isolating Amplifiers 0.5 to 18GHz
logo
Knowles Electronics
FPC06154 KNOWLES-FPC06154 Datasheet
295Kb / 2P
   12 to 18GHz 20dB Directional Coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com