Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN14C2E62R2BM Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # RN14C2E62R2BM
Description  RN 14 Series Insulation Coated Metal Film Resistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

RN14C2E62R2BM Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  RN14C2E62R2BM Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
American Accurate Components, Inc.
RN 14 Series Insulation Coated Metal Film Resistors
The content of this specification may change without notification 1/01/06
188 Technology Drive, Unit H, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
1
Custom solutions are available.
HOW TO ORDER:
RN14
S
2E
100K
B
M
Packaging
M = Tape ammo pack (1,000 pcs)
B = Bulk (100 pcs)
Resistance Tolerance
B = + 0.1%
D = +0.5%
C = +0.25%
F = +1.0%
Resistance Value
e.g. 100K, 62R2, 30K1
Voltage
2B = 1/8W, 2E = 1/4W, 2H = 1/2W
Temperature Coefficient
R = +5ppm
S = +10ppm
E = +25ppm
C = +50ppm
Series
Precision Insulation Coated Metal
Film Fixed Resistor
FEATURES
Ultra Stability of Resistance Value
Extremely Low temperature coefficient of
resistance, +5ppm
Working Temperature of -55
°C ~ +150°C
Applicable Specifications: EIA575, JISC5202,
and IEC 60068
ISO 9002 Quality Certified
STANDARD ELECTRICAL SPECIFICATION
Type
Rated Watts*
Max. Working
Voltage
Max. Overload
Voltage
Tolerance (%)
TCR
ppm/
°C
Resistance
Range
Operating
Temp Range
+0.1
+5, +10, +25
RN14 2B
0.125
250
500
+0.25, +0.5, +1
+25, +50
10
Ω – 1MΩ
+0.1
+5, +10, +25
RN14 2E
0.25
350
700
+0.25, +0.5, +1
+25, +50
10
Ω – 1MΩ
+0.1
+5, +10, +25
- 55 C to + 150 C
RN14 2H
0.50
500
1000
+0.25, +0.5, +1
+25, +50
10
Ω – 1MΩ
* per element @ 85 C
DIMENSIONS (mm)
Type
L
D
C
l
d
RN14 2B
6.3 + 0.5
2.3 + 0.2
7.5
27 + 2
0.6 + 0.05
RN14 2E
9.0 + 0.5
3.6 + 0.5
10.5
27 + 2
0.6 + 0.05
RN14 2H
14.2 + 0.8
4.8 + 0.4
16.0
27 + 2
1.0 + 0.05
RESISTOR DRAWING
DERATING CURVE
PERFORMANCE
Test Item
JISC5202
Test Result
Value
5.1
B (+0.1%)
TRC
5.2
S (+10ppm/ C)
Short Time Overload
5.5
+ (0.25% + 0.05
Ω)
Insulation
5.6
10,000M
Voltage
5.7
+ (0.1% + 0.05
Ω)
Intermittent Overload
5.8
+ (0.5% + 0.05
Ω)
Terminal Strength
6.1
+ (0.25% + 0.05
Ω)
Vibration
6.3
+ (0.25% + 0.05
Ω)
Solder Heat
6.4
+ (0.25% + 0.05
Ω)
Solderability
6.5
95%
Solvency
6.9
Anti-Solvent
Temperature Cycle
7.4
+ (0.25% + 0.05
Ω)
Low Temp Operation
7.1
+ (0.25% + 0.05
Ω)
Humidity Overload
7.9
+ (0.25% + 0.05
Ω)
Rated Load Test
7.10
+ (0.25% + 0.05
Ω)
MATERIAL SPECIFICATION
Element:
Precision deposited nickel chrome alloy
Coated constructions
Encapsulation:
Specially formulated epoxy compounds
Standard lead material is solder coated
copper with controlled annealing
Core:
Fire cleaned high purity ceramic
Termination:
Solderable and weldable per MIL-STD-
1276, Type C


Similar Part No. - RN14C2E62R2BM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
577Kb / 8P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
587Kb / 8P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401_07 Datasheet
577Kb / 8P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1402 TOSHIBA-RN1402 Datasheet
253Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results

Similar Description - RN14C2E62R2BM

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
RN50R100BM AAC-RN50R100BM Datasheet
141Kb / 2P
   RN Series Molded Metal Film High Precision Resistors
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
RFE international
MR25R-100K-F RFE-MR25R-100K-F Datasheet
80Kb / 1P
   FILM RESISTORS MR Series: Metal Film
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
   METAL FILM RESISTORS
logo
List of Unclassifed Man...
MF0 ETC2-MF0 Datasheet
405Kb / 8P
   Metal Film Resistors
logo
Vishay Siliconix
RN50 VISHAY-RN50 Datasheet
160Kb / 5P
   Metal Film Resistors
Revision: 28-Aug-06
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com