Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC195EVB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC195EVB
Description  3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC195EVB Datasheet(HTML) 4 Page - Semtech Corporation

  SC195EVB Datasheet HTML 1Page - Semtech Corporation SC195EVB Datasheet HTML 2Page - Semtech Corporation SC195EVB Datasheet HTML 3Page - Semtech Corporation SC195EVB Datasheet HTML 4Page - Semtech Corporation SC195EVB Datasheet HTML 5Page - Semtech Corporation SC195EVB Datasheet HTML 6Page - Semtech Corporation SC195EVB Datasheet HTML 7Page - Semtech Corporation SC195EVB Datasheet HTML 8Page - Semtech Corporation SC195EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SC195
4
Parameter
Symbol
Condition
Min
Typ
Max
Units
Switching Frequency
f
SW
2.8
3.5
4.2
MHz
Soft-Start
t
SS
V
OUT
= 90% of final value
100
500
μs
Thermal Shutdown
T
OT
Rising temperature
160
°C
Thermal Shutdown Hysteresis
T
HYST
20
°C
Logic Inputs - CTL0, CTL1, CTL2, and CTL3
Input High Voltage
V
IH
1.2
V
Input Low Voltage
V
IL
0.4
V
Input High Current
I
IH
V
CTL 0-3
= V
IN
-2.0
5.0
μA
Input Low Current
I
IL
V
CTL 0-3
= GND
-2.0
2.0
μA
Notes
(1)
Maximum output voltage is limited to VIN if the input is less than 3.3V.
Electrical Characteristics (continued)


Similar Part No. - SC195EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC195EVB SEMTECH-SC195EVB Datasheet
497Kb / 20P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
More results

Similar Description - SC195EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC195 SEMTECH-SC195_10 Datasheet
497Kb / 20P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
SC195B SEMTECH-SC195B Datasheet
614Kb / 19P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
SC195F SEMTECH-SC195F Datasheet
581Kb / 18P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
SC197 SEMTECH-SC197 Datasheet
1Mb / 20P
   3.5MHz, 500mA Synchronous Dual Step-Down DC-DC Regulator
SC202AMLTRT SEMTECH-SC202AMLTRT Datasheet
541Kb / 19P
   3.5MHz, 500mA Step-down Regulator
logo
Unisonic Technologies
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655 Datasheet
277Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655_14 Datasheet
355Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Torex Semiconductor
XC9215 TOREX-XC9215 Datasheet
239Kb / 21P
   500mA Synchronous Step-Down DC/DC Converters
logo
Unisonic Technologies
UC3655 UTC-UC3655_10 Datasheet
301Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com