Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC656ULTRT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC656ULTRT
Description  Backlight Driver for 7 LEDs with Charge Pump and PWM Control
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC656ULTRT Datasheet(HTML) 4 Page - Semtech Corporation

  SC656ULTRT Datasheet HTML 1Page - Semtech Corporation SC656ULTRT Datasheet HTML 2Page - Semtech Corporation SC656ULTRT Datasheet HTML 3Page - Semtech Corporation SC656ULTRT Datasheet HTML 4Page - Semtech Corporation SC656ULTRT Datasheet HTML 5Page - Semtech Corporation SC656ULTRT Datasheet HTML 6Page - Semtech Corporation SC656ULTRT Datasheet HTML 7Page - Semtech Corporation SC656ULTRT Datasheet HTML 8Page - Semtech Corporation SC656ULTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SC656
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Current Transition Settling Time
t
s
Duty cycle change from 00% to 50%()(4)
0.5
s
ENM/ENS Low Time
t
LT
Time that voltage on ENM or ENS can be low with-
out disabling the device
5
ms
x Mode to .5x Mode
Falling Transition Voltage
V
TRANSx
I
OUT = 70mA, IBLn = 0mA, VOUT = 3.2V
3.26
V
.5x Mode to 2x Mode
Falling Transition Voltage
V
TRANS.5x
I
OUT = 70mA, IBLn = 0mA, VOUT = 4.0V
(3)
2.90
V
Current Sink Off-State
Leakage Current
I
BLn(off)
V
IN = VBLn = 4.2V
0.

µA
Charge Pump Frequency
f
PUMP
V
IN = 3.2V
250
kHz
Output Short Circuit Current Limit
I
OUT(SC)
OUT pin shorted to GND
50
mA
V
OUT > 2.5V
400
Under Voltage Lockout Threshold
V
UVLO
Increasing V
IN — lockout released
2.4
V
UVLO Hysteresis
V
UVLO-HYS
500
mV
Over-Voltage Protection
V
OVP
OUT pin open circuit, V
OUT = VOVP, VIN rising threshold
5.7
6.0
V
Over-Temperature
T
OT
Rising Temperature
65
°C
OT Hysteresis
T
OT-HYS
25
°C
Digital Logic Pins — ENM, ENS, BANK2, AND BANK1
Input High Threshold
V
IH
V
IN = 5.5V
.4
V
Input Low Threshold
V
IL
V
IN = 2.9V
0.4
V
Input High Current
I
IH
V
IN = 5.5V

µA
Input Low Current
I
IL
V
IN = 5.5V

µA
Electrical Characteristics (continued)
Notes:
() Guaranteed by design
(2) Current matching equals ± [I
BL(MAX) - IBL(MIN] / [IBL(MAX) + IBL(MIN)].
(3) Test voltage is V
OUT = 4.0V — a relatively extreme LED voltage used to force a transition during test. Typically VOUT = 3.2V for white LEDs.
(4) The settling time is affected by the magnitude of change in the PWM duty cycle.


Similar Part No. - SC656ULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC652 SEMTECH-SC652 Datasheet
287Kb / 16P
   Backlight Driver for 5 LEDs with Charge Pump and PWM Control
logo
SHENZHEN FUMAN ELECTRON...
SC6523 FUMAN-SC6523 Datasheet
119Kb / 5P
   LCD driver IC
logo
Semtech Corporation
SC652EVB SEMTECH-SC652EVB Datasheet
287Kb / 16P
   Backlight Driver for 5 LEDs with Charge Pump and PWM Control
SC652ULTRT SEMTECH-SC652ULTRT Datasheet
287Kb / 16P
   Backlight Driver for 5 LEDs with Charge Pump and PWM Control
SC653 SEMTECH-SC653 Datasheet
309Kb / 22P
   Light Management Unit with 2 LDOs and SemPulse짰Interface
More results

Similar Description - SC656ULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC652 SEMTECH-SC652 Datasheet
287Kb / 16P
   Backlight Driver for 5 LEDs with Charge Pump and PWM Control
logo
Analog Devices
ADP8870 AD-ADP8870 Datasheet
74Kb / 2P
   Charge-Pump, Parallel Backlight Driver with Image Content PWM Input
Rev. Sp0
logo
Maxim Integrated Produc...
MAX8879 MAXIM-MAX8879 Datasheet
389Kb / 16P
   Charge Pump for Backlight/Flash/RGB LEDs with Safety Timer
Rev 0; 9/08
logo
Advanced Analogic Techn...
AAT2842 ANALOGICTECH-AAT2842 Datasheet
627Kb / 21P
   High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
AAT2842 ANALOGICTECH-AAT2842_07 Datasheet
727Kb / 22P
   High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
logo
Rohm
BD1204GWL ROHM-BD1204GWL Datasheet
412Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1606MVV ROHM-BD1606MVV_11 Datasheet
306Kb / 12P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1603NUV ROHM-BD1603NUV_11 Datasheet
324Kb / 9P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1601MUV ROHM-BD1601MUV_11 Datasheet
316Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1206GUL ROHM-BD1206GUL Datasheet
392Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com