Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-5713CNL-M3T1S Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-5713CNL-M3T1S
Description  HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5713CNL-M3T1S Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-5713CNL-M3T1S Datasheet HTML 5Page - Seiko Instruments Inc S-5713CNL-M3T1S Datasheet HTML 6Page - Seiko Instruments Inc S-5713CNL-M3T1S Datasheet HTML 7Page - Seiko Instruments Inc S-5713CNL-M3T1S Datasheet HTML 8Page - Seiko Instruments Inc S-5713CNL-M3T1S Datasheet HTML 9Page - Seiko Instruments Inc S-5713CNL-M3T1S Datasheet HTML 10Page - Seiko Instruments Inc S-5713CNL-M3T1S Datasheet HTML 11Page - Seiko Instruments Inc S-5713CNL-M3T1S Datasheet HTML 12Page - Seiko Instruments Inc S-5713CNL-M3T1S Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
Rev.2.0_00
S-5713A Series
Seiko Instruments Inc.
9
Operation
1. Direction of applied magnetic flux and position of Hall sensor
The S-5713A Series detects the flux density which is vertical to the marking surface.
Figure 9 shows the direction in which magnetic flux is being applied.
Marking surface
S
N
Figure 9
Figure 10 shows the position of Hall sensor.
The center of this Hall sensor is located in the area indicated by a circle, which is in the center of a package as
described below.
The following also shows the distance (typ. value) between the marking surface and the chip surface of a package.
1
Top view
2
3
Center of Hall sensor
(
φ0.3 mm or less)
0.7 mm (typ.)
Figure 10


Similar Part No. - S-5713CNL-M3T1S

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5711A SII-S-5711A Datasheet
334Kb / 26P
   HALL IC
S-5711ACDH-M3T1S SII-S-5711ACDH-M3T1S Datasheet
334Kb / 26P
   HALL IC
S-5711ACDL-I4T1G SII-S-5711ACDL-I4T1G Datasheet
334Kb / 26P
   HALL IC
S-5711ACDL-M3T1S SII-S-5711ACDL-M3T1S Datasheet
334Kb / 26P
   HALL IC
S-5711ACSL-I4T1G SII-S-5711ACSL-I4T1G Datasheet
334Kb / 26P
   HALL IC
More results

Similar Description - S-5713CNL-M3T1S

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-57A1NSL1A-M3T2U SII-S-57A1NSL1A-M3T2U Datasheet
886Kb / 15P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-57B1 SII-S-57B1 Datasheet
1Mb / 20P
   OPERATION HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-5715CNDL1-M3T1U SII-S-5715CNDL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
   UNIPOLAR DETECTION TYPE HALL IC
S-5715CNSL1-M3T1U SII-S-5715CNSL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-5717ANDL8-I4T1U SII-S-5717ANDL8-I4T1U Datasheet
1Mb / 19P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732NSL1B-Y3N2U SII-S-5732NSL1B-Y3N2U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
logo
Rohm
BU52069GWZ ROHM-BU52069GWZ Datasheet
1Mb / 19P
   Unipolar Detection Hall IC
logo
Seiko Instruments Inc
S5715 SII-S5715 Datasheet
1Mb / 28P
   HIGH-SPEED / MIDDLE-SPEED LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
S5712E SII-S5712E Datasheet
1Mb / 31P
   HIGH-SPEED LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com