Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-5713NNL-M3T1S Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-5713NNL-M3T1S
Description  HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5713NNL-M3T1S Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-5713NNL-M3T1S Datasheet HTML 6Page - Seiko Instruments Inc S-5713NNL-M3T1S Datasheet HTML 7Page - Seiko Instruments Inc S-5713NNL-M3T1S Datasheet HTML 8Page - Seiko Instruments Inc S-5713NNL-M3T1S Datasheet HTML 9Page - Seiko Instruments Inc S-5713NNL-M3T1S Datasheet HTML 10Page - Seiko Instruments Inc S-5713NNL-M3T1S Datasheet HTML 11Page - Seiko Instruments Inc S-5713NNL-M3T1S Datasheet HTML 12Page - Seiko Instruments Inc S-5713NNL-M3T1S Datasheet HTML 13Page - Seiko Instruments Inc S-5713NNL-M3T1S Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-5713A Series
Rev.2.0_00
Seiko Instruments Inc.
10
2. Basic operation
The S-5713A Series changes the output voltage (VOUT) according to the level of the magnetic flux density (N or S
pole) applied by a magnet.
The following explains the operation when the magnetism detection logic is active “L”.
(1) Products with detection of S pole
When the magnetic flux density vertical to the marking surface exceeds BOPS after the S pole of a magnet is
moved closer to the marking surface of the S-5713A Series, VOUT changes from “H” to “L”. When the S pole of a
magnet is moved further away from the marking surface of the S-5713A Series and the magnetic flux density is
lower than BRPS, VOUT changes from “L” to “H”.
(2) Products with detection of N pole
When the magnetic flux density vertical to the marking surface exceeds BOPN after the N pole of a magnet is
moved closer to the marking surface of the S-5713A Series, VOUT changes from “H” to “L”. When the N pole of a
magnet is moved further away from the marking surface of the S-5713A Series and the magnetic flux density is
lower than BRPN, VOUT changes from “L” to “H”.
Figures 11 to 12 show the relationship between the magnetic flux density and VOUT.
(1) Products with detection of S pole
(2) Products with detection of N pole
VOUT
S pole
0
BRPS
BOPS
N pole
Flux density (B)
BHYSS
H
L
VOUT
0
BOPN
BRPN
BHYSN
H
L
S pole
N pole
Flux density (B)
Figure 11
Figure 12


Similar Part No. - S-5713NNL-M3T1S

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5711A SII-S-5711A Datasheet
334Kb / 26P
   HALL IC
S-5711ACDH-M3T1S SII-S-5711ACDH-M3T1S Datasheet
334Kb / 26P
   HALL IC
S-5711ACDL-I4T1G SII-S-5711ACDL-I4T1G Datasheet
334Kb / 26P
   HALL IC
S-5711ACDL-M3T1S SII-S-5711ACDL-M3T1S Datasheet
334Kb / 26P
   HALL IC
S-5711ACSL-I4T1G SII-S-5711ACSL-I4T1G Datasheet
334Kb / 26P
   HALL IC
More results

Similar Description - S-5713NNL-M3T1S

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-57A1NSL1A-M3T2U SII-S-57A1NSL1A-M3T2U Datasheet
886Kb / 15P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-57B1 SII-S-57B1 Datasheet
1Mb / 20P
   OPERATION HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-5715CNDL1-M3T1U SII-S-5715CNDL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
   UNIPOLAR DETECTION TYPE HALL IC
S-5715CNSL1-M3T1U SII-S-5715CNSL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-5717ANDL8-I4T1U SII-S-5717ANDL8-I4T1U Datasheet
1Mb / 19P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732NSL1B-Y3N2U SII-S-5732NSL1B-Y3N2U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
logo
Rohm
BU52069GWZ ROHM-BU52069GWZ Datasheet
1Mb / 19P
   Unipolar Detection Hall IC
logo
Seiko Instruments Inc
S5715 SII-S5715 Datasheet
1Mb / 28P
   HIGH-SPEED / MIDDLE-SPEED LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
S5712E SII-S5712E Datasheet
1Mb / 31P
   HIGH-SPEED LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com