Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMOD0083P048 Datasheet(PDF) 2 Page - Maxwell Technologies

Part # BMOD0083P048
Description  MC POWER SERIES 48 V MODULES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

BMOD0083P048 Datasheet(HTML) 2 Page - Maxwell Technologies

  BMOD0083P048 Datasheet HTML 1Page - Maxwell Technologies BMOD0083P048 Datasheet HTML 2Page - Maxwell Technologies BMOD0083P048 Datasheet HTML 3Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 • Document number: 1009365.7
DATASHEET
MC POWER SERIES 48 V MODULES
BMOD0083 P048
BMOD0110 P048
BMOD0165 P048
Life test
At rated voltage and 25°C.
10 years
10 years
10 years
Capacitance change
% of rated value
30% decrease
30% decrease
30% decrease
Internal resistance
% of rated value
150% increase
150% increase
150% increase
Shelf Life
After 1,500 hours storage at 65°C without load shall meet specification for endurance.
LIFE CYCLE
Cycles
Between specified voltage and half rated
voltage under constant current at 25°C.
1,000,000
1,000,000
1,000,000
Capacitance change
30% decrease
30% decrease
30% decrease
Internal resistance
150% increase
150% increase
150% increase
CURRENT
Leakage current
After 72 hours at 25°C. Initial leakage current
can be higher.
3 mA
4.2mA
5.2 mA
Short circuit current (lsc)
CAUTION: C urrent possible with short circuit
from UR. Do not use as an operating current.
4,700 A
6,000 A
6,900 A
Maximum continuous current
115 A
125 A
150 A
Maximum peak current, 1 sec
1 second, 10% duty cycle
1,080 A
1,410 A
1,850 A
CONNECTION
Terminal
+ M8 x1.25/ - M10 x1.5
+ M8 x1.25/ - M10 x1.5
+ M8 x1.25/ - M10 x1.5
MONITORING
Balancing
VMS (Voltage Management
System)
VMS (Voltage Management
System)
VMS (Voltage Management
System)
Fan voltage
N/A
N/A
N/A
Thermal monitoring
NTC
NTC
NTC
SIZE
Dimensions
See drawing
See drawing
See drawing
Volume
8.5 L
9.7 L
12.6 L
Weight
11 kg
12 kg
14.2 kg
RATINGS
Environmental resistance
IP65
IP65
IP65
Vibration resistance
SAE J2380
SAE J2380
SAE J2380
PRODUCT SPECIFICATIONS (cont.)
BMOD0083
BMOD0110
BMOD0165
½ CV2
3,600 x mass
Emax =
V2
4R (1khz)
mass
Pmax =
0.12V2
R (DC)
mass
Pd =
ADDITIONALTECHNICAL INFORMATION
Capacitance and ESR, DC measured per document
no. 1007239, available at www.maxwell.com.
lc = leakage current after 72 hours at 25°C
lsc (short circuit current) =
Rth = thermal resistance
VRATED
ESR DC
®


Similar Part No. - BMOD0083P048

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
BMOD0083P048B01 MAXWELL-BMOD0083P048B01 Datasheet
956Kb / 6P
   Compact, rugged, fully enclosed splash proof design
BMOD0083P048B01 MAXWELL-BMOD0083P048B01 Datasheet
781Kb / 6P
   48V MODULES
More results

Similar Description - BMOD0083P048

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
BMOD0110P016B01 MAXWELL-BMOD0110P016B01 Datasheet
1Mb / 3P
   MC BMOD POWER SERIES 16 V MODULES
logo
List of Unclassifed Man...
ATCA-H8314 ETC2-ATCA-H8314 Datasheet
871Kb / 2P
   Dual -48 V DC power entry modules
logo
Ericsson
PKF4000 ERICSSON-PKF4000 Datasheet
1Mb / 24P
   3-7 W DC/DC Power Modules 48 V Input Series
logo
Vicor Corporation
DC048B010T010FP VICOR-DC048B010T010FP Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
DC048B VICOR-DC048B Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
logo
Jingjing Microelectroni...
EG1182 EGMICRO-EG1182 Datasheet
798Kb / 13P
   48 V Battery Power Supply System DIspenser
logo
Emerson Network Power
IPM300 EMERSON-NETWORKPOWER-IPM300 Datasheet
434Kb / 3P
   Dual 48 V ATCA Input Power Module
logo
Texas Instruments
TPS2392 TI-TPS2392_07 Datasheet
561Kb / 34P
[Old version datasheet]   FULL-FEATURED-48-V HOTSWAP POWER MANAGER
TPS2393 TI-TPS2393 Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
logo
International Rectifier
IRK71 IRF-IRK71 Datasheet
244Kb / 10P
   ADD-A-pak GEN V Power Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com