Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR6045 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MBR6045
Description  SWITCHMODE??Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR6045 Datasheet(HTML) 1 Page - Motorola, Inc

  MBR6045 Datasheet HTML 1Page - Motorola, Inc MBR6045 Datasheet HTML 2Page - Motorola, Inc MBR6045 Datasheet HTML 3Page - Motorola, Inc MBR6045 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Rectifier Device Data
Advance Information
SWITCHMODE™ Power Rectifier
The SWITCHMODE power rectifier employs the use of the Schottky Barrier
principle with a Platinum barrier metal. This state-of-the-art device has the
following features:
• Dual Diode Construction — Terminals 1 and 3 May Be
Connected for Parallel Operation at Full Rating
• 45 Volt Blocking Voltage
• Low Forward Voltage Drop
• Guardring for Stress Protection and High dv/dt Capability
(> 10 V/ns)
• Guaranteed Reverse Avalanche
• 150°C Operating Junction Temperature
Mechanical Characteristics
• Case: Epoxy, Molded
• Weight: 4.3 grams (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead Temperature for Soldering Purposes: 260°C Max. for 10
Seconds
• Shipped 30 Units Per Plastic Tube
• Marking: B6045
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
45
Volt
Average Rectified Forward Current — Per Diode
(Rated VR) @ TC = 125°C
— Per Device
IF(AV)
30
60
Amp
Peak Repetitive Forward Current, Per Diode
(Rated VR, Square Wave, 20 kHz) @ TC = 90°C
IFRM
60
Amp
Non Repetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
500
Amp
Peak Repetitive Reverse Current (2.0
µs, 1.0 kHz)
IRRM
2.0
Amp
Operating Junction Temperature
TJ
– 65 to +150
°C
Storage Temperature
Tstg
– 65 to +175
°C
Peak Surge Junction Temperature (Forward Current Applied)
TJ(pk)
175
°C
Voltage Rate of Change
dv/dt
10,000
V/
µs
THERMAL CHARACTERISTICS
Thermal Resistance — Junction to Case
R
θJC
1.0
°C/W
SWITCHMODE is a trademark of Motorola, Inc.
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Order this document
by MBR6045WT/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1996
3
1
2,4
MBR6045WT
SCHOTTKY BARRIER
RECTIFIER
60 AMPERES
45 VOLTS
CASE 340K–01
TO–247AC
1
3
2
Rev 3


Similar Part No. - MBR6045

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR6045 MOTOROLA-MBR6045 Datasheet
70Kb / 4P
   SWITCHMODE??Power Rectifier
logo
GeneSiC Semiconductor, ...
MBR6045 GENESIC-MBR6045 Datasheet
807Kb / 3P
   Silicon Power Schottky Diode
logo
Diodes Incorporated
MBR6045 DIODES-MBR6045 Datasheet
63Kb / 2P
   60A SCHOTTKY BARRIER RECTIFIER
DS30053 Rev. B-2
logo
Micro Commercial Compon...
MBR6045 MCC-MBR6045 Datasheet
109Kb / 2P
   60 Amp Schottky Barrier Rectifier 30 to 45 Volts
MBR6045 MCC-MBR6045 Datasheet
734Kb / 2P
   60 Amp Schottky Barrier Rectifier 45 Volts
More results

Similar Description - MBR6045

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR3045PT ONSEMI-MBR3045PT Datasheet
64Kb / 4P
   SWITCHMODE Power Rectifier
February, 2006 ??Rev. 3
MBRD835L ONSEMI-MBRD835L_10 Datasheet
113Kb / 5P
   SWITCHMODE Power Rectifier
July, 2010 ??Rev. 9
MBR3045ST ONSEMI-MBR3045ST_11 Datasheet
106Kb / 5P
   SWITCHMODE??Power Rectifier
January, 2011 ??Rev. 8
MBR7030WT ONSEMI-MBR7030WT_10 Datasheet
123Kb / 4P
   SWITCHMODE Power Rectifier
March, 2010 ??Rev. 3
MURF1660CT ONSEMI-MURF1660CT_07 Datasheet
83Kb / 4P
   SWITCHMODE Power Rectifier
June, 2007 - Rev. 5
MURD620CT ONSEMI-MURD620CT_11 Datasheet
101Kb / 4P
   SWITCHMODE Power Rectifier
January, 2011 ??Rev. 9
NRVBB4030T4G ONSEMI-NRVBB4030T4G Datasheet
144Kb / 6P
   SWITCHMODE Power Rectifier
January, 2012 ??Rev. 7
MBR16100CT ONSEMI-MBR16100CT Datasheet
124Kb / 5P
   SWITCHMODE Power Rectifier
May, 2008 ??Rev. 5
MBRB3030CTL ONSEMI-MBRB3030CTL Datasheet
91Kb / 8P
   SWITCHMODE Power Rectifier
August, 2005 ??Rev. 6
MUR220 ONSEMI-MUR220 Datasheet
52Kb / 6P
   SWITCHMODE Power Rectifier
April, 2003 - Rev. 4
MBRB30H60CT-1G ONSEMI-MBRB30H60CT-1G_12 Datasheet
170Kb / 10P
   SWITCHMODE Power Rectifier
January, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com