Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-11L10B19-I6T2G Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-11L10B19-I6T2G
Description  SUPER-LOW OUTPUT LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-11L10B19-I6T2G Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-11L10B19-I6T2G Datasheet HTML 1Page - Seiko Instruments Inc S-11L10B19-I6T2G Datasheet HTML 2Page - Seiko Instruments Inc S-11L10B19-I6T2G Datasheet HTML 3Page - Seiko Instruments Inc S-11L10B19-I6T2G Datasheet HTML 4Page - Seiko Instruments Inc S-11L10B19-I6T2G Datasheet HTML 5Page - Seiko Instruments Inc S-11L10B19-I6T2G Datasheet HTML 6Page - Seiko Instruments Inc S-11L10B19-I6T2G Datasheet HTML 7Page - Seiko Instruments Inc S-11L10B19-I6T2G Datasheet HTML 8Page - Seiko Instruments Inc S-11L10B19-I6T2G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
SUPER-LOW OUTPUT VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
S-11L10 Series
Rev.1.0_00
Seiko Instruments Inc.
4
3. Product name list
3. 1 S-11L10 Series B type
ON / OFF logic:
Active “H”
Constant current source pull-down:
Available
Table 2
Output voltage
SOT-23-5
SNT-6A(H)
0.8 V
±15 mV
S-11L10B08-M5T1U
S-11L10B08-I6T2G
0.9 V
±15 mV
S-11L10B09-M5T1U
S-11L10B09-I6T2G
1.0 V
±15 mV
S-11L10B10-M5T1U
S-11L10B10-I6T2G
1.1 V
±15 mV
S-11L10B11-M5T1U
S-11L10B11-I6T2G
1.2 V
±15 mV
S-11L10B12-M5T1U
S-11L10B12-I6T2G
1.3 V
±15 mV
S-11L10B13-M5T1U
S-11L10B13-I6T2G
1.4 V
±15 mV
S-11L10B14-M5T1U
S-11L10B14-I6T2G
1.5 V
±1.0%
S-11L10B15-M5T1U
S-11L10B15-I6T2G
1.6 V
±1.0%
S-11L10B16-M5T1U
S-11L10B16-I6T2G
1.7 V
±1.0%
S-11L10B17-M5T1U
S-11L10B17-I6T2G
1.8 V
±1.0%
S-11L10B18-M5T1U
S-11L10B18-I6T2G
1.9 V
±1.0%
S-11L10B19-M5T1U
S-11L10B19-I6T2G
2.0 V
±1.0%
S-11L10B20-M5T1U
S-11L10B20-I6T2G
2.1 V
±1.0%
S-11L10B21-M5T1U
S-11L10B21-I6T2G
2.2 V
±1.0%
S-11L10B22-M5T1U
S-11L10B22-I6T2G
2.3 V
±1.0%
S-11L10B23-M5T1U
S-11L10B23-I6T2G
2.4 V
±1.0%
S-11L10B24-M5T1U
S-11L10B24-I6T2G
2.5 V
±1.0%
S-11L10B25-M5T1U
S-11L10B25-I6T2G
2.6 V
±1.0%
S-11L10B26-M5T1U
S-11L10B26-I6T2G
2.7 V
±1.0%
S-11L10B27-M5T1U
S-11L10B27-I6T2G
2.8 V
±1.0%
S-11L10B28-M5T1U
S-11L10B28-I6T2G
2.9 V
±1.0%
S-11L10B29-M5T1U
S-11L10B29-I6T2G
3.0 V
±1.0%
S-11L10B30-M5T1U
S-11L10B30-I6T2G
3.1 V
±1.0%
S-11L10B31-M5T1U
S-11L10B31-I6T2G
3.2 V
±1.0%
S-11L10B32-M5T1U
S-11L10B32-I6T2G
3.3 V
±1.0%
S-11L10B33-M5T1U
S-11L10B33-I6T2G
Remark Please contact our sales office for products with specifications other than the above.


Similar Part No. - S-11L10B19-I6T2G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-1110A ETC2-S-1110A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
S-1110AW ETC2-S-1110AW Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
logo
Seiko Instruments Inc
S-1111 SII-S-1111 Datasheet
290Kb / 25P
   HIGH RIPPLE-REJECTION LOW DROPOUT
logo
List of Unclassifed Man...
S-1111A ETC2-S-1111A Datasheet
191Kb / 7P
   ROTARY CODED SWITCHES
S-1111A ETC2-S-1111A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results

Similar Description - S-11L10B19-I6T2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1313 SII-S1313 Datasheet
3Mb / 56P
   SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S11L10 SII-S11L10 Datasheet
762Kb / 35P
   SUPER-LOW OUTPUT VOLTAGE LOW DROPOUT
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S818 SII-S818 Datasheet
366Kb / 23P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2841 NJRC-NJM2841 Datasheet
161Kb / 12P
   Low Output Voltage Low Dropout Regulator
Ver.2013-08-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com