Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-11L10B22-I6T2G Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-11L10B22-I6T2G
Description  SUPER-LOW OUTPUT LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-11L10B22-I6T2G Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-11L10B22-I6T2G Datasheet HTML 5Page - Seiko Instruments Inc S-11L10B22-I6T2G Datasheet HTML 6Page - Seiko Instruments Inc S-11L10B22-I6T2G Datasheet HTML 7Page - Seiko Instruments Inc S-11L10B22-I6T2G Datasheet HTML 8Page - Seiko Instruments Inc S-11L10B22-I6T2G Datasheet HTML 9Page - Seiko Instruments Inc S-11L10B22-I6T2G Datasheet HTML 10Page - Seiko Instruments Inc S-11L10B22-I6T2G Datasheet HTML 11Page - Seiko Instruments Inc S-11L10B22-I6T2G Datasheet HTML 12Page - Seiko Instruments Inc S-11L10B22-I6T2G Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
SUPER-LOW OUTPUT VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.0_00
S-11L10 Series
Seiko Instruments Inc.
9
Table 7 (2 / 2)
(Ta = 25
°C unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Input voltage
VIN
1.2
3.65
V
VIN = VOUT(S)
+ 1.0 V,
RL = 1.0 k
Ω,
determined by VOUT output level
0.8 V
≤ VOUT(S) ≤ 2.65 V
0.9
V
4
ON / OFF pin
input voltage “H”
VSH
VIN = 3.65 V,
RL = 1.0 k
Ω,
determined by VOUT output level
2.65 V < VOUT(S)
≤ 3.3 V
0.9
V
4
VIN = VOUT(S)
+ 1.0 V,
RL = 1.0 k
Ω,
determined by VOUT output level
0.8 V
≤ VOUT(S) ≤ 2.65 V
0.2
V
4
ON / OFF pin
input voltage “L”
VSL
VIN = 3.65 V,
RL = 1.0 k
Ω,
determined by VOUT output level
2.65 V < VOUT(S)
≤ 3.3 V
0.2
V
4
B type
0.05
0.55
µA
4
ON / OFF pin
input current “H”
ISH
VIN = 3.65 V,
VON / OFF = 3.65 V
D type
−0.1
0.1
µA
4
ON / OFF pin
input current “L”
ISL
VIN = 3.65 V, VON / OFF = 0 V
−0.1
0.1
µA
4
0.8 V
≤ VOUT(S) ≤ 1.25 V
60
dB
5
VIN = VOUT(S)
+ 1.0 V,
f = 1.0 kHz,
∆Vrip = 0.5 Vrms,
IOUT = 30 mA
1.25 V < VOUT(S)
≤ 2.65 V
55
dB
5
Ripple rejection
RR
VIN = 3.65 V,
f = 1.0 kHz,
∆Vrip = 0.5 Vrms,
IOUT = 30 mA
2.65 V < VOUT(S)
≤ 3.3 V
55
dB
5
VIN = VOUT(S)
+ 1.0 V,
ON / OFF pin = ON,
VOUT = 0 V
0.8 V
≤ VOUT(S) ≤ 2.65 V
150
mA
3
Short-circuit
current
Ishort
VIN = 3.65 V,
ON / OFF pin = ON,
VOUT = 0 V
2.65 V < VOUT(S)
≤ 3.3 V
150
mA
3
“L” output Nch
ON resistance
RLOW
VOUT = 0.1 V, VIN = 3.65 V
100
3
*1. VOUT(S): Specified output voltage
VOUT(E): Actual output voltage
Output voltage when fixing IOUT(= 30 mA) and inputting VOUT(S) +1.0 V or 3.65 V
*2. The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output current.
*3. Vdrop
= VIN1 − (VOUT3 × 0.98)
VOUT3 is the output voltage when VIN = VOUT(S)
+ 1.0 V or 3.65 V and IOUT = 100 mA.
VIN1 is the input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input
voltage.
*4. The change in temperature [mV/°C] is calculated using the following equation.
∆VOUT
∆Ta []
mV/°C
*1 = V
OUT(S)[]
V
*2 ×
∆VOUT
∆Ta•VOUT []
ppm/°C
*3 ÷ 1000
*1. Change in temperature of the output voltage
*2. Specified output voltage
*3. Output voltage temperature coefficient
*5. The output current can be at least this value.
Due to restrictions on the package power dissipation, this value may not be satisfied. Attention should be paid to the
power dissipation of the package when the output current is large.
This specification is guaranteed by design.


Similar Part No. - S-11L10B22-I6T2G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-1110A ETC2-S-1110A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
S-1110AW ETC2-S-1110AW Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
logo
Seiko Instruments Inc
S-1111 SII-S-1111 Datasheet
290Kb / 25P
   HIGH RIPPLE-REJECTION LOW DROPOUT
logo
List of Unclassifed Man...
S-1111A ETC2-S-1111A Datasheet
191Kb / 7P
   ROTARY CODED SWITCHES
S-1111A ETC2-S-1111A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results

Similar Description - S-11L10B22-I6T2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1313 SII-S1313 Datasheet
3Mb / 56P
   SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S11L10 SII-S11L10 Datasheet
762Kb / 35P
   SUPER-LOW OUTPUT VOLTAGE LOW DROPOUT
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S818 SII-S818 Datasheet
366Kb / 23P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2841 NJRC-NJM2841 Datasheet
161Kb / 12P
   Low Output Voltage Low Dropout Regulator
Ver.2013-08-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com