Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-9366ABBBBI6TIG2 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-9366ABBBBI6TIG2
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-9366ABBBBI6TIG2 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-9366ABBBBI6TIG2 Datasheet HTML 2Page - Seiko Instruments Inc S-9366ABBBBI6TIG2 Datasheet HTML 3Page - Seiko Instruments Inc S-9366ABBBBI6TIG2 Datasheet HTML 4Page - Seiko Instruments Inc S-9366ABBBBI6TIG2 Datasheet HTML 5Page - Seiko Instruments Inc S-9366ABBBBI6TIG2 Datasheet HTML 6Page - Seiko Instruments Inc S-9366ABBBBI6TIG2 Datasheet HTML 7Page - Seiko Instruments Inc S-9366ABBBBI6TIG2 Datasheet HTML 8Page - Seiko Instruments Inc S-9366ABBBBI6TIG2 Datasheet HTML 9Page - Seiko Instruments Inc S-9366ABBBBI6TIG2 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365/8366 Series
Rev.1.1_00
Seiko Instruments Inc.
6
2. Product list
(1) S-8365 Series (PWM control)
Table 1
SOT-23-5
SOT-23-6
SNT-6A
Oscillation
frequency
Short-circuit
protection
UVLO
function
OFF
/
ON
pin
pull-down
S-8365AABBA-M6T1S2 S-8365AABBA-I6T1G2
1.2 MHz
Available
Available
Unavailable
S-8365AAABA-M5T1S2
S-8365AAABA-I6T1G2
1.2 MHz Unavailable
Available
Unavailable
S-8365AAAAA-M5T1S2
S-8365AAAAA-I6T1G2
1.2 MHz Unavailable Unavailable Unavailable
S-8365ABBBA-M6T1S2 S-8365ABBBA-I6T1G2
600 kHz
Available
Available
Unavailable
S-8365ABABA-M5T1S2
S-8365ABABA-I6T1G2
600 kHz Unavailable
Available
Unavailable
S-8365ABAAA-M5T1S2
S-8365ABAAA-I6T1G2
600 kHz Unavailable Unavailable Unavailable
Remark 1. Contact our sales office for S-8365AxBAA (without UVLO function, with short-circuit protection).
2. Contact our sales office for S-8365AxxxB (
OFF
ON/
pin pull-down).
(2) S-8366 Series (PWM / PFM switching control)
Table 2
SOT-23-5
SOT-23-6
SNT-6A
Oscillation
frequency
Short-circuit
protection
UVLO
function
OFF
/
ON
pin
pull-down
S-8366AABBA-M6T1S2 S-8366AABBA-I6T1G2
1.2 MHz
Available
Available
Unavailable
S-8366AAABA-M5T1S2
S-8366AAABA-I6T1G2
1.2 MHz Unavailable Available
Unavailable
S-8366AAAAA-M5T1S2
S-8366AAAAA-I6T1G2
1.2 MHz Unavailable Unavailable Unavailable
S-8366ABBBA-M6T1S2 S-8366ABBBA-I6T1G2
600 kHz
Available
Available
Unavailable
S-8366ABABA-M5T1S2
S-8366ABABA-I6T1G2
600 kHz Unavailable Available
Unavailable
S-8366ABAAA-M5T1S2
S-8366ABAAA-I6T1G2
600 kHz Unavailable Unavailable Unavailable
Remark 1. Contact our sales office for S-8366AxBAA (without UVLO function, with short-circuit protection).
2. Contact our sales office for S-8366AxxxB (
OFF
ON/
pin pull-down).


Similar Part No. - S-9366ABBBBI6TIG2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93A46A SII-S-93A46A Datasheet
334Kb / 34P
   CMOS SERIAL E2PROM
S-93A46AD0A-J8T2GB SII-S-93A46AD0A-J8T2GB Datasheet
334Kb / 34P
   CMOS SERIAL E2PROM
S-93A46AD0A-J8T2GD SII-S-93A46AD0A-J8T2GD Datasheet
334Kb / 34P
   CMOS SERIAL E2PROM
S-93A46B SII-S-93A46B Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93A46B ABLIC-S-93A46B Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
More results

Similar Description - S-9366ABBBBI6TIG2

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
logo
Seiko Instruments Inc
S8365 SII-S8365 Datasheet
3Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8363 SII-S8363 Datasheet
2Mb / 50P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
logo
ABLIC Inc.
S-8363 ABLIC-S-8363 Datasheet
792Kb / 50P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
Rev.2.0_02
logo
Seiko Instruments Inc
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8355 ABLIC-S-8355 Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com