Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3585PQT Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-3585PQT
Description  ARINC 429 May 2009 Terminal IC with SPI Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3585PQT Datasheet(HTML) 6 Page - Holt Integrated Circuits

Back Button HI-3585PQT Datasheet HTML 2Page - Holt Integrated Circuits HI-3585PQT Datasheet HTML 3Page - Holt Integrated Circuits HI-3585PQT Datasheet HTML 4Page - Holt Integrated Circuits HI-3585PQT Datasheet HTML 5Page - Holt Integrated Circuits HI-3585PQT Datasheet HTML 6Page - Holt Integrated Circuits HI-3585PQT Datasheet HTML 7Page - Holt Integrated Circuits HI-3585PQT Datasheet HTML 8Page - Holt Integrated Circuits HI-3585PQT Datasheet HTML 9Page - Holt Integrated Circuits HI-3585PQT Datasheet HTML 10Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
FIFO
LOAD
CONTROL
CONTROL BITS
CR2, CR6-8
/
SPI INTERFACE
32 BIT SHIFT REGISTER
CONTROLBITS
CR0, CR1
CLOCK
OPTION
CLOCK
ACLK
BIT
COUNTER
AND
END OF
SEQUENCE
PARITY
CHECK
32ND
BIT
DATA
BIT CLOCK
WORD GAP
WORD GAP
TIMER
BIT CLOCK
END
START
SEQUENCE
CONTROL
ERROR
CLOCK
ERROR
DETECTION
SHIFT REGISTER
SHIFT REGISTER
NULL
ZEROS
SHIFT REGISTER
ONES
EOS
FIGURE 2.
RECEIVER BLOCK DIAGRAM
LABEL /
DECODE
COMPARE
256-BIT
LABEL
LOOK-UP
TABLE
32X32
FIFO
RFLAG
SCK
CS
SI
SO
0
X
0
X
Load FIFO
1
No
0
X
Ignore data
1
Yes
0
X
Load FIFO
0
X
1
No
Ignore data
0
X
1
Yes
Load FIFO
1
Yes
1
No
Ignore data
1
No
1
Yes
Ignore data
1
No
1
No
Ignore data
1
Yes
1
Yes
Load FIFO
CR2
ARINC word
CR6
ARINC word
FIFO
matches
bits 10, 9
Enabled
match
CR7, 8
label
RECEIVER PARITY
The receiver parity circuit counts Ones received, including the
parity bit. If the result is odd, a "0" appears in the 32nd bit.
RETRIEVING DATA
Once 32 valid bits are recognized, the receiver logic generates an
End of Sequence (EOS).
Depending on the state of Control
Register bits CR2, CR6, CR7 and CR8, the received 32-bit ARINC
word is then checked for correct decoding and label match before
it is loaded into the 32 x 32 Receive FIFO. ARINC words that do
not match required 9th and 10th ARINC bit and do not have a label
match are ignored and are not loaded into the Receive FIFO. The
adjacent table describes this operation.
FUNCTIONAL DESCRIPTION (cont.)
TABLE 3. FIFO LOADING CONTROL
HI-3585
HOLT INTEGRATED CIRCUITS
6


Similar Part No. - HI-3585PQT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3585PQT HOLTIC-HI-3585PQT Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-3585PQTF HOLTIC-HI-3585PQTF Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
More results

Similar Description - HI-3585PQT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3585 HOLTIC-HI-3585_13 Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3582A HOLTIC-HI-3582A Datasheet
126Kb / 17P
   ARINC 429 3.3V Terminal IC with High-Speed Interface
HI-3582 HOLTIC-HI-3582_13 Datasheet
126Kb / 18P
   ARINC 429 3.3V Terminal IC
HI-3582 HOLTIC-HI-3582 Datasheet
163Kb / 16P
   3.3V ARINC 429 TERMINAL IC
HI-3593 HOLTIC-HI-3593_13 Datasheet
140Kb / 23P
   3.3V ARINC 429 Dual Receiver,Single Transmitter with SPI Interface
HI-3596 HOLTIC-HI-3596 Datasheet
208Kb / 18P
   Octal ARINC 429 Receivers with Label Recognition and SPI Interface
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com