Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3587PQIF Datasheet(PDF) 11 Page - Holt Integrated Circuits

Part # HI-3587PQIF
Description  ARINC 429 Transmitter with SPI Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3587PQIF Datasheet(HTML) 11 Page - Holt Integrated Circuits

Back Button HI-3587PQIF Datasheet HTML 3Page - Holt Integrated Circuits HI-3587PQIF Datasheet HTML 4Page - Holt Integrated Circuits HI-3587PQIF Datasheet HTML 5Page - Holt Integrated Circuits HI-3587PQIF Datasheet HTML 6Page - Holt Integrated Circuits HI-3587PQIF Datasheet HTML 7Page - Holt Integrated Circuits HI-3587PQIF Datasheet HTML 8Page - Holt Integrated Circuits HI-3587PQIF Datasheet HTML 9Page - Holt Integrated Circuits HI-3587PQIF Datasheet HTML 10Page - Holt Integrated Circuits HI-3587PQIF Datasheet HTML 11Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
HI-3587 PACKAGE DIMENSIONS
44-PIN PLASTIC CHIP-SCALE PACKAGE (QFN)
Package Type: 44PCS
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
.203 ± .006
(5.15 ± .15)
.016 ± .002
(0.40 ± .05)
.010
(0.25)
.020
(0.50)
.008
(0.2)
.039
(1.00)
.276
(7.00)
BSC
.203 ± .006
(5.15 ± .15)
typ
typ
Bottom
View
Top View
BSC
.276
(7.00)
BSC
max
inches (millimeters)
Heat sink pad on bottom of package.
Heat sink must be left floating or
connected to V+
DO NOT connect to GND, VDD or V-.
Package Type:
0
° £ Q £ 7°
Detail A
See Detail A
SQ.
44PTQS
44-PIN PLASTIC QUAD FLAT PACK (PQFP)
.006
(.15)
.547 ± .010
(13.90 ± .25)
.394 ± .004
(10.0 ± .10)
SQ.
MAX.
.014 ± ..002
(.35 ± .05)
.035
.006
±
(.88
.15)
±
.005
(.13)
R MIN.
.012
(.30)
R MAX.
.055
.002
±
(1.4
.05)
±
.063
(1.6)
MAX.
.0315
(.80)
inches (millimeters)
BSC
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
HOLT INTEGRATED CIRCUITS
11


Similar Part No. - HI-3587PQIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3582 HOLTIC-HI-3582 Datasheet
163Kb / 16P
   3.3V ARINC 429 TERMINAL IC
HI-3582 HOLTIC-HI-3582 Datasheet
126Kb / 18P
   ARINC 429 3.3V Terminal IC
HI-3582A HOLTIC-HI-3582A Datasheet
126Kb / 17P
   ARINC 429 3.3V Terminal IC with High-Speed Interface
HI-3582ACJIF HOLTIC-HI-3582ACJIF Datasheet
126Kb / 17P
   ARINC 429 3.3V Terminal IC with High-Speed Interface
HI-3582ACJIF-15 HOLTIC-HI-3582ACJIF-15 Datasheet
126Kb / 17P
   ARINC 429 3.3V Terminal IC with High-Speed Interface
More results

Similar Description - HI-3587PQIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3593 HOLTIC-HI-3593_13 Datasheet
140Kb / 23P
   3.3V ARINC 429 Dual Receiver,Single Transmitter with SPI Interface
HI-3593 HOLTIC-HI-3593 Datasheet
143Kb / 23P
   3.3V ARINC 429 Dual Receiver, Single Transmitter with SPI Interface
HI-3585 HOLTIC-HI-3585_13 Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-3585 HOLTIC-HI-3585 Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
HI-3596 HOLTIC-HI-3596 Datasheet
208Kb / 18P
   Octal ARINC 429 Receivers with Label Recognition and SPI Interface
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
logo
Holt Integrated Circuit...
HI-3584A HOLTIC-HI-3584A Datasheet
121Kb / 16P
   ARINC 429 3.3V Serial Transmitter
HI-3598 HOLTIC-HI-3598_12 Datasheet
1Mb / 18P
   Octal ARINC 429 Receiverswith Label Recognition and SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com