Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3588PQI Datasheet(PDF) 9 Page - Holt Integrated Circuits

Part # HI-3588PQI
Description  ARINC 429 Receiver with SPI Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3588PQI Datasheet(HTML) 9 Page - Holt Integrated Circuits

Back Button HI-3588PQI Datasheet HTML 3Page - Holt Integrated Circuits HI-3588PQI Datasheet HTML 4Page - Holt Integrated Circuits HI-3588PQI Datasheet HTML 5Page - Holt Integrated Circuits HI-3588PQI Datasheet HTML 6Page - Holt Integrated Circuits HI-3588PQI Datasheet HTML 7Page - Holt Integrated Circuits HI-3588PQI Datasheet HTML 8Page - Holt Integrated Circuits HI-3588PQI Datasheet HTML 9Page - Holt Integrated Circuits HI-3588PQI Datasheet HTML 10Page - Holt Integrated Circuits HI-3588PQI Datasheet HTML 11Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AC ELECTRICAL CHARACTERISTICS
HI-3588
ORDERING INFORMATION
HI - 3588 xx x x
PACKAGE
DESCRIPTION
44 PIN PLASTIC CHIP-SCALE, QFN (44PCS)
PART
NUMBER
PC
44 PIN PLASTIC QUAD FLAT PACK, PQFP (44PTQS)
PQ
LEAD
FINISH
PART
NUMBER
100% Matte Tin (Pb-free, RoHS compliant)
F
Tin / Lead (Sn / Pb) Solder
Blank
TEMPERATURE
RANGE
BURN
IN
-40°C TO +85°C
No
-55°C TO +125°C
No
T
PART
NUMBER
T
I
FLOW
I
The HI-3588PCI and HI-3588PCT use a 44-pin plastic
chip-scale package. This package has a metal heat sink
pad on its bottom surface that is electrically connected to
the die. For the HI-3588, the primary advantage of this
package is its small size; heat sinking provides little benefit
because HI-3588 dissipation is low. If connected, the heat
bottom sink pad should be connected to VDD.
Do not connect heat sink pad to GND.
HEAT SINK - CHIP-SCALE PACKAGE ONLY
LIMITS
PARAMETER
SYMBOL
UNITS
MIN
TYP
MAX
SPI INTERFACE TIMING
RECEIVER TIMING
SCK clock period
active after last SCK rising edge
t
20
ns
setup time to first SCK rising edge
t
10
ns
hold time after last SCK falling edge
t
40
ns
inactive between SPI instructions
t
Delay - Last bit of received ARINC word to RFLAG(Full or Empty) - Hi Speed
t
16
µs
Received data available to SPI interface. RFLAG to
active
SPI receiver read or clear FIFO instruction to RFLAG
t
t
200
ns
35
ns
SPI SI Data set-up time to SCK rising edge
t
30
ns
SPI SI Data hold time after SCK rising edge
t
30
ns
SCK rise time
t
10
ns
SCK fall ime
t
10
ns
SCK pulse width high
t
90
ns
SCK pulse width low
t
80
ns
SO valid after SCK falling edge
t
130
ns
SO high-impedance after SCK falling edge
t
100
ns
Delay - Last bit of received ARINC word to RFLAG(Full or Empty) - Lo Speed
t
126
µs
t0
ns
155
ns
CYC
CPH
DS
DH
SCKR
SCKF
SCKH
SCKL
DV
CHZ
RFLG
RXR
CS
CS
CS
CS
CS
CHH
CES
CEH
RFLG
SPIF
VDD = 3.3V or 5.0V, GND = 0V, TA = Operating Temperature Range and fclk=1MHz 0.1% with 60/40 duty cycle
+
HOLT INTEGRATED CIRCUITS
9


Similar Part No. - HI-3588PQI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3588PQI HOLTIC-HI-3588PQI Datasheet
100Kb / 11P
   Receiver with SPI Interface
HI-3588PQI HOLTIC-HI-3588PQI Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3588PQIF HOLTIC-HI-3588PQIF Datasheet
100Kb / 11P
   Receiver with SPI Interface
HI-3588PQIF HOLTIC-HI-3588PQIF Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
More results

Similar Description - HI-3588PQI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3593 HOLTIC-HI-3593_13 Datasheet
140Kb / 23P
   3.3V ARINC 429 Dual Receiver,Single Transmitter with SPI Interface
HI-3593 HOLTIC-HI-3593 Datasheet
143Kb / 23P
   3.3V ARINC 429 Dual Receiver, Single Transmitter with SPI Interface
HI-3585 HOLTIC-HI-3585_13 Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-3585 HOLTIC-HI-3585 Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
HI-8588-10 HOLTIC-HI-8588-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
logo
Device Engineering Inco...
DEI1041 DEIAZ-DEI1041 Datasheet
136Kb / 8P
   ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com