Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRN60S100KAB Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # SRN60S100KAB
Description  SRN Series Ultra Precision Molded Metal Film Resistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

SRN60S100KAB Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  SRN60S100KAB Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
American Accurate Components, Inc.
SRN Series Ultra Precision Molded Metal Film Resistors
The content of this specification may change without notification 1/01/06
188 Technology Drive, Suite H, Irvine, CA 92618
TEL: 949-453-9888 FAX: 949-453-8889
1
Custom solutions are available.
HOW TO ORDER:
SRN
55
S
100K
B
M
Packaging
M = Tape ammo pack (1,000)
B = Bulk (100)
Resistance Tolerance
T = + 0.01%
E = +0.025%
A = +0.05%
Resistance Value
e.g. 100K, 62R2, 30K1
Temperature Coefficient (ppm)
U = +3
R = +5
S = +10
Style/Length (mm)
55 = 6.6
60 = 10.5
65 = 16.0
65 = 20.0
Series
Molded Metal Film Precision
DIMENSIONS (mm)
Type
L
D
l
d
SRN55
6.6 + 0.5
3.4 + 0.2
38 + 3
0.6 + 0.05
SRN60
10.5 + 0.5
3.9 + 0.2
38 + 3
0.6 + 0.05
SRN65
16.0 + 0.5
5.3 + 0.3
38 + 3
0.6 + 0.05
SRN70
20.0 + 0.5
7.0 + 0.5
38 + 3
0.8 + 0.05
FEATURES
High Stability and High Reliability
Very low TCR: +3ppm/ C to +10ppm/ C
Superior resistance tolerance: +0.01% to +0.05%
Insulated constructions by epoxy molding
Applicable Specifications: EIA 575,
MIL-R-10509, and JISC 5722
SCHEMATIC
STANDARD ELECTRICAL SPECIFICATION
Voltage
Resistance Value Range (
Ω) in Tolerance (%)
Series
Power Rating
(Watts) @ 70
°C
Max Working
Max Overload
TCR
(ppm/
°C)
+0.01%
+0.025%
+0.050%
+3
100 ~ 100K
100 ~ 100K
100 ~ 100K
SRN55
0.100
200
400
+5, +10
49.9 ~ 100K
49.9 ~ 100K
49.9 ~ 100K
+3
100 ~ 100K
100 ~ 100K
100 ~ 100K
+5
49.9 ~ 511K
49.9 ~ 511K
49.9 ~ 511K
SRN60
0.125
250
500
+10
49.9 ~ 511K
49.9 ~ 1.00M
49.9 ~ 1.00M
+3
100 ~ 100K
100 ~ 100K
100 ~ 100K
+5
49.9 ~ 511K
49.9 ~ 511K
49.9 ~ 511K
SRN65
0.250
300
600
+10
49.9 ~ 511K
49.9 ~ 1.00M
49.9 ~ 1.00M
+3
100 ~ 100K
100 ~ 100K
100 ~ 100K
+5
49.9 ~ 1.00M
49.9 ~ 1.00M
49.9 ~ 1.00M
SRN70
0.500
350
700
+10
49.9 ~ 1.00M
49.9 ~ 1.00M
49.9 ~ 3.52M
CHARACTERSTICS
ITEM
TEST METHOD
REQUIREMENTS
Operating Temperature Range
-25
°C to +125°C
Short Time Overload
2.5 X rated voltage; 5 seconds
± (0.05% + 0.01Ω)
Insulation Resistance
100V or 500V; 1 minute
100,000M
Ω or more
Dielectric withstanding Voltage
SRN55, SRN60: 450V
SRN65, SRN70: 900V
} for 1 minute
± (0.05% + 0.01Ω)
Terminal Strength
Pull 10 seconds; Twist 360
°, 5 times
SRN55, SRN60, SRN65: 10N and SRN70: 25N
± (0.02% + 0.01Ω)
Vibration
10 to 2,000Hz, 1.5 mm or 20G, 2 directions; total 8 hours
± (0.05% + 0.01Ω)
Resistance to Soldering Heat
350
± 10°C, 3 seconds
± (0.05% + 0.01Ω)
Low Temperature Operation
-65
°C, rated voltage 45 minutes
± (0.05% + 0.01Ω)
Thermal Shock
-65
°C, -150°C for 5 cycles
± (0.05% + 0.01Ω)
Moisture Resistance
65
°C, 90 ~ 95% R.H. -10°C, 10 cycles
± (0.2% + 0.01Ω)
Moisture Resistance Load Life
40
°C, 90 ~ 95% R.H. rated voltage, 1,000 hours
± (0.2% + 0.01Ω)
Load Life at 70
°C
70
°C, rated voltage, 1.5 hours on, 0.5 hours off, 1,000 hours
± (0.2% + 0.01Ω)


Similar Part No. - SRN60S100KAB

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN6028 BOURNS-SRN6028 Datasheet
519Kb / 3P
   SRN6028 Series - Semi-shielded Power Inductors
REV. 04/20
SRN6028-100M BOURNS-SRN6028-100M Datasheet
519Kb / 3P
   SRN6028 Series - Semi-shielded Power Inductors
REV. 04/20
SRN6028-101M BOURNS-SRN6028-101M Datasheet
519Kb / 3P
   SRN6028 Series - Semi-shielded Power Inductors
REV. 04/20
SRN6028-150M BOURNS-SRN6028-150M Datasheet
519Kb / 3P
   SRN6028 Series - Semi-shielded Power Inductors
REV. 04/20
SRN6028-1R5Y BOURNS-SRN6028-1R5Y Datasheet
519Kb / 3P
   SRN6028 Series - Semi-shielded Power Inductors
REV. 04/20
More results

Similar Description - SRN60S100KAB

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MP55 RIEDON-MP55 Datasheet
189Kb / 2P
   Ultra Precision Molded Metal Film Resistors
logo
Willow Technologies Ltd
RL55 WILLOW-RL55 Datasheet
120Kb / 2P
   ULTRA PRECISION METAL FILM RESISTORS
logo
Welwyn Components Limit...
MAR40 WELWYN-MAR40 Datasheet
124Kb / 2P
   Ultra Precision Metal Film Resistors
CAR WELWYN-CAR Datasheet
109Kb / 2P
   Ultra Precision Metal Film Resistors
logo
TT Electronics.
CAR TTELEC-CAR_17 Datasheet
395Kb / 3P
   Ultra Precision Metal Film Resistors
logo
American Accurate Compo...
RN50R100BM AAC-RN50R100BM Datasheet
141Kb / 2P
   RN Series Molded Metal Film High Precision Resistors
logo
Token Electronics Indus...
RJM TOKEN-RJM Datasheet
494Kb / 5P
   Metal Film Ultra Precision Melf Resistors
logo
Welwyn Components Limit...
4800 WELWYN-4800 Datasheet
132Kb / 2P
   Ultra Precision Bulk Metal Film Resistors
logo
Vishay Siliconix
RCMM VISHAY-RCMM_V01 Datasheet
76Kb / 3P
   Molded Metal Film Resistors
Revision: 27-Jul-2021
logo
List of Unclassifed Man...
RR0816P-102-B ETC2-RR0816P-102-B Datasheet
49Kb / 1P
   RR series, ultra-precision metal film chip resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com