Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3588PQT Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-3588PQT
Description  ARINC 429 Receiver with SPI Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3588PQT Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-3588PQT Datasheet HTML 1Page - Holt Integrated Circuits HI-3588PQT Datasheet HTML 2Page - Holt Integrated Circuits HI-3588PQT Datasheet HTML 3Page - Holt Integrated Circuits HI-3588PQT Datasheet HTML 4Page - Holt Integrated Circuits HI-3588PQT Datasheet HTML 5Page - Holt Integrated Circuits HI-3588PQT Datasheet HTML 6Page - Holt Integrated Circuits HI-3588PQT Datasheet HTML 7Page - Holt Integrated Circuits HI-3588PQT Datasheet HTML 8Page - Holt Integrated Circuits HI-3588PQT Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Example:
one SPI Instruction
op code 07hex
data field 02hex
MSB
LSB MSB
LSB
CS
SCK
SI
TABLE 1. DEFINED INSTRUCTION OP CODES
OP CODE
Hex
00
01
02
03
04
05
06
07
08
09
0A
0B
0C
0D
0E
0F
10
DATA FIELD
None
None
None
None
8 bits
8 bits
256 bits
8 bits
32 bits
variable
8 bits
16 bits
8 bits
256 bits
None
None
16 bits
DESCRIPTION
No instruction implemented
After the 8th op-code bit is received, perform Master Reset (MR)
, reset all label selections
, set all the label selections
Reset label at address specified in data field
Set label at address specified in data field
Starting with label FF hex, consecutively set or reset each label in descending order
For example, a Data Field pattern starting with 1011 will set labels FF, FD, and
FC hex and reset label FE hex.
Programs a division of the ACLK input. If the divided ACLK frequency is 1 MHz and Control
Register bit CR1 is set, the ARINC receiver operates from the divided ACLK clock. Allowable
values for division rate are X1, X2, X4, X8, or XA hex. Any other programmed value results in
no clock. Note: ACLK input frequency and division ratio must result in 1 MHz clock.
Read the next word in the Receive FIFO. If the FIFO is empty, it will read zeros
Dump the Receive FIFO. No framing. If
held low after last word, the data will
be zeros.
Read the Status Register
Read the Control Register
Read the ACLK divide value programmed previously using op code 07 hex
Read the Label look-up memory table consecutively starting with address FF hex
No instruction implemented
Write the Control Register
After the 8th op-code bit is received
After the 8th op-code bit is received
No instruction implemented
CS
HI-3588
INSTRUCTIONS
Instruction op codes are used to read, write and configure the HI-
3588A. When
goes low, the next 8 clocks at the SCK pin shift
an instruction op code into the decoder, starting with the first
positive edge. The op code is fed into the SI pin, most significant bit
first.
For write instructions, the most significant bit of the data word must
immediately follow the instruction op code and is clocked into its
register on the next rising SCK edge. Data word length varies
depending on word type written: 16-bit writes to Control Register,
32-bit ARINC word writes to transmit FIFO or 256-bit writes to the
label-matching enable/disable table.
CS
For read instructions, the most significant bit of the requested data
word appears at the SO pin after the last op code bit is clocked into
the decoder, at the next falling SCK edge. As in write instructions,
data field bit-length varies with read instruction type.
Table 1 lists all instructions. Instructions that perform a reset or set
are executed after the last SI bit is received while
is still low.
CS
HOLT INTEGRATED CIRCUITS
3


Similar Part No. - HI-3588PQT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3588PQT HOLTIC-HI-3588PQT Datasheet
100Kb / 11P
   Receiver with SPI Interface
HI-3588PQT HOLTIC-HI-3588PQT Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3588PQTF HOLTIC-HI-3588PQTF Datasheet
100Kb / 11P
   Receiver with SPI Interface
HI-3588PQTF HOLTIC-HI-3588PQTF Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
More results

Similar Description - HI-3588PQT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3593 HOLTIC-HI-3593_13 Datasheet
140Kb / 23P
   3.3V ARINC 429 Dual Receiver,Single Transmitter with SPI Interface
HI-3593 HOLTIC-HI-3593 Datasheet
143Kb / 23P
   3.3V ARINC 429 Dual Receiver, Single Transmitter with SPI Interface
HI-3585 HOLTIC-HI-3585_13 Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-3585 HOLTIC-HI-3585 Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
HI-8588-10 HOLTIC-HI-8588-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
logo
Device Engineering Inco...
DEI1041 DEIAZ-DEI1041 Datasheet
136Kb / 8P
   ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com