Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC80C51-12AG Datasheet(PDF) 11 Page - TEMIC Semiconductors

Part # TSC80C51-12AG
Description  CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC80C51-12AG Datasheet(HTML) 11 Page - TEMIC Semiconductors

Back Button TSC80C51-12AG Datasheet HTML 7Page - TEMIC Semiconductors TSC80C51-12AG Datasheet HTML 8Page - TEMIC Semiconductors TSC80C51-12AG Datasheet HTML 9Page - TEMIC Semiconductors TSC80C51-12AG Datasheet HTML 10Page - TEMIC Semiconductors TSC80C51-12AG Datasheet HTML 11Page - TEMIC Semiconductors TSC80C51-12AG Datasheet HTML 12Page - TEMIC Semiconductors TSC80C51-12AG Datasheet HTML 13Page - TEMIC Semiconductors TSC80C51-12AG Datasheet HTML 14Page - TEMIC Semiconductors TSC80C51-12AG Datasheet HTML 15Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TSC80C31/80C51
Rev. E (14 Jan.97)
11
MATRA MHS
Absolute Maximum Ratings*
Ambient Temperature Under Bias :
M = Military
–55
°C to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
–65
°C to + 150°C
. . . . . . . . . . . . . . . . . . . . . . . .
Voltage on VCC to VSS
–0.5 V to + 7 V
. . . . . . . . . . . . . . . . . . . . . . . .
Voltage on Any Pin to VSS
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . .
Power Dissipation
1 W**
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
** This value is based on the maximum allowable die temperature and
the thermal resistance of the package
* Notice
Stresses at or above those listed under “ Absolute Maximum Ratings”
may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
DC Parameters
TA = –55
°C + 125°C ; Vss = 0 V ; Vcc = 5 V ± 10 % ; F = 0 to 40 MHz
Symbol
Parameter
Min
Typ (3)
Max
Unit
Test Conditions
VIL
Input Low Voltage
– 0.5
0.2 Vcc – 0.1
V
VIH
Input High Voltage (Except XTAL and RST)
0.2 Vcc + 0.9
Vcc + 0.5
V
VIH1
Input High Voltage (for XTAL and RST)
0.7 Vcc
Vcc + 0.5
V
VOL
Output Low Voltage (Port 1, 2 and 3) (4)
0.45
V
IOL = 1.6 mA (2)
VOL1
Output Low Voltage (Port 0, ALE, PSEN) (4)
0.45
V
IOL = 3.2 mA (2)
VOH
Output High Voltage (Port 1, 2 and 3)
2.4
V
IOH = – 60
µA
Vcc = 5 V
± 10 %
0.75 Vcc
V
IOH = – 25
µA
0.9 Vcc
V
IOH = – 10
µA
VOH1
Output High Voltage
(Port 0 in External Bus Mode, ALE, PEN)
2.4
V
IOH = – 400
µA
Vcc = 5 V
± 10 %
0.75 Vcc
V
IOH = – 150
µA
0.9 Vcc
V
IOH = – 40
µA
IIL
Logical 0 Input Current (Ports 1, 2 and 3)
– 75
µA
Vin = 0.45 V
ILI
Input leakage Current
+/– 10
µA
0.45 < Vin < Vcc
ITL
Logical 1 to 0 Transition Current (Ports 1, 2 and 3)
– 750
µA
Vin = 2.0 V
IPD
Power Down Current
5
75
µA
Vcc = 2.0 V to 5.5 V (1)
RRST
RST Pulldown Resistor
50
90
200
K
CIO
Capacitance of I/O Buffer
10
pF
fc = 1 MHz, Ta = 25
_C
ICC
Power Supply Current
Freq = 1 MHz
Icc op
Icc idle
Freq = 6 MHz
Icc op
Icc idle
Freq
≥ 12 MHz Icc op max = 0.9 Freq (MHz) + 5
0.7
0.5
4.2
1.4
1.8
1
9
3.5
mA
mA
mA
mA
mA
Vcc = 5.5 V
Freq
≥ 12 MHz Icc op max = 0.9 Freq (MHz) + 5
Icc idle max = 0.3 Freq (MHz) + 1.7
Freq
≤ 20 MHz Icc op typ = 0.7 Freq (MHz)
Freq
≥ 20 MHz Icc op typ = 0.5 Freq (MHz) + 4
Freq
≤ 20 MHz Icc idle typ = 0.16 Freq (MHz) + 0.4
Freq
≥ 20 MHz Icc idle typ = 0.12 Freq (MHz) + 1.2
mA
mA
mA
mA
mA
mA


Similar Part No. - TSC80C51-12AG

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC80251 TEMIC-TSC80251 Datasheet
771Kb / 219P
   TSC 80251 Programmer?셲 Guide
TSC80251-SK TEMIC-TSC80251-SK Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251-SK TEMIC-TSC80251-SK Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
TSC80251A1-A16CBR TEMIC-TSC80251A1-A16CBR Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
More results

Similar Description - TSC80C51-12AG

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
P80C32 TEMIC-P80C32 Datasheet
221Kb / 20P
   CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com