Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRA130LT3 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MBRA130LT3
Description  Surface Mount Schottky Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBRA130LT3 Datasheet(HTML) 3 Page - Motorola, Inc

  MBRA130LT3 Datasheet HTML 1Page - Motorola, Inc MBRA130LT3 Datasheet HTML 2Page - Motorola, Inc MBRA130LT3 Datasheet HTML 3Page - Motorola, Inc MBRA130LT3 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBRA130LT3
3
Motorola Schottky Power Rectifier Data
Figure 7. Thermal Response
Figure 8. Capacitance
100E–6
10E–6
T, TIME (s)
1.0E+0
10E–3
1.0E–3
100E–6
5.0
30
0
VR, REVERSE VOLTAGE (VOLTS)
1000
100
10
1.0
20
100E–3
10E–3
10E+0
100E+0
1.0E+3
100E–3
15
10
25
35
1.0E+0
1.0E–3
40
TJ = 25°C
T, TIME (s)


Similar Part No. - MBRA130LT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA130LT3 ONSEMI-MBRA130LT3 Datasheet
74Kb / 4P
   Surface Mount Schottky Power Rectifier
February, 2005 ??Rev. 7
MBRA130LT3G ONSEMI-MBRA130LT3G Datasheet
74Kb / 4P
   Surface Mount Schottky Power Rectifier
February, 2005 ??Rev. 7
MBRA130LT3G ONSEMI-MBRA130LT3G Datasheet
146Kb / 5P
   Surface Mount Schottky Power Rectifier
January, 2012 ??Rev. 8
More results

Similar Description - MBRA130LT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com