Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA32AT-IMNY Datasheet(PDF) 3 Page - Microchip Technology

Part # 24AA32AT-IMNY
Description  32K I2C??Serial EEPROM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA32AT-IMNY Datasheet(HTML) 3 Page - Microchip Technology

  24AA32AT-IMNY Datasheet HTML 1Page - Microchip Technology 24AA32AT-IMNY Datasheet HTML 2Page - Microchip Technology 24AA32AT-IMNY Datasheet HTML 3Page - Microchip Technology 24AA32AT-IMNY Datasheet HTML 4Page - Microchip Technology 24AA32AT-IMNY Datasheet HTML 5Page - Microchip Technology 24AA32AT-IMNY Datasheet HTML 6Page - Microchip Technology 24AA32AT-IMNY Datasheet HTML 7Page - Microchip Technology 24AA32AT-IMNY Datasheet HTML 8Page - Microchip Technology 24AA32AT-IMNY Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
 2009 Microchip Technology Inc.
DS21713K-page 3
24AA32A/24LC32A
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Industrial (I):
TA = -40°C to +85°C, VCC = +1.7V to +5.5V
Automotive (E):
TA = -40°C to +125°C, VCC = +2.5V to +5.5V
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Conditions
1FCLK
Clock Frequency
400
100
kHz
2.5V
 VCC  5.5V
1.7V
 VCC  2.5V (24AA32A)
2
THIGH
Clock High Time
600
4000
ns
2.5V
 VCC  5.5V
1.7V
 VCC  2.5V (24AA32A)
3TLOW
Clock Low Time
1300
4700
ns
2.5V
 VCC  5.5V
1.7V
 VCC  2.5V (24AA32A)
4TR
SDA and SCL Rise Time
(Note 1)
300
1000
ns
2.5V
 VCC  5.5V
1.7V
 VCC  2.5V (24AA32A)
5TF
SDA and SCL Fall Time
300
ns
(Note 1)
6THD:STA
Start Condition Hold Time
600
4000
ns
2.5V
 VCC  5.5V
1.7V
 VCC  2.5V (24AA32A)
7TSU:STA
Start Condition Setup Time
600
4700
ns
2.5V
 VCC  5.5V
1.7V
 VCC  2.5V (24AA32A)
8THD:DAT
Data Input Hold Time
0
ns
(Note 2)
9TSU:DAT
Data Input Setup Time
100
250
ns
2.5V
 VCC  5.5V
1.7V
 VCC  2.5V (24AA32A)
10
TSU:STO
Stop Condition Setup Time
600
4000
ns
2.5V
 VCC  5.5V
1.7V
 VCC  2.5V (24AA32A)
11
TSU:WP
WP Setup Time
600
4000
ns
2.5V
VCC  5.5V
1.7V
VCC < 2.5V (24AA32A)
12
THD:WP
WP Hold Time
1300
4700
ns
2.5V
VCC  5.5V
1.7V
VCC < 2.5V (24AA32A)
13
TAA
Output Valid from Clock
(Note 2)
900
3500
ns
2.5V
 VCC  5.5V
1.7V
 VCC  2.5V (24AA32A)
14
TBUF
Bus free time: Time the bus
must be free before a new
transmission can start
1300
4700
ns
2.5V
 VCC  5.5V
1.7V
 VCC  2.5V (24AA32A)
15
TOF
Output Fall Time from VIH
Minimum to VIL Maximum
20+0.1CB
250
250
ns
2.5V
 VCC  5.5V
1.7V
 VCC  2.5V (24AA32A)
16
TSP
Input Filter Spike Suppression
(SDA and SCL pins)
—50
ns
(Notes 1 and 3)
17
TWC
Write Cycle Time (byte or
page)
—5
ms
18
Endurance
1M
cycles
Page mode, 25°C, VCC
 5.5V
(Note 4)
Note 1:
Not 100% tested. CB = total capacitance of one bus line in pF.
2:
As a transmitter the device must provide an internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3:
The combined TSP and VHYS specifications are due to new Schmitt Trigger inputs which provide improved
noise spike suppression. This eliminates the need for a TI specification for standard operation.
4:
This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total Endurance™ Model which can be obtained on Microchip’s web site at
www.microchip.com.


Similar Part No. - 24AA32AT-IMNY

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA32AT-I/CS16K MICROCHIP-24AA32AT-I/CS16K Datasheet
1,019Kb / 42P
   32K I2C??Serial EEPROM
2010
24AA32AT-I/CS16K MICROCHIP-24AA32AT-I/CS16K Datasheet
1Mb / 44P
   32K I2C Serial EEPROM
11/29/11
24AA32AT-I/MC MICROCHIP-24AA32AT-I/MC Datasheet
652Kb / 34P
   32K I2C??Serial EEPROM
2009
24AA32AT-I/MC MICROCHIP-24AA32AT-I/MC Datasheet
1,019Kb / 42P
   32K I2C??Serial EEPROM
2010
24AA32AT-I/MNY MICROCHIP-24AA32AT-I/MNY Datasheet
652Kb / 34P
   32K I2C??Serial EEPROM
2009
More results

Similar Description - 24AA32AT-IMNY

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA32A MICROCHIP-24AA32A_09 Datasheet
652Kb / 34P
   32K I2C??Serial EEPROM
2009
24LC32A MICROCHIP-24LC32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A_13 Datasheet
1Mb / 44P
   32K I2C Serial EEPROM
11/29/11
24LC32AIP MICROCHIP-24LC32AIP Datasheet
1Mb / 44P
   32K I2C??Serial EEPROM
2002-2012
24LC32A-I MICROCHIP-24LC32A-I Datasheet
1Mb / 44P
   32K I2C Serial EEPROM
11/29/11
24AA32A MICROCHIP-24AA32A_10 Datasheet
1,019Kb / 42P
   32K I2C??Serial EEPROM
2010
24LC32ASN MICROCHIP-24LC32ASN Datasheet
1Mb / 44P
   32K I2C??Serial EEPROM
2002-2012
24LC32AISN MICROCHIP-24LC32AISN Datasheet
1Mb / 44P
   32K I2C??Serial EEPROM
2002-2012
24LC32AP MICROCHIP-24LC32AP Datasheet
1Mb / 44P
   32K I2C??Serial EEPROM
2002-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com