Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA32AT-IMNY Datasheet(PDF) 7 Page - Microchip Technology

Part # 24AA32AT-IMNY
Description  32K I2C??Serial EEPROM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA32AT-IMNY Datasheet(HTML) 7 Page - Microchip Technology

Back Button 24AA32AT-IMNY Datasheet HTML 3Page - Microchip Technology 24AA32AT-IMNY Datasheet HTML 4Page - Microchip Technology 24AA32AT-IMNY Datasheet HTML 5Page - Microchip Technology 24AA32AT-IMNY Datasheet HTML 6Page - Microchip Technology 24AA32AT-IMNY Datasheet HTML 7Page - Microchip Technology 24AA32AT-IMNY Datasheet HTML 8Page - Microchip Technology 24AA32AT-IMNY Datasheet HTML 9Page - Microchip Technology 24AA32AT-IMNY Datasheet HTML 10Page - Microchip Technology 24AA32AT-IMNY Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
 2009 Microchip Technology Inc.
DS21713K-page 7
24AA32A/24LC32A
5.0
DEVICE ADDRESSING
A control byte is the first byte received following the
Start condition from the master device (Figure 5-1).
The control byte consists of a four-bit control code. For
the 24XX32A, this is set as ‘1010’ binary for read and
write operations. The next three bits of the control byte
are the Chip Select bits (A2, A1, A0). The Chip Select
bits allow the use of up to eight 24XX32A devices on
the same bus and are used to select which device is
accessed. The Chip Select bits in the control byte must
correspond to the logic levels on the corresponding A2,
A1 and A0 pins for the device to respond. These bits
are in effect the three Most Significant bits of the word
address.
For the SOT-23 and chip scale packages, the address
pins are not available. During device addressing, the
A1, A2, and A0 Chip Selects bits (Figure 5-2) should be
set to ‘0’.
The last bit of the control byte defines the operation to
be performed. When set to a ‘1’, a read operation is
selected. When set to a zero, a write operation is
selected. The next two bytes received define the
address of the first data byte (Figure 5-2). Because
only A11 to A0 are used, the upper four address bits are
“don’t care” bits. The upper address bits are transferred
first, followed by the Less Significant bits.
Following the Start condition, the 24XX32A monitors
the SDA bus checking the device type identifier being
transmitted and, upon receiving a ‘1010’ code and
appropriate device select bits, the slave device outputs
an Acknowledge signal on the SDA line. Depending on
the state of the R/W bit, the 24XX32A will select a read
or write operation.
FIGURE 5-1:
CONTROL BYTE FORMAT
5.1
Contiguous Addressing Across
Multiple Devices
The Chip Select bits A2, A1 and A0 can be used to
expand the contiguous address space for up to 256K
bits by adding up to eight 24XX32A devices on the
same bus. In this case, software can use A0 of the con-
trol byte as address bit A12; A1 as address bit A13; and
A2 as address bit A14. It is not possible to sequentially
read across device boundaries.
The SOT-23 and chip scale packages do not support
multiple device addressing on the same bus.
FIGURE 5-2:
ADDRESS SEQUENCE BIT ASSIGNMENTS
10
1
0
A2
A1
A0
SACK
R/W
Control Code
Chip Select
Bits
Slave Address
Acknowledge Bit
Start Bit
Read/Write Bit
1
010
A
2
A
1
A
0 R/W
x
xxx
A
11
A
10
A
9
A
7
A
0
A
8
••
••
Control Byte
Address High Byte
Address Low Byte
Control
Code
Chip
Select
Bits
x
= “don’t care” bit


Similar Part No. - 24AA32AT-IMNY

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA32AT-I/CS16K MICROCHIP-24AA32AT-I/CS16K Datasheet
1,019Kb / 42P
   32K I2C??Serial EEPROM
2010
24AA32AT-I/CS16K MICROCHIP-24AA32AT-I/CS16K Datasheet
1Mb / 44P
   32K I2C Serial EEPROM
11/29/11
24AA32AT-I/MC MICROCHIP-24AA32AT-I/MC Datasheet
652Kb / 34P
   32K I2C??Serial EEPROM
2009
24AA32AT-I/MC MICROCHIP-24AA32AT-I/MC Datasheet
1,019Kb / 42P
   32K I2C??Serial EEPROM
2010
24AA32AT-I/MNY MICROCHIP-24AA32AT-I/MNY Datasheet
652Kb / 34P
   32K I2C??Serial EEPROM
2009
More results

Similar Description - 24AA32AT-IMNY

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA32A MICROCHIP-24AA32A_09 Datasheet
652Kb / 34P
   32K I2C??Serial EEPROM
2009
24LC32A MICROCHIP-24LC32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A_13 Datasheet
1Mb / 44P
   32K I2C Serial EEPROM
11/29/11
24LC32AIP MICROCHIP-24LC32AIP Datasheet
1Mb / 44P
   32K I2C??Serial EEPROM
2002-2012
24LC32A-I MICROCHIP-24LC32A-I Datasheet
1Mb / 44P
   32K I2C Serial EEPROM
11/29/11
24AA32A MICROCHIP-24AA32A_10 Datasheet
1,019Kb / 42P
   32K I2C??Serial EEPROM
2010
24LC32ASN MICROCHIP-24LC32ASN Datasheet
1Mb / 44P
   32K I2C??Serial EEPROM
2002-2012
24LC32AISN MICROCHIP-24LC32AISN Datasheet
1Mb / 44P
   32K I2C??Serial EEPROM
2002-2012
24LC32AP MICROCHIP-24LC32AP Datasheet
1Mb / 44P
   32K I2C??Serial EEPROM
2002-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com