Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC32A-EP Datasheet(PDF) 9 Page - Microchip Technology

Part # 24LC32A-EP
Description  32K I2C??Serial EEPROM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC32A-EP Datasheet(HTML) 9 Page - Microchip Technology

Back Button 24LC32A-EP Datasheet HTML 5Page - Microchip Technology 24LC32A-EP Datasheet HTML 6Page - Microchip Technology 24LC32A-EP Datasheet HTML 7Page - Microchip Technology 24LC32A-EP Datasheet HTML 8Page - Microchip Technology 24LC32A-EP Datasheet HTML 9Page - Microchip Technology 24LC32A-EP Datasheet HTML 10Page - Microchip Technology 24LC32A-EP Datasheet HTML 11Page - Microchip Technology 24LC32A-EP Datasheet HTML 12Page - Microchip Technology 24LC32A-EP Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
 2009 Microchip Technology Inc.
DS21713K-page 9
24AA32A/24LC32A
FIGURE 6-1:
BYTE WRITE
FIGURE 6-2:
PAGE WRITE
xxx
Bus Activity
Master
SDA Line
Bus Activity
S
T
A
R
T
Control
Byte
Address
High Byte
Address
Low Byte
Data
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
x
= “don’t care” bit
S 1 010
0
A
2
A
1
A
0
P
x
xx x
Bus Activity
Master
SDA Line
Bus Activity
S
T
A
R
T
Control
Byte
Address
High Byte
Address
Low Byte
Data Byte 0
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
Data Byte 31
A
C
K
x
= “don’t care” bit
S 10 1 0
0
A
2
A
1
A
0
P
x


Similar Part No. - 24LC32A-EP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC32A-E/CS16K MICROCHIP-24LC32A-E/CS16K Datasheet
1,019Kb / 42P
   32K I2C??Serial EEPROM
2010
24LC32A-E/MC MICROCHIP-24LC32A-E/MC Datasheet
652Kb / 34P
   32K I2C??Serial EEPROM
2009
24LC32A-E/MC MICROCHIP-24LC32A-E/MC Datasheet
1,019Kb / 42P
   32K I2C??Serial EEPROM
2010
24LC32A-E/MNY MICROCHIP-24LC32A-E/MNY Datasheet
652Kb / 34P
   32K I2C??Serial EEPROM
2009
24LC32A-E/MNY MICROCHIP-24LC32A-E/MNY Datasheet
1,019Kb / 42P
   32K I2C??Serial EEPROM
2010
More results

Similar Description - 24LC32A-EP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA32A MICROCHIP-24AA32A_09 Datasheet
652Kb / 34P
   32K I2C??Serial EEPROM
2009
24LC32A MICROCHIP-24LC32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A_13 Datasheet
1Mb / 44P
   32K I2C Serial EEPROM
11/29/11
24LC32AIP MICROCHIP-24LC32AIP Datasheet
1Mb / 44P
   32K I2C??Serial EEPROM
2002-2012
24LC32A-I MICROCHIP-24LC32A-I Datasheet
1Mb / 44P
   32K I2C Serial EEPROM
11/29/11
24AA32A MICROCHIP-24AA32A_10 Datasheet
1,019Kb / 42P
   32K I2C??Serial EEPROM
2010
24LC32ASN MICROCHIP-24LC32ASN Datasheet
1Mb / 44P
   32K I2C??Serial EEPROM
2002-2012
24LC32AISN MICROCHIP-24LC32AISN Datasheet
1Mb / 44P
   32K I2C??Serial EEPROM
2002-2012
24LC32AP MICROCHIP-24LC32AP Datasheet
1Mb / 44P
   32K I2C??Serial EEPROM
2002-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com