Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-X-220V-604-D Datasheet(PDF) 2 Page - HB Electronic Components

Part # T-X-220V-604-D
Description  LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

T-X-220V-604-D Datasheet(HTML) 2 Page - HB Electronic Components

  T-X-220V-604-D Datasheet HTML 1Page - HB Electronic Components T-X-220V-604-D Datasheet HTML 2Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Hebei I.T. (Shanghai) Co., Ltd
.
Typical Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input Voltage (AC)
Vin
210
220
240
V
Power Dissipation
Pd
---
8
---
W
Optical Characteristics(Ta=25℃)
Emitting Color
Wavelength
Luminous Flux(LM) Type
Viewing Angle(Ө)
Pure White
3000K-8000K
400
120
Warm White
3000k-5000K
220
120
Red
625nm
45
120
Green
525nm
170
120
Blue
470 nm
60
120
Yellow
590nm
45
120
The Rules For Naming
T
X 220V 604 D
Double-ended input
The product length (mm)
Input voltage(VAC)
Emitted color(B、G、Y、R、WW、WP)
Product figure
Product Packaging Picture
35X30X610 unit:mm
1PCS in this box
180X155X610 unit:mm
25PCS in this box


Similar Description - T-X-220V-604-D

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com