Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHP-20D-100FNT Datasheet(PDF) 6 Page - American Accurate Components, Inc.

Part # RHP-20D-100FNT
Description  HIGH POWER RESISTOR - 20W to 140W
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

RHP-20D-100FNT Datasheet(HTML) 6 Page - American Accurate Components, Inc.

  RHP-20D-100FNT Datasheet HTML 1Page - American Accurate Components, Inc. RHP-20D-100FNT Datasheet HTML 2Page - American Accurate Components, Inc. RHP-20D-100FNT Datasheet HTML 3Page - American Accurate Components, Inc. RHP-20D-100FNT Datasheet HTML 4Page - American Accurate Components, Inc. RHP-20D-100FNT Datasheet HTML 5Page - American Accurate Components, Inc. RHP-20D-100FNT Datasheet HTML 6Page - American Accurate Components, Inc. RHP-20D-100FNT Datasheet HTML 7Page - American Accurate Components, Inc. RHP-20D-100FNT Datasheet HTML 8Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
American Accurate Components, Inc.
HIGH POWER RESISTOR – 20W to 140W
The content of this specification may change without notification 12/07/07
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
6
RHP-50A
RHP-50A-1000FY with 0.71C/W heat sink
RHP-50A-1000FY with 0.71 C/W heat sink


Similar Part No. - RHP-20D-100FNT

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RHP-225 MINI-RHP-225 Datasheet
450Kb / 1P
   High Pass Filter
RHP-225++ MINI-RHP-225+ Datasheet
450Kb / 1P
   High Pass Filter
RHP-250 MINI-RHP-250 Datasheet
452Kb / 1P
   High Pass Filter
RHP-250++ MINI-RHP-250+ Datasheet
452Kb / 1P
   High Pass Filter
RHP-260 MINI-RHP-260 Datasheet
472Kb / 1P
   High Pass Filter
More results

Similar Description - RHP-20D-100FNT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R400 STMICROELECTRONICS-GS-R400 Datasheet
115Kb / 5P
   20W TO 140W STEP-DOWN SWITCHING REGULATOR FAMILY
logo
Bi technologies
MHP140 BITECH-MHP140 Datasheet
909Kb / 2P
   140W TO-247 HIGH POWER RESISTORS
MHP20S BITECH-MHP20S Datasheet
866Kb / 2P
   20W TO-126 HIGH POWER RESISTORS
logo
Vishay Barry
K04Z-XXXXG2T-02C36-X BARRY-K04Z-XXXXG2T-02C36-X Datasheet
93Kb / 2P
   20W AlN Leaded Resistor
REV.B NOV 10 2015
RXXXX-20-10X BARRY-RXXXX-20-10X Datasheet
157Kb / 2P
   20W BeO Flanged Resistor
REV.F AUG 28 2014
logo
DB Lectro Inc
RNP100S DBLECTRO-RNP100S Datasheet
185Kb / 2P
   TO247 140W HIGH POWER RESISTORS
logo
Vishay Barry
RXXXX-100-10X BARRY-RXXXX-100-10X Datasheet
162Kb / 2P
   20W BeO Flanged Resistor
REV.F AUG 28 2014
logo
List of Unclassifed Man...
MHP20 ETC1-MHP20 Datasheet
846Kb / 2P
   20W TO-220 HIGH POWER RESISTORS
logo
Vishay Barry
RAXXXX-20-8X BARRY-RAXXXX-20-8X Datasheet
135Kb / 2P
   20W AlN Flanged Resistor
REV.G APR 7 2015
logo
Mospec Semiconductor
2N5038 MOSPEC-2N5038 Datasheet
89Kb / 2P
   POWER TRANSISTORS(20A,140W)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com