Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY61L2568LL Datasheet(PDF) 10 Page - Lyontek Inc.

Part # LY61L2568LL
Description  256K X 8 BIT HIGH SPEED CMOS SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61L2568LL Datasheet(HTML) 10 Page - Lyontek Inc.

Back Button LY61L2568LL Datasheet HTML 3Page - Lyontek Inc. LY61L2568LL Datasheet HTML 4Page - Lyontek Inc. LY61L2568LL Datasheet HTML 5Page - Lyontek Inc. LY61L2568LL Datasheet HTML 6Page - Lyontek Inc. LY61L2568LL Datasheet HTML 7Page - Lyontek Inc. LY61L2568LL Datasheet HTML 8Page - Lyontek Inc. LY61L2568LL Datasheet HTML 9Page - Lyontek Inc. LY61L2568LL Datasheet HTML 10Page - Lyontek Inc. LY61L2568LL Datasheet HTML 11Page - Lyontek Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LY61L2568
Rev. 0.4
256K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
9
®
ORDERING INFORMATION
LY61L2568 U V - WW XX Y Z
U : Package Type
M : 44-pin 400 mil TSOP-II
WW : Access Time(Speed)
Z : Packing Type
Blank : Tube or Tray
T : Tape Reel
V : Lead Information
L : Green Package
Y : Temperature Range
Blank : (Commercial) 0°C ~ 70°C
XX : Power Type
LL : Ultra Low Power


Similar Part No. - LY61L2568LL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L2568AML-10 LYONTEK-LY61L2568AML-10 Datasheet
266Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
LY61L2568AML-10I LYONTEK-LY61L2568AML-10I Datasheet
266Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
LY61L2568AML-10IT LYONTEK-LY61L2568AML-10IT Datasheet
266Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
LY61L2568AML-10T LYONTEK-LY61L2568AML-10T Datasheet
266Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
LY61L2568AML-8 LYONTEK-LY61L2568AML-8 Datasheet
266Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61L2568LL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L2568 LYONTEK-LY61L2568_13 Datasheet
215Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
LY61L2568A LYONTEK-LY61L2568A_12 Datasheet
266Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
LY612568 LYONTEK-LY612568_13 Datasheet
213Kb / 11P
   5V 256K X 8 BIT HIGH SPEED CMOS SRAM
LY612568 LYONTEK-LY612568 Datasheet
153Kb / 11P
   5V 256K X 8 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616 Datasheet
180Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616_17 Datasheet
669Kb / 13P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616A LYONTEK-LY61L25616A_13 Datasheet
454Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616A LYONTEK-LY61L25616A_17 Datasheet
777Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616_12 Datasheet
271Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25732A LYONTEK-LY61L25732A_17 Datasheet
779Kb / 13P
   256K X 32 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com