Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHP-50B-100FNT Datasheet(PDF) 8 Page - American Accurate Components, Inc.

Part # RHP-50B-100FNT
Description  HIGH POWER RESISTOR - 20W to 140W
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

RHP-50B-100FNT Datasheet(HTML) 8 Page - American Accurate Components, Inc.

  RHP-50B-100FNT Datasheet HTML 1Page - American Accurate Components, Inc. RHP-50B-100FNT Datasheet HTML 2Page - American Accurate Components, Inc. RHP-50B-100FNT Datasheet HTML 3Page - American Accurate Components, Inc. RHP-50B-100FNT Datasheet HTML 4Page - American Accurate Components, Inc. RHP-50B-100FNT Datasheet HTML 5Page - American Accurate Components, Inc. RHP-50B-100FNT Datasheet HTML 6Page - American Accurate Components, Inc. RHP-50B-100FNT Datasheet HTML 7Page - American Accurate Components, Inc. RHP-50B-100FNT Datasheet HTML 8Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
American Accurate Components, Inc.
HIGH POWER RESISTOR – 20W to 140W
The content of this specification may change without notification 12/07/07
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
8
NOTES
GENERAL
1.
0.1% tolerance resistors and resistance range from 240 ohm to 51K ohm are available as a semi-custom solution
2.
Use of heat conduction grease on surface of flange is recommended.
3.
Insulation material is unnecessary between flange and resistors; the flange and resistor are separated by alumina substrate.
4.
It surface mount soldering, temperature profile in the flange shall not exceed 220°C.
5.
Heat sink design will be performed when the resistor operating temperature is less than 155°C
RHP-10X
1.
Heat resistance between resistor and flange is 3.6K/W
2.
For application to r-f circuit, Lead formed RHP-10X (smd) is prepared; RHP-10X are screw mount style.
3.
At resistance from 220 to 51kohms rating power shall be restricted in 10W.
RHP-10B, RHP-10C
1.
Heat resistance between resistor and flange is 5.9 C/W.
RHP-20B, RHP-20C
1.
Heat resistance between resistor and flange is 3.3 C/W
2.
At resistance from 220 to 51kohms rating power shall be restricted in 20W.
3.
The terminal material is Tin plated copper, but inside of resistor contains PbAg high melting solder that is exempted by RoHS directive
2002/95/EC.
RHP-20D
1.
At flange soldering, temperature profile in flange shall not exceed 270°C for 30 minutes.
2.
Heat resistance between resistor and flange is 3.3C/W.
3.
This model shall be fit to Copper of printed wiring board with lower temperature solder than 220°C. Sn-Cu soldering
will be done by soldering iron with 300°C -350°C tip temperature for less than 30 minutes.
RHP-50A
1.
Using heat conduction grease on surface of flange is recommended.
2.
Heat resistance between resistor and flange is 1.3 K/W. Heat design will be done, as resistor temperature shall be under 155°C in operation.
RHP-50B, RHP-50-C
1.
Heat resistance between resistor and flange is 3.3 C/W.
2.
5ppm TCR resistors are available as a semi-custom product
3.
At resistance from 220 to 51kohms rating power shall be restricted in 30W.
4.
Please note, terminal material is Tin plated copper, but inside of resistor contains PbAg high melting solder that is exempted by RoHS
directive 2002/95/EC.
RHP-100A
Recommendation
1.
Flat surface heat sink, thermal compound and sufficient mount screw torque will be necessary for good
heat transfer.
2.
In a rush current protection application, such as charge current limitation resistor, sufficient power
derating will be necessary.
Design for Heat Release
TAPE DIMENSIONS (mm)
Reel Dimensions
Outer Diameter: 300mm
Inner Diameter: 100mm
Width: 23.9mm min., 27.4mm max
Standard packaging is RoHS PS/PE
tube packaging, which contains 50
pieces per tube. When ordering, note
Tube (T) or Tray (R)


Similar Part No. - RHP-50B-100FNT

ManufacturerPart #DatasheetDescription
logo
SUN HOLD ELECTRIC INC
RHP-5-110A-10 SUNHOLD-RHP-5-110A-10 Datasheet
1Mb / 2P
   RHP SERIES
RHP-5-220A-10 SUNHOLD-RHP-5-220A-10 Datasheet
1Mb / 2P
   RHP SERIES
RHP-5-240A-10 SUNHOLD-RHP-5-240A-10 Datasheet
1Mb / 2P
   RHP SERIES
More results

Similar Description - RHP-50B-100FNT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R400 STMICROELECTRONICS-GS-R400 Datasheet
115Kb / 5P
   20W TO 140W STEP-DOWN SWITCHING REGULATOR FAMILY
logo
Bi technologies
MHP140 BITECH-MHP140 Datasheet
909Kb / 2P
   140W TO-247 HIGH POWER RESISTORS
MHP20S BITECH-MHP20S Datasheet
866Kb / 2P
   20W TO-126 HIGH POWER RESISTORS
logo
Vishay Barry
K04Z-XXXXG2T-02C36-X BARRY-K04Z-XXXXG2T-02C36-X Datasheet
93Kb / 2P
   20W AlN Leaded Resistor
REV.B NOV 10 2015
RXXXX-20-10X BARRY-RXXXX-20-10X Datasheet
157Kb / 2P
   20W BeO Flanged Resistor
REV.F AUG 28 2014
logo
DB Lectro Inc
RNP100S DBLECTRO-RNP100S Datasheet
185Kb / 2P
   TO247 140W HIGH POWER RESISTORS
logo
Vishay Barry
RXXXX-100-10X BARRY-RXXXX-100-10X Datasheet
162Kb / 2P
   20W BeO Flanged Resistor
REV.F AUG 28 2014
logo
List of Unclassifed Man...
MHP20 ETC1-MHP20 Datasheet
846Kb / 2P
   20W TO-220 HIGH POWER RESISTORS
logo
Vishay Barry
RAXXXX-20-8X BARRY-RAXXXX-20-8X Datasheet
135Kb / 2P
   20W AlN Flanged Resistor
REV.G APR 7 2015
logo
Mospec Semiconductor
2N5038 MOSPEC-2N5038 Datasheet
89Kb / 2P
   POWER TRANSISTORS(20A,140W)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com