Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6358 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 6358
Description  Test Lead, Straight DMM Plug To Retractable Plug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

6358 Datasheet(HTML) 1 Page - Pomona Electronics

  6358 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona
®
Copyright © 2007 11/09/2007
Model 6358
Test Lead, Straight DMM Plug
To Retractable Plug
USA: Sales: 800-490-2361
Technical Support: technicalsupport@pomonatest.com
Fax: 425-446-5844
Europe: 31-(0) 40 2675 150
International: 425-446-5500
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (.51 mm),
.xxx = ± .005” (.127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks
are the property of their respective companies.
D2003388 REV 001
FEATURES:
Fits Fluke, Amprobe, H-P, Tekronix, Wavetek and Amprobe DMM’s with sheathed style safety jacks.
Flexible test leads feature high strand count silcone wire for extreme flexibiliy and high temperature.
resistance. Banana plugs are double crimped to the wire and the plugs are molded directly to the wire for
added pull strength.
The retractable sheath is ideal for connecting to older test equipment without double insulated jacks.
MATERIALS:
Test Leads (Male to Male) – Multi-Stranded Wire: 18 AWG Silicone, Color: One Black, One Red
Banana Plug: Insulation: Polypropylene, Color: One Black, One Red
Retractable Sheath Banana Plug:
Plug Body: Brass, Nickel Plated
Banana Spring: Beryllium Copper, Nickel Plated
Compression Spring: Stainless Steel
Tip: Polypropylene, Color Matches Color of Wire
Insulation: Polypropylene Molded to the Plug and Wire. Color Matches Color or Wire.
Wire: 18 AWG, Stranding 65 x 36 t.c., Silicone Insulated, .144 (3,66mm) O.D.
RATINGS:
Operating Temperature: +55° C (+131° F) Max.
Conforms to IEC 1010, Cat. III, P2
Operating Voltage: 1000V
Current: 10 Amperes
ORDERING INFORMATION: Model 6358


Similar Part No. - 6358

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
6358 APP-6358 Datasheet
1Mb / 9P
   SBE® 320 / SBX® 350 Connectors Up to 550 Amps
REV C7
logo
List of Unclassifed Man...
6358-45 ETC2-6358-45 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
6358-47 ETC2-6358-47 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
6358-49 ETC2-6358-49 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
6358-50 ETC2-6358-50 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
More results

Similar Description - 6358

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6366 POMONA-6366 Datasheet
51Kb / 1P
   Test Lead Set Probe To Retractable Sheath
5325A POMONA-5325A Datasheet
28Kb / 2P
   DMM Test Probe To Multi-Stacking Banana Plug Kit
logo
List of Unclassifed Man...
BU-P122505-0 ETC2-BU-P122505-0 Datasheet
306Kb / 1P
   Retractable Banana Plug
BU-P4911A-12-0 ETC2-BU-P4911A-12-0 Datasheet
198Kb / 1P
   RETRACTABLE BANANA TEST LEAD, 18 AWG
logo
Pomona Electronics
5543B POMONA-5543B Datasheet
132Kb / 2P
   Electronic DMM Test Lead Kit
5673B POMONA-5673B Datasheet
114Kb / 2P
   Electrical DMM Test Lead Kit
logo
List of Unclassifed Man...
BU-2323-10-60-0 ETC2-BU-2323-10-60-0 Datasheet
374Kb / 1P
   Stackable, Retractable Banana Test Lead 10 AWG
logo
Pomona Electronics
6249 POMONA-6249 Datasheet
28Kb / 1P
   Test Clip To Multi-Stacking Banana Plug Test Lead
5674C POMONA-5674C Datasheet
164Kb / 2P
   Deluxe Electronic DMM Test Lead kit
6530A POMONA-6530A Datasheet
64Kb / 1P
   Deluxe Automotive DMM Test Lead Kit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com