Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1305E+TR Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1305E+TR
Description  Serial Alarm Real-Time Clock
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1305E+TR Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1305E+TR Datasheet HTML 1Page - Maxim Integrated Products DS1305E+TR Datasheet HTML 2Page - Maxim Integrated Products DS1305E+TR Datasheet HTML 3Page - Maxim Integrated Products DS1305E+TR Datasheet HTML 4Page - Maxim Integrated Products DS1305E+TR Datasheet HTML 5Page - Maxim Integrated Products DS1305E+TR Datasheet HTML 6Page - Maxim Integrated Products DS1305E+TR Datasheet HTML 7Page - Maxim Integrated Products DS1305E+TR Datasheet HTML 8Page - Maxim Integrated Products DS1305E+TR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1 of 22
FEATURES
 Real-Time Clock (RTC) Counts Seconds,
Minutes, Hours, Date of the Month, Month,
Day of the Week, and Year with Leap-Year
Compensation Valid Up to 2100
 96-Byte, Battery-Backed NV RAM for Data
Storage
 Two Time-Of-Day Alarms, Programmable
on Combination of Seconds, Minutes, Hours,
and Day of the Week
 Supports Motorola SPI(Serial Peripheral
Interface) Modes 1 and 3 or Standard 3-Wire
Interface
 Burst Mode for Reading/Writing Successive
Addresses in Clock/RAM
 Dual-Power Supply Pins for Primary and
Backup Power Supplies
 Optional Trickle Charge Output to Backup
Supply
 2.0V to 5.5V Operation
 Optional Industrial Temperature Range:
-
C to +85C
 Available in Space-Efficient, 20-Pin TSSOP
Package
 Underwriters Laboratory (UL) Recognized
PIN CONFIGURATIONS
TYPICAL OPERATING CIRCUIT
www.maxim-ic.com
DS1305
Serial Alarm Real-Time Clock
SPI is a trademark of Motorola, Inc.
VCC2
1
16
VCC1
VBAT
2
15
PF
X1
3
14
VCCIF
X2
4
13
SDO
N.C.
5
12
SDI
INT0
6
11
SCLK
INT1
7
10
CE
GND
8
9
SERMODE
DIP (300 mils)
DS1305
VCC2
1
20
VCC1
VBAT
2
19
N.C.
X1
3
18
PF
N.C.
4
17
VCCIF
X2
5
16
SD0
N.C.
6
15
SDI
INT0
7
14
SCLK
N.C.
8
13
N.C.
INT1
9
12
CE
GND
10
11
SERMODE
DS1305
TSSOP (4.4mm)
TOP VIEW
19-5055; Rev 12/09


Similar Part No. - DS1305E+TR

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1305E+T DALLAS-DS1305E+T Datasheet
487Kb / 21P
   Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1305E+T&R MAXIM-DS1305E+T&R Datasheet
363Kb / 22P
   Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
More results

Similar Description - DS1305E+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1306 MAXIM-DS1306 Datasheet
324Kb / 22P
   Serial Alarm Real-Time Clock
Rev 12/09
DS1305 MAXIM-DS1305_V01 Datasheet
363Kb / 22P
   Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
DS1306 MAXIM-DS1306_V01 Datasheet
377Kb / 22P
   Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
logo
Renesas Technology Corp
IDT5P90011C RENESAS-IDT5P90011C Datasheet
1,007Kb / 26P
   Serial Alarm Real-Time Clock
2019
logo
Dallas Semiconductor
DS1305 DALLAS-DS1305_05 Datasheet
487Kb / 21P
   Serial Alarm Real-Time Clock
DS1306 DALLAS-DS1306_05 Datasheet
553Kb / 21P
   Serial Alarm Real-Time Clock
DS1306 DALLAS-DS1306 Datasheet
277Kb / 20P
   Serial Alarm Real Time Clock RTC
DS1305 DALLAS-DS1305 Datasheet
257Kb / 22P
   Serial Alarm Real Time Clock RTC
logo
STMicroelectronics
M41T80 STMICROELECTRONICS-M41T80_11 Datasheet
440Kb / 27P
   Serial access real-time clock with alarm
M41T81 STMICROELECTRONICS-M41T81_06 Datasheet
301Kb / 30P
   Serial access Real-Time Clock with alarm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com