Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1535ISW Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1535ISW
Description  Isolated RS485 Transceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1535ISW Datasheet(HTML) 4 Page - Linear Technology

  LTC1535ISW Datasheet HTML 1Page - Linear Technology LTC1535ISW Datasheet HTML 2Page - Linear Technology LTC1535ISW Datasheet HTML 3Page - Linear Technology LTC1535ISW Datasheet HTML 4Page - Linear Technology LTC1535ISW Datasheet HTML 5Page - Linear Technology LTC1535ISW Datasheet HTML 6Page - Linear Technology LTC1535ISW Datasheet HTML 7Page - Linear Technology LTC1535ISW Datasheet HTML 8Page - Linear Technology LTC1535ISW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LTC1535
4
1535fb
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tSJ
Data Sample Jitter
Figure 8, (Note 7)
l
250
285
ns
fMAX
Max Baud Rate
Jitter = 10% Max, SLO = 1, (Note 8)
l
250
410
kBd
tPLH
Driver Input to Output
DE = 1, SLO = 1, Figure 4, Figure 6
DE = 1, SLO = 0, Figure 4, Figure 6
l
l
600
1300
855
1560
ns
ns
tPHL
Driver Input to Output
DE = 1, SLO = 1, Figure 4, Figure 6
DE = 1, SLO = 1, Figure 4, Figure 6
l
l
600
1300
855
1560
ns
ns
tr, tf
Driver Rise or Fall Time
DE = 1, SLO = 1, Figure 4, Figure 6
DE = 1, SLO = 0, VCC = VCC2 = 4.5V
l
l
150
20
500
100
1000
ns
ns
tZH
Driver Enable to Output
DI = 1, SLO = 1, Figure 5, Figure 7
l
1000
1400
ns
tZL
Driver Enable to Output
DI = 0, SLO = 1, Figure 5, Figure 7
l
1000
1400
ns
tLZ
Driver Disable to Output
DI = 0, SLO = 1, Figure 5, Figure 7
l
700
1300
ns
tHZ
Driver Disable to Output
DI = 1, SLO = 1, Figure 5, Figure 7
l
700
1300
ns
tPLH
Receiver Input to RO
RE = 0, Figure 3, Figure 8
l
600
855
ns
tPHL
Receiver Input to RO
RE = 0, Figure 3, Figure 8
l
600
855
ns
tPLH
Receiver Input to RO2
RE = 0, Figure 3, Figure 8
30
ns
tPHL
Receiver Input to RO2
RE = 0, Figure 3, Figure 8
30
ns
tr, tf
Receiver Rise or Fall Time
RE = 0, Figure 3, Figure 8
20
ns
tLZ
Receiver Disable to Output
Figure 3, Figure 9
30
ns
tHZ
Receiver Disable to Output
Figure 3, Figure 9
30
ns
tSTART
Initial Start-Up Time
(Note 9)
1200
ns
tTOF
Data Time-Out Fault
(Note 9)
1200
ns
ST1, ST2 Duty Cycle
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
l
l
56
57
%
%
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VCC2 = 5V, R = 27Ω (RS485) unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: RS422 50Ω specification based on RS485 27Ω test.
Note 3: IIN is tested at VCC2 = 5V, guaranteed by design from
GND2 ≤ VCC2 ≤ 5.25V.
Note 4: Input fault conditions on the RS485 receiver are detected with a
fixed receiver offset. The offset is such that an input short or open will
result in a high data output.
Note 5: The low voltage detect faults when VCC2 or VCC drops below
VUVL and reenables when greater than VUVH. The fault can be monitored
through the weak driver output on RE.
Note 6: Value derived from 1 second test.
Note 7: The input signals are internally sampled and encoded. The internal
sample rate determines the data output jitter since the internal sampling is
asynchronous with respect to the external data. Nominally, a 4MHz internal
sample rate gives 250ns of sampling uncertainty in the input signals.
Note 8: The maximum baud rate is 250kBd with 10% sampling jitter.
Lower baud rates have lower jitter.
Note 9: Start-up time is the time for communication to recover after a fault
condition. Data time-out is the time a fault is indicated on RE after data
communication has stopped.
Note 10: ICC measured with no load, ST1 and ST2 floating.


Similar Part No. - LTC1535ISW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1535ISW LINER-LTC1535ISW Datasheet
247Kb / 16P
   Isolated RS485 Transceiver
More results

Similar Description - LTC1535ISW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1535 LINER-LTC1535 Datasheet
226Kb / 12P
   Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_1 Datasheet
247Kb / 16P
   Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_15 Datasheet
267Kb / 18P
   Isolated RS485 Transceiver
LTM2881 LINER-LTM2881_15 Datasheet
717Kb / 24P
   Complete Isolated RS485/RS422 Module Transceiver Power
LTC3612 LINER-LTC3612 Datasheet
271Kb / 8P
   Isolated RS485/RS422 關Module Transceiver Power
logo
Analog Devices
LTM2885 AD-LTM2885_V01 Datasheet
1Mb / 22P
   6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
logo
Linear Technology
LTM2881 LINER-LTM2881 Datasheet
327Kb / 20P
   Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2885 LINER-LTM2885 Datasheet
1Mb / 22P
   6500VRMS Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_10 Datasheet
462Kb / 22P
   Complete Isolated RS485/RS422 關Module Transceiver Power
logo
List of Unclassifed Man...
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
   Isolated RS485/RS422 Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com