Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2499 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2499
Description  24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2499 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2499_1 Datasheet HTML 5Page - Linear Technology LTC2499_1 Datasheet HTML 6Page - Linear Technology LTC2499_1 Datasheet HTML 7Page - Linear Technology LTC2499_1 Datasheet HTML 8Page - Linear Technology LTC2499_1 Datasheet HTML 9Page - Linear Technology LTC2499_1 Datasheet HTML 10Page - Linear Technology LTC2499_1 Datasheet HTML 11Page - Linear Technology LTC2499_1 Datasheet HTML 12Page - Linear Technology LTC2499_1 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
LTC2499
9
2499fc
TYPICAL PERFORMANCE CHARACTERISTICS
Sleep Mode Current
vs Temperature
Conversion Current
vs Output Data Rate
Integral Nonlinearity (2x Speed
Mode; VCC = 5V, VREF = 5V)
Integral Nonlinearity (2x Speed
Mode; VCC = 5V, VREF = 2.5V)
Integral Nonlinearity (2x Speed
Mode; VCC = 2.7V, VREF = 2.5V)
Noise Histogram
(2x Speed Mode)
TEMPERATURE (°C)
–45
0
0.2
0.6
0.8
1.0
2.0
1.4
–15
15
30
90
2499 G25
0.4
1.6
1.8
1.2
–30
0
45
60
75
VCC = 5V
VCC = 2.7V
fO = GND
OUTPUT DATA RATE (READINGS/SEC)
0
500
450
400
350
300
250
200
150
100
80
2499 G26
20
40
60
100
70
10
30
50
90
VCC = 5V
VCC = 3V
VREF = VCC
IN+ = GND
IN= GND
fO = EXT OSC
TA = 25°C
INPUT VOLTAGE (V)
–3
–1
1
3
–2
0
2
–1.5
–0.5
0.5
1.5
2499 G27
2.5
–2
–2.5
–1
0
1
2
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
fO = GND
25°C, 90°C
–45°C
INPUT VOLTAGE (V)
–3
–1
1
3
–2
0
2
–0.75
–0.25
0.25
0.75
2499 G28
1.25
–1.25
VCC = 5V
VREF = 2.5V
VIN(CM) = 1.25V
fO = GND
85°C
–45°C, 25°C
INPUT VOLTAGE (V)
–3
–1
1
3
–2
0
2
–0.75
–0.25
0.25
0.75
2499 G29
1.25
–1.25
VCC = 2.7V
VREF = 2.5V
VIN(CM) = 1.25V
fO = GND
85°C
–45°C, 25°C
OUTPUT READING (μV)
179
8
10
12
186.2
2499 G30
6
4
181.4
183.8
188.6
2
0
16
14
10,000 CONSECUTIVE
READINGS
VCC = 5V
VREF = 5V
VIN = 0V
TA = 25°C
RMS = 0.85μV
AVERAGE = 0.184mV
VREF (V)
0
0.6
0.8
1.0
4
2499 G31
0.4
0.2
0
1
2
3
5
VCC = 5V
VIN = 0V
VIN(CM) = GND
fO = GND
TA = 25°C
VIN(CM) (V)
–1
180
182
186
188
190
200
194
1
3
4
2499 G32
184
196
198
192
0
2
5
6
VCC = 5V
VREF = 5V
VIN = 0V
fO = GND
TA = 25°C
RMS Noise vs VREF
(2x Speed Mode)
Offset Error vs VIN(CM)
(2x Speed Mode)


Similar Part No. - LTC2499_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2499 LINER-LTC2499_15 Datasheet
1Mb / 34P
   24-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
More results

Similar Description - LTC2499_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2499 LINER-LTC2499 Datasheet
432Kb / 32P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2485 LINER-LTC2485 Datasheet
489Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2497 LINER-LTC2497 Datasheet
403Kb / 28P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499_15 Datasheet
1Mb / 34P
   24-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2498 LINER-LTC2498 Datasheet
469Kb / 36P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2497 LINER-LTC2497_15 Datasheet
617Kb / 30P
   16-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2496 LINER-LTC2496 Datasheet
384Kb / 32P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com