Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN65R62R2BB Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # RN65R62R2BB
Description  RN Series Molded Metal Film High Precision Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

RN65R62R2BB Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  RN65R62R2BB Datasheet HTML 1Page - American Accurate Components, Inc. RN65R62R2BB Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
American Accurate Components, Inc.
RN Series Molded Metal Film High Precision Resistors
The content of this specification may change without notification 1/01/06
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
1
Custom solutions are available.
HOW TO ORDER:
RN
50
E
100K
B
M
Packaging
M = Tape ammo pack (1,000)
B = Bulk (100)
Resistance Tolerance
B = + 0.10%
C = +0.25%
D = +0.50%
F = +1%
G = +2%
J = +5%
Resistance Value
e.g. 100K, 62R2, 30K1
Temperature Coefficient (ppm)
R = +5
S = +10
E = +25
C = +50
J = +100
Style/Length (mm)
50 = 3.8
55 = 6.6
60 = 10.5
65 = 16.0
70 = 20.0
75 = 28.0
Series
Molded Metal Film Precision
DIMENSIONS (mm)
Type
L
D
l
d
RN50
3.8 + 0.5
1.8 + 0.2
30 + 3
0.4 + 0.05
RN55
6.6 + 0.5
3.4 + 0.2
38 + 3
0.6 + 0.05
RN60
10.5 + 0.5
3.9 + 0.2
38 + 3
0.6 + 0.05
RN65
16.0 + 0.5
5.3 + 0.3
38 + 3
0.6 + 0.05
RN70
20.0 + 0.5
7.0 + 0.5
38 + 3
0.8 + 0.05
RN75
28.0 + 0.5
10.0 + 0.5
38 + 3
0.8 + 0.05
SCHEMATIC
STANDARD ELECTRICAL SPECIFICATION
Power Rating
(Watts)
Max Working
Voltage
Resistance Value Range (
Ω) in
Tolerance (%)
Series
70
°C
125
°C
70
°C
125
°C
Max
Overload
Voltage
TCR
(ppm/
°C)
+0.1%
+0.25%
+0.5%
+1%
+2%
+5%
5, 10
49.9 ~ 200K
49.9 ~ 200K
49.9 ~ 200K
RN50
0.10
0.05
200
200
400
25, 50,100
49.9 ~ 200K
30.1 ~ 200K
10.0 ~ 200K
5
49.9 ~ 301K
49.9 ~ 301K
49.9 ~ 301K
10
49.9 ~ 397K
30.1 ~ 397K
30.1 ~ 397K
RN55
0.125
0.10
250
200
400
25, 50,100
10.0 ~ 511K
10.0 ~ 511K
10.0 ~ 511K
5
49.9 ~ 301K
49.9 ~ 301K
49.9 ~ 301K
10
49.9 ~ 511K
30.1 ~ 511K
30.1 ~ 511K
RN60
0.25
0.125
300
250
500
25, 50,100
10.0 ~ 1.00M
10.0 ~ 1.00M
10.0 ~ 1.00M
5
49.9 ~ 397K
49.9 ~ 397K
49.9 ~ 397K
10
49.9 ~ 1.00M
30.1 ~ 1.00M
30.1 ~ 1.00M
RN65
0.50
0.25
350
300
600
25, 50,100
10.0 ~ 1.00M
10.0 ~ 1.00M
10.0 ~ 1.00M
5
49.9 ~ 511K
49.9 ~ 511K
49.9 ~ 511K
10
49.9 ~ 3.52M
30.1 ~ 3.52M
30.1 ~ 3.52M
RN70
0.75
0.50
400
350
700
25, 50,100
10.0 ~ 5.11M
10.0 ~ 5.11M
10.0 ~ 5.11M
5
100 ~ 301K
100 ~ 301K
100 ~ 301K
10
49.9 ~ 1.00M
49.9 ~ 1.00M
49.9 ~ 1.00M
RN75
1.50
1.00
600
500
1000
25, 50,100
49.9 ~ 5.11M
49.9 ~ 5.11M
49.9 ~ 5.11M
FEATURES
High Stability
Tight TCR to +5ppm/ C
Wide Ohmic Range
Tight Tolerances up to +0.1%
Applicable Specifications: JISC 5722,
MIL-R-10509F, F-4, CECC 4001-044


Similar Part No. - RN65R62R2BB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RN65 VISHAY-RN65 Datasheet
160Kb / 5P
   Metal Film Resistors
Revision: 28-Aug-06
logo
API Technologies Corp
RN6576 APITECH-RN6576 Datasheet
69Kb / 1P
   RF AMPLIFIER MODEL
RN6589 APITECH-RN6589 Datasheet
71Kb / 1P
   RF AMPLIFIER MODEL
logo
Vishay Siliconix
RN65C10R0BB14143 VISHAY-RN65C10R0BB14143 Datasheet
154Kb / 5P
   Metal Film Resistors
Revision: 02-May-13
RN65C10R0BB1488 VISHAY-RN65C10R0BB1488 Datasheet
154Kb / 5P
   Metal Film Resistors
Revision: 02-May-13
More results

Similar Description - RN65R62R2BB

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MP55 RIEDON-MP55 Datasheet
189Kb / 2P
   Ultra Precision Molded Metal Film Resistors
logo
American Accurate Compo...
SRN55U100KTM AAC-SRN55U100KTM Datasheet
73Kb / 1P
   SRN Series Ultra Precision Molded Metal Film Resistors
logo
Vishay Siliconix
RCMA VISHAY-RCMA Datasheet
149Kb / 4P
   Molded Metal Film Very High Stability and Precision Resistors
Revision: 12-Sep-14
RCMM VISHAY-RCMM_V01 Datasheet
76Kb / 3P
   Molded Metal Film Resistors
Revision: 27-Jul-2021
RCMM VISHAY-RCMM Datasheet
142Kb / 2P
   Molded Metal Film Resistors
Revision 16-Jul-02
logo
American Accurate Compo...
RN14R2B100KBM AAC-RN14R2B100KBM Datasheet
82Kb / 1P
   RN 14 Series Insulation Coated Metal Film Resistors
logo
Vishay Siliconix
RCMS02 VISHAY-RCMS02_V01 Datasheet
83Kb / 4P
   Molded Metal Film High Stability Resistors
Revision: 27-Jul-2021
logo
Welwyn Components Limit...
RCP WELWYN-RCP Datasheet
132Kb / 2P
   Precision Metal Film Resistors
logo
Riedon Powertron
MF2000 RIEDON-MF2000 Datasheet
301Kb / 2P
   Precision / Metal Film Resistors
logo
TT Electronics.
RC55 TTELEC-RC55 Datasheet
446Kb / 4P
   Precision Metal Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com