Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72902 Datasheet(PDF) 3 Page - Pomona Electronics

Part # 72902
Description  Micro SMD Grabber Test Clips, Holding Rod and Kit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

72902 Datasheet(HTML) 3 Page - Pomona Electronics

  72902 Datasheet HTML 1Page - Pomona Electronics 72902 Datasheet HTML 2Page - Pomona Electronics 72902 Datasheet HTML 3Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Models 72902, 72902-0, 72902-2, 72903
Micro SMD Grabber Test Clips, Holding Rod and Kit
USA:
Sales: 800-490-2361 Technical Support: 800-241-
2060 Fax: 888-403-3360
Europe:
31-(0) 40 2675 150
International
: 425-446-5500
e-mail:
technicalsupport@pomonatest.com
Where to Buy:
www.pomonaelectronics.com
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks
are the property of their respective companies.
Copyright © 2004 1/19/06
72902, 72903 Rev A
Page 3 of 3
Holding Rod For Micro SMD
Grabber Test Clip
Features
Holding rods reinforce SMD Grabber (72902)
connection positions during side-by-side
measurements.
Materials
Black Polyamide
Ordering Information
Model: 72903 Sold 10 per package.


Similar Part No. - 72902

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
7290 FILTRAN-7290 Datasheet
116Kb / 1P
   AUDIO Line Matching Transformer
logo
Pomona Electronics
7290 POMONA-7290 Datasheet
94Kb / 1P
   LumaVolt, Non Contact AC Voltage Detector
logo
Adels-Contact
729001 ADELS-729001 Datasheet
119Kb / 1P
   DR 14 1x7,0
729002 ADELS-729002 Datasheet
115Kb / 1P
   DR 14 RH
729003 ADELS-729003 Datasheet
119Kb / 1P
   DR 14 2x3,0
More results

Similar Description - 72902

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
72906 POMONA-72906 Datasheet
138Kb / 1P
   Mini SMD Grabber Test Clips
5243 POMONA-5243 Datasheet
19Kb / 1P
   Do-It-Yourself SMD Grabber Test Clips
5305 POMONA-5305 Datasheet
32Kb / 1P
   BNC (Female) To SMD Grabber Test Clips
5304 POMONA-5304 Datasheet
35Kb / 1P
   BNC (Male) With Strain Relief To SMD Grabber Test Clips
5360 POMONA-5360 Datasheet
34Kb / 1P
   SMD Grabber Test Clip
6351 POMONA-6351 Datasheet
361Kb / 2P
   8mm Tip Reach, SMD Micro Grabber Test Clip
6442 POMONA-6442 Datasheet
161Kb / 2P
   13mm Tip Reach, SMD Micro Grabber Test Clip
6352 POMONA-6352 Datasheet
481Kb / 2P
   13mm Tip Reach, SMD Micro Grabber Test Clip
6353 POMONA-6353 Datasheet
367Kb / 2P
   2mm Tip Reach, SMD Micro Grabber Test Clip
5301 POMONA-5301 Datasheet
54Kb / 1P
   SMD Grabber Test Clip Patch Cord
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com