Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT2940IMS Datasheet(PDF) 6 Page - Linear Technology

Part # LT2940IMS
Description  Power and Current Monitor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2940IMS Datasheet(HTML) 6 Page - Linear Technology

Back Button LT2940IMS Datasheet HTML 2Page - Linear Technology LT2940IMS Datasheet HTML 3Page - Linear Technology LT2940IMS Datasheet HTML 4Page - Linear Technology LT2940IMS Datasheet HTML 5Page - Linear Technology LT2940IMS Datasheet HTML 6Page - Linear Technology LT2940IMS Datasheet HTML 7Page - Linear Technology LT2940IMS Datasheet HTML 8Page - Linear Technology LT2940IMS Datasheet HTML 9Page - Linear Technology LT2940IMS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT2940
6
2940f
–4
–1500
–1000
–500
0
500
1500
–2
0
2940 G04
24
1000
VPMON = 0V
VPMON = 0.5V
VV • VI (V
2)
VCC ≥ 15V
VV = 40 • VI
VPMON = 4V
–5
–300
–200
–100
0
100
300
05
2940 G05
10
15
20
200
I = 200μA
OUTPUT VOLTAGE (V)
TA = 25°C
VCC = 6V
VCC = 12V
VCC = 30V
I = –200μA
VCC = 6V VCC = 12V
VCC =
30V
0
2.4
2.6
2.8
3.0
3.2
3.6
20
40
2940 G06
60
80
100
3.4
IPMON = 200μA
IIMON = 200μA
IPMON = 0μA
IIMON = 0μA
VCC (V)
IPMON = –200μA
IIMON = –200μA
–300
–300
–200
–100
0
100
300
–200
–100
0
100
2940 G07
200
300
200
VIMON = 0V
VIMON = 0.5V
VI (mV)
VI = VI+ – VI–
OUTPUT CURRENT IS
APPROXIMATELY FLAT
TO ABSOLUTE MAXIMUM
VOLTAGE LIMITS
VI (mV)
–200
1
0
–1
0
200
–2
2
2940 G08
VCC = 12V
VCC = 80V
ONE REPRESENTATIVE UNIT
TEMPERATURE (°C)
–50
–3
–1
0
1
3
0
50
75
–2
2
–25
25
100
125
2949 G09
–200mV ≤ VI ≤ 200mV
VI– = 12V
VCC = 12V
VCC = 80V
VCC = 80V
VCC = 12V
TYPICAL PERFORMANCE CHARACTERISTICS
PMON Current
vs Power Sense Product
PMON and IMON Voltage
Compliance
Supply Current vs Supply Voltage
IMON Current vs Current
Sense Voltage
IMON Total Error vs Current
Sense Voltage
IMON Error Band vs Temperature
PMON Step Response
PMON Step Response
IMON Step Response
500ns/DIV
VIMON
200mV/DIV
2940 G10
RPMON = 2k ON 2VDC BIAS
CL = 8pF
VCC = 12V
TA = 25°C
VV = ±2V
VI = 200mV
250ns/DIV
VIMON
200mV/DIV
2940 G11
RPMON = 2k ON 2VDC BIAS
CL = 8pF
VCC = 12V
TA = 25°C
VI = ±200mV
VV = 2V
250ns/DIV
VIMON
200mV/DIV
2940 G12
RIMON = 2k ON 2VDC BIAS
CL = 8pF
VCC = 12V
TA = 25°C
VI = ±200mV


Similar Part No. - LT2940IMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT2940 LINER-LT2940_15 Datasheet
347Kb / 24P
   Power and Current Monitor
More results

Similar Description - LT2940IMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT2940 LINER-LT2940_15 Datasheet
347Kb / 24P
   Power and Current Monitor
logo
Microchip Technology
UCS2113-C MICROCHIP-UCS2113-C Datasheet
1Mb / 60P
   USB Dual-Port Power Switch and Current Monitor
Revision A November 2020
UCS2112 MICROCHIP-UCS2112 Datasheet
930Kb / 64P
   USB Dual-Port Power Switch and Current Monitor
07/14/15
logo
List of Unclassifed Man...
M02066 ETC2-M02066 Datasheet
681Kb / 20P
   Bias and modulation current monitor
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Microchip Technology
UCS2113 MICROCHIP-UCS2113 Datasheet
900Kb / 62P
   USB Dual-Port Power Switch and Current Monitor
Rev A December 2016
logo
Texas Instruments
INA223 TI-INA223_15 Datasheet
1Mb / 31P
[Old version datasheet]   Analog Output Current Shunt and Voltage Instantaneous Power Monitor
INA220 TI1-INA220 Datasheet
1Mb / 36P
[Old version datasheet]   High- or Low-Side, Bidirectional Current and Power Monitor
INA223 TI1-INA223 Datasheet
1Mb / 31P
[Old version datasheet]   Analog Output Current Shunt and Voltage Instantaneous Power Monitor
logo
Linear Technology
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com