Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3050IDDB Datasheet(PDF) 2 Page - Linear Technology

Part # LT3050IDDB
Description  100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3050IDDB Datasheet(HTML) 2 Page - Linear Technology

  LT3050IDDB Datasheet HTML 1Page - Linear Technology LT3050IDDB Datasheet HTML 2Page - Linear Technology LT3050IDDB Datasheet HTML 3Page - Linear Technology LT3050IDDB Datasheet HTML 4Page - Linear Technology LT3050IDDB Datasheet HTML 5Page - Linear Technology LT3050IDDB Datasheet HTML 6Page - Linear Technology LT3050IDDB Datasheet HTML 7Page - Linear Technology LT3050IDDB Datasheet HTML 8Page - Linear Technology LT3050IDDB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3050
2
3050f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
IN Pin Voltage ........................................................ ±50V
OUT Pin Voltage..................................................... ±50V
Input-to-Output Differential Voltage ....................... ±50V
ADJ Pin Voltage ..................................................... ±50V
REF/BYP Pin Voltage........................................–0.3V, 1V
SHDN Pin Voltage ...................................................±50V
IMON Pin Voltage ..............................................–0.3V, 7V
IMIN Pin Voltage ...............................................–0.3V, 7V
IMAX Pin Voltage...............................................–0.3V, 7V
(Note 1)
1
2
3
4
5
6
REF/BYP
IMIN
FAULT
SHDN
IN
IN
12
11
10
9
8
7
IMON
IMAX
GND
ADJ
OUT
OUT
TOP VIEW
MSE PACKAGE
12-LEAD PLASTIC MSOP
13
GND
TJMAX = 125°C, θJA = 45°C/W, θJC = 5°C/W TO 10°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
TOP VIEW
DDB PACKAGE
12-LEAD (3mm
2mm) PLASTIC DFN
REF/BYP
IMIN
FAULT
SHDN
IN
IN
IMON
IMAX
GND
ADJ
OUT
OUT
13
GND
8
7
10
9
11
12
5
6
4
2
3
1
TJMAX = 125°C, θJA = 49°C/W, θJC = 13.5°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3050EMSE#PBF
LT3050EMSE#TRPBF
3050
12-Lead Plastic MSOP
–40°C to 125°C
LT3050IMSE#PBF
LT3050IMSE#TRPBF
3050
12-Lead Plastic MSOP
–40°C to 125°C
LT3050MPMSE#PBF
LT3050MPMSE#TRPBF
3050
12-Lead Plastic MSOP
–55°C to 125°C
LT3050EDDB#PBF
LT3050EDDB#TRPBF
LFGC
12-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
LT3050IDDB#PBF
LT3050IDDB#TRPBF
LFGC
12-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3050EMSE
LT3050EMSE#TR
3050
12-Lead Plastic MSOP
–40°C to 125°C
LT3050IMSE
LT3050IMSE#TR
3050
12-Lead Plastic MSOP
–40°C to 125°C
LT3050MPMSE
LT3050MPMSE#TR
3050
12-Lead Plastic MSOP
–55°C to 125°C
LT3050EDDB
LT3050EDDB#TR
LFGC
12-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
LT3050IDDB
LT3050IDDB#TR
LFGC
12-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
FAULT Pin Voltage..........................................–0.3V, 50V
Output Short-Circuit Duration .......................... Indefinite
Operating Junction Temperature Range (Notes 2, 3)
E, I Grades .........................................–40°C to 125°C
MP Grade...........................................–55°C to 125°C
Storage Temperature Range...................–65°C to 150°C
Lead Temperature: Soldering, 10 sec.................... 300°C
(MSOP Package Only)


Similar Part No. - LT3050IDDB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050IDDB LINER-LT3050IDDB Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050IDDB-3.3 LINER-LT3050IDDB-3.3 Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050IDDB-3.3-PBF LINER-LT3050IDDB-3.3-PBF Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050IDDB-3.3-TR LINER-LT3050IDDB-3.3-TR Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050IDDB-3.3-TRPBF LINER-LT3050IDDB-3.3-TRPBF Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
More results

Similar Description - LT3050IDDB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050 LINER-LT3050_15 Datasheet
405Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050 LINER-LT3050_10 Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
logo
List of Unclassifed Man...
LT3015ET ETC2-LT3015ET Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
logo
Linear Technology
LT3015 LINER-LT3015 Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3015EDD LINER-LT3015EDD Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
logo
Linear Dimensions Semic...
LT3055 LINEAR_DIMENSIONS-LT3055 Datasheet
1Mb / 24P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Linear Technology
LT3055 LINER-LT3055 Datasheet
263Kb / 6P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
LT3055 LINER-LT3055_15 Datasheet
511Kb / 26P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Union Semiconductor, In...
UM1431 UNIONSEMI-UM1431 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
logo
Linear Technology
LT3065 LINER-LT3065_15 Datasheet
590Kb / 28P
   45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com