Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72993 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 72993
Description  SMB JACK R/A CRIMP, RG179, 187
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

72993 Datasheet(HTML) 1 Page - Pomona Electronics

  72993 Datasheet HTML 1Page - Pomona Electronics 72993 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Model 72993
SMB JACK R/A CRIMP, RG179, 187
Technical Support: technicalsupport@pomonatest.com
Fax: 425-446-5844
Europe:
31-(0) 40 2675 150
International
: 425-446-5500
Where to Buy:
www.pomonaelectronics.com
.xxx = ± .005” (.127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks
are the property of their respective companies.
D2003431 REV 001
Copyright © 2007 11/21/2007
Page 1 of 2
USA:
Sales: 800-490-2361
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (.51 mm),
Model 72993 SMB JACK R/A CRIMP, RG179, 187
Snap-on coupling and small
size for fast connect and
disconnect.
Features
DC - 1 GHz bandwidth.
Meets MIL-C-39012, IEC 60169-1Q,
BS9210N0007, NFC93650, CECC 22130.
Small size and durability for RF coaxial
applications.
Precision machined and gold-plated for low loss.
Materials
Body is machined brass with gold plating.
Center contacts – Plug is gold plated brass and
Jack is gold plated beryllium copper.
High quality PTFE insulators.
Crimp Ferrules are nickel plated copper.
Silicone rubber gaskets.
Specifications
Impedance
75 Ω
Frequency Range
DC - 1 GHz
VSWR
1.5 max.
Working Voltage
250 Vrms max.
Dielectric withstand voltage
750 Vrms
Center / Outer contact
resistance
6 / 1 mΩ
Number of insertions
500 cycles min.
Insulation resistance
1,000 MΩ min.
Temperature Range
-65˚ C to 165˚ C, -85˚
F to 329˚ F
Ordering Information
Model: 72993
Description: SMB JACK R/A CRIMP, RG179, 187


Similar Part No. - 72993

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
72991 POMONA-72991 Datasheet
148Kb / 2P
   SMB JACK R/A CRIMP, RG178, 196
72992 POMONA-72992 Datasheet
172Kb / 2P
   SMB JACK R/A CRIMP, RG174, 188, 316
72995 POMONA-72995 Datasheet
121Kb / 1P
   SMB PLUG STRAIGHT PCB RECEPTACLE
72996 POMONA-72996 Datasheet
120Kb / 1P
   SMB JACK STRAIGHT PCB RECEPTACLE
72997 POMONA-72997 Datasheet
126Kb / 1P
   SMB PLUG R/A PCB RECEPTACLE
More results

Similar Description - 72993

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
72989 POMONA-72989 Datasheet
148Kb / 2P
   SMB PLUG R/A CRIMP, RG179, 187
72985 POMONA-72985 Datasheet
151Kb / 2P
   SMB JACK STRAIGHT CRIMP, RG179, 187
73001 POMONA-73001 Datasheet
158Kb / 2P
   SMB BULKHEAD PLUG, RG179, 187
72991 POMONA-72991 Datasheet
148Kb / 2P
   SMB JACK R/A CRIMP, RG178, 196
72992 POMONA-72992 Datasheet
172Kb / 2P
   SMB JACK R/A CRIMP, RG174, 188, 316
72982 POMONA-72982 Datasheet
150Kb / 2P
   SMB STRAIGHT PLUG CRIMP, RG179, 196
72998 POMONA-72998 Datasheet
140Kb / 1P
   SMB JACK R/A PCB RECEPTACLE
73012 POMONA-73012 Datasheet
151Kb / 2P
   MCX JACK STRAIGHT CRIMP, RG179
logo
Pasternack Enterprises,...
PE44872 PASTERNACK-PE44872 Datasheet
253Kb / 3P
   75 Ohm SMB Jack Connector Crimp-Solder Attachment For RG179, RG187
logo
Pomona Electronics
72987 POMONA-72987 Datasheet
144Kb / 2P
   SMB PLUG R/A CRIMP, RG178, 196
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com