Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2634IUD-LZ8TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2634IUD-LZ8TRPBF
Description  Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2634IUD-LZ8TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2634IUD-LZ8TRPBF Datasheet HTML 3Page - Linear Technology LTC2634IUD-LZ8TRPBF Datasheet HTML 4Page - Linear Technology LTC2634IUD-LZ8TRPBF Datasheet HTML 5Page - Linear Technology LTC2634IUD-LZ8TRPBF Datasheet HTML 6Page - Linear Technology LTC2634IUD-LZ8TRPBF Datasheet HTML 7Page - Linear Technology LTC2634IUD-LZ8TRPBF Datasheet HTML 8Page - Linear Technology LTC2634IUD-LZ8TRPBF Datasheet HTML 9Page - Linear Technology LTC2634IUD-LZ8TRPBF Datasheet HTML 10Page - Linear Technology LTC2634IUD-LZ8TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LTC2634
7
2634fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VOUT unloaded unless otherwise specified.
LTC2634-LMI12/-LMI10/-LMI8/-LMX12/-LMX10/-LMX8/-LZ12/-LZ10/-LZ8 (VFS = 2.5V)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
t1
SDI Valid to SCK Setup
l
4ns
t2
SDI Valid to SCK Hold
l
4ns
t3
SCK High Time
l
9ns
t4
SCK Low Time
l
9ns
t5
CS/LD Pulse Width
l
10
ns
t6
LSB SCK High to CS/LD High
l
7ns
t7
CS/LD Low to SCK High
l
7ns
t8
CLR Pulse Width
l
20
ns
t9
LDAC Pulse Width
l
15
ns
t10
CS/LD High to SCK Positive Edge
l
7ns
SCK Frequency
50% Duty Cycle
l
50
MHz
t11
CS/LD High to LDAC High or Low Transition
l
200
ns
t12
SDO Propagation Delay from SCK Falling Edge
CLOAD = 10pF
VCC = 4.5V to 5.5V
VCC = 2.7V to 5.5V
l
l
20
45
ns
ns


Similar Part No. - LTC2634IUD-LZ8TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2634IUD-LZ8TRPBF LINER-LTC2634IUD-LZ8TRPBF Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
More results

Similar Description - LTC2634IUD-LZ8TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
LTC2654 LINER-LTC2654 Datasheet
339Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655 Datasheet
363Kb / 28P
   Quad I짼C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2656 LINER-LTC2656 Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_1 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2654 LINER-LTC2654_15 Datasheet
353Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2657 LINER-LTC2657 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_15 Datasheet
368Kb / 28P
   Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com