Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DE375-102N12A Datasheet(PDF) 5 Page - IXYS Corporation

Part # DE375-102N12A
Description  RF Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DE375-102N12A Datasheet(HTML) 5 Page - IXYS Corporation

  DE375-102N12A Datasheet HTML 1Page - IXYS Corporation DE375-102N12A Datasheet HTML 2Page - IXYS Corporation DE375-102N12A Datasheet HTML 3Page - IXYS Corporation DE375-102N12A Datasheet HTML 4Page - IXYS Corporation DE375-102N12A Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DE375-102N12A
RF Power MOSFET
102N12A DE-SERIES SPICE Model
The DE-SERIES SPICE Model is illustrated in Figure 7. The model is an expansion of the
SPICE level 3 MOSFET model. It includes the stray inductive terms LG, LS and LD. Rd is the
RDS(ON) of the device, Rds is the resistive leakage term. The output capacitance, COSS, and
reverse transfer capacitance, CRSS are modeled with reversed biased diodes. This provides
a varactor type response necessary for a high power device model. The turn on delay and
the turn off delay are adjusted via Ron and Roff.
Figure 7 DE-SERIES SPICE Model
This SPICE model may be downloaded as a text file from the IXYSRF web site at
http://www.ixysrf.com/products/switch_mode.html
http://www.ixysrf.com/spice/de375-102n12a.html
Net List:
.SUBCKT 102N12A 10 20 30
* TERMINALS: D G S
* 1000 Volt 12 Amp 0.95 ohm N-Channel Power MOSFET
* REV.A 01-09-02
M1 1 2 3 3 DMOS L=1U W=1U
RON 5 6 0.3
DON 6 2 D1
ROF 5 7 .1
DOF 2 7 D1
D1CRS 2 8 D2
D2CRS 1 8 D2
CGS 2 3 2.5N
RD
4 1 0.95
DCOS 3 1 D3
RDS 1 3 5.0MEG
LS
3 30 .5N
LD 10 4 1N
LG 20 5 1N
.MODEL DMOS NMOS (LEVEL=3 VTO=3.0 KP=3.8)
.MODEL D1 D (IS=.5F CJO=1P BV=100 M=.5 VJ=.6 TT=1N)
.MODEL D2 D (IS=.5F CJO=400P BV=1000 M=.4 VJ=.6 TT=400N RS=10M)
.MODEL D3 D (IS=.5F CJO=900P BV=1000 M=.3 VJ=.4 TT=400N RS=10M)
.ENDS
An
IXYS
Company
2401 Research Blvd., Suite 108
Fort Collins, CO USA 80526
970-493-1901 Fax: 970-493-1903
Email: sales@ixyscolorado.com
Web: http://www.ixyscolorado.com
Doc #9200-0249 Rev 6
© 2009 IXYS RF


Similar Part No. - DE375-102N12A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DE375-102N12A ETC1-DE375-102N12A Datasheet
90Kb / 3P
   RF POWER MOSFET
More results

Similar Description - DE375-102N12A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET Broadband RF Power MOSFET
logo
IXYS Corporation
IXZ210N50L IXYS-IXZ210N50L_07 Datasheet
326Kb / 9P
   RF Power MOSFET
DE275-501N16A IXYS-DE275-501N16A Datasheet
162Kb / 5P
   RF Power MOSFET
logo
Advanced Power Technolo...
ARF1518 ADPOW-ARF1518 Datasheet
100Kb / 3P
   RF POWER MOSFET
logo
IXYS Corporation
DE275X2-501N16A IXYS-DE275X2-501N16A Datasheet
175Kb / 4P
   RF Power MOSFET
DE375-102N10A IXYS-DE375-102N10A Datasheet
157Kb / 3P
   RF Power MOSFET
IXZ12210N50L IXYS-IXZ12210N50L Datasheet
304Kb / 4P
   RF Power MOSFET
DE150-102N02A IXYS-DE150-102N02A Datasheet
168Kb / 4P
   RF Power MOSFET
IXZH10N50LA IXYS-IXZH10N50LA Datasheet
266Kb / 9P
   RF Power MOSFET
logo
Advanced Semiconductor
MRF185 ASI-MRF185 Datasheet
37Kb / 1P
   RF POWER MOSFET
BLF245 ASI-BLF245 Datasheet
21Kb / 1P
   RF POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com