Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3107EAG+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3107EAG+
Description  SPI/I2C UART with 128-Word FIFOs and Internal Oscillator
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3107EAG+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3107EAG+ Datasheet HTML 5Page - Maxim Integrated Products MAX3107EAG+ Datasheet HTML 6Page - Maxim Integrated Products MAX3107EAG+ Datasheet HTML 7Page - Maxim Integrated Products MAX3107EAG+ Datasheet HTML 8Page - Maxim Integrated Products MAX3107EAG+ Datasheet HTML 9Page - Maxim Integrated Products MAX3107EAG+ Datasheet HTML 10Page - Maxim Integrated Products MAX3107EAG+ Datasheet HTML 11Page - Maxim Integrated Products MAX3107EAG+ Datasheet HTML 12Page - Maxim Integrated Products MAX3107EAG+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
_______________________________________________________________________________________ 9
SPI/I2C UART with 128-Word FIFOs
and Internal Oscillator
AC ELECTRICAL CHARACTERISTICS (continued)
(VA = +2.35V to +3.6V, VL = +1.71V to +3.6V, VEXT = +1.71V to +3.6V, TA = -40NC to +85NC, unless otherwise noted. Typical values
are at VA = +2.8V, VL = +1.8V, VEXT = +2.5V, TA = +25NC.) (Note 2)
Note 2: All devices are production tested at TA = +25NC. Specifications over temperature are guaranteed by design.
Note 3: Not production tested. Guaranteed by design.
Note 4: When V18 is powered by an external voltage regulator, the external power supply must have current capability above or
equal to I18.
Note 5: CB is the total capacitance of either the clock or data line of the synchronous bus in pF.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Data Setup Time
tSU:DAT
Standard mode
250
ns
Fast mode
100
Setup Time for Repeated START
(Sr) Condition
tSU:STA
Standard mode
4.7
F
s
Fast mode
0.6
Rise Time of SDA and SCL
Signals Receiving
tR
Standard mode (0.3 x VL to 0.7 x VL)
(Note 5)
20 +
0.1CB
1000
ns
Fast mode (0.3 x VL to 0.7 x VL) (Note 5)
20 +
0.1CB
300
Fall Time of SDA and SCL
Signals
tF
Standard mode (0.7 x VL to 0.3 x VL)
(Note 5)
20 +
0.1CB
300
ns
Fast mode (0.7 x VL to 0.3 x VL) (Note 5)
20 +
0.1CB
300
Setup Time for STOP (P)
Condition
tSU:STO
Standard mode
4.7
F
s
Fast mode
0.6
Capacitive Load for SDA and
SCL (Note 3)
CB
Standard mode
400
pF
Fast mode
400
I/O Capacitance (SCL, SDA)
CI/O
10
pF
Pulse Width of Spike
Suppressed
tSP
50
ns
SPI BUS: TIMING CHARACTERISTICS (see Figure 2)
SCLK Clock Period
tCH+CL
38.4
ns
SCLK Pulse-Width High
tCH
16
ns
SCLK Pulse-Width Low
tCL
16
ns
CS Fall to SCLK Rise Time
tCSS
0
ns
DIN Hold Time
tDH
3
ns
DIN Setup Time
tDS
5
ns
Output Data Propagation Delay
tDO
20
ns
DOUT Rise and Fall Times
tFT
10
ns
CS Hold Time
tCSH
32
ns


Similar Part No. - MAX3107EAG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3107EAG++ MAXIM-MAX3107EAG+ Datasheet
2Mb / 52P
   SPI/I2C UART with 128-Word FIFOs and Internal Oscillator
Rev 2; 4/10
More results

Similar Description - MAX3107EAG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3107 MAXIM-MAX3107_10 Datasheet
2Mb / 52P
   SPI/I2C UART with 128-Word FIFOs and Internal Oscillator
Rev 2; 4/10
MAX3107 MAXIM-MAX3107_15 Datasheet
1Mb / 52P
   SPI/I2C UART with 128-Word FIFOs
Rev 7; 5/15
MAX3107 MAXIM-MAX3107_11 Datasheet
2Mb / 52P
   SPI/I2C UART with 128-Word FIFOs
Rev 3; 8/11
MAX3108A MAXIM-MAX3108A Datasheet
1Mb / 56P
   SPI/I2C UART with 128-Word FIFOs in WLP
19-6449; Rev 1; 2/15
MAX3108 MAXIM-MAX3108 Datasheet
2Mb / 56P
   SPI/I2C UART with 128-Word FIFOs in WLP
Rev 1; 2/11
MAX3108 MAXIM-MAX3108_V01 Datasheet
2Mb / 56P
   SPI/I2C UART with 128-Word FIFOs in WLP
19-5723; Rev 2; 1/13
MAX14830 MAXIM-MAX14830_V01 Datasheet
1Mb / 68P
   Quad Serial UART with 128-Word FIFOs
19-5547; Rev 7; 2/16
MAX3109 MAXIM-MAX3109_V01 Datasheet
2Mb / 66P
   Dual Serial UART with 128-Word FIFOs
19-5806; Rev 6; 8/20
MAX3109 MAXIM-MAX3109_15 Datasheet
1Mb / 66P
   Dual Serial UART with 128-Word FIFOs
Rev 3; 2/15
MAX14830 MAXIM-MAX14830_15 Datasheet
2Mb / 68P
   Quad Serial UART with 128-Word FIFOs
Rev 5; 2/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com